Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC16DX370RME25 Datasheet(PDF) 37 Page - Texas Instruments

Part # ADC16DX370RME25
Description  ADC16DX370 Dual 16-Bit 370 MSPS ADC
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC16DX370RME25 Datasheet(HTML) 37 Page - Texas Instruments

Back Button ADC16DX370RME25 Datasheet HTML 33Page - Texas Instruments ADC16DX370RME25 Datasheet HTML 34Page - Texas Instruments ADC16DX370RME25 Datasheet HTML 35Page - Texas Instruments ADC16DX370RME25 Datasheet HTML 36Page - Texas Instruments ADC16DX370RME25 Datasheet HTML 37Page - Texas Instruments ADC16DX370RME25 Datasheet HTML 38Page - Texas Instruments ADC16DX370RME25 Datasheet HTML 39Page - Texas Instruments ADC16DX370RME25 Datasheet HTML 40Page - Texas Instruments ADC16DX370RME25 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 77 page
background image
ADC16DX370
www.ti.com
SNVSA18C – APRIL 2014 – REVISED AUGUST 2014
8.5.1 Register Descriptions
Table 7. CONFIG_A
CONFIG_A
Address: 0x0000
Default: 0x3C
Bit
Bit Name
Read or Write
Def
Description
[7]
SR
Read or write
0
Setting this soft reset bit causes all registers to be reset to their default
state. This bit is self-clearing.
[6]
Reserved
Read or write
0
Reserved and must be written with 0.
[5]
ASCEND
Read or write
1
Order of address change during streaming reads or writes.
0 : Address is decremented during streaming reads or writes.
1 : Address is incremented during streaming reads or writes (default).
[4]
Reserved
Read
1
Reserved and must be written with 1.
[3:0]
PAL[3:0]
Read or write
1100
Palindrome bits are bit 3 = bit 4, bit 2 = bit 5, bit 1 = bit 6, and bit 0 =
bit 7.
Table 8. DEVICE CONFIG
DEVICE CONFIG
Address: 0x0002
Default: 0x00
Bit
Bit Name
Read or Write
Def
Description
[7:2]
Reserved
Read or write
000000
Reserved and must be written with 000000.
[1:0]
PD_MODE
Read or write
00
Power-down mode
[1:0]
00 : Normal operation (default)
01 : Reserved
10 : Sleep operation (faster resume)
11 : Power-down (slower resume)
Table 9. CHIP_TYPE
CHIP_TYPE
Address: 0x0003
Default: 0x03
Bit
Bit Name
Read or Write
Def
Description
[7:4]
Reserved
Read or write
0000
Reserved and must be written with 0000.
[3:0]
CHIP_TYPE[3:
Read
0011
Chip type that always returns 0x3, indicating that the part is a high-
0]
speed ADC
Table 10. CHIP_ID
CHIP_ID
Addresses: [0x0005, 0x0004]
Default: [0x00, 0x02]
Bit
Bit Name
Read or Write
Def
Description
0x0004[7:0]
CHIP_ID[7:0]
Read
0x02
Chip ID least significant word
0x0005[7:0]
CHIP_ID[15:8]
Read
0x00
Chip ID most significant word
Table 11. CHIP_VERSION
CHIP_VERSION
Address: 0x0006
Default: 0x01
Bit
Bit Name
Read or Write
Def
Description
[7:0]
CHIP_VERSIO
Read
0x01
Chip version
N[7:0]
Table 12. VENDOR_ID
VENDOR_ID
Addresses: [0x000D, 0x000C]
Default: [0x04, 0x51]
Bit
Bit Name
Read or Write
Def
Description
0x000C[7:0]
VENDOR_ID[7
Read
0x51
Vendor ID. Texas Instruments vendor ID is 0x0451.
:0]
0x000D[7:0]
VENDOR_ID[1
Read
0x04
5:8]
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: ADC16DX370


Similar Part No. - ADC16DX370RME25

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC16DV160 NSC-ADC16DV160 Datasheet
710Kb / 26P
   Dual Channel, 16-Bit, 160 MSPS Analog-to-Digital Converter with DDR LVDS Outputs
logo
Texas Instruments
ADC16DV160 TI1-ADC16DV160 Datasheet
1Mb / 36P
[Old version datasheet]   Dual Channel, 16-Bit, 160 MSPS Analog-to-Digital Converter with DDR LVDS Outputs
ADC16DV160 TI1-ADC16DV160 Datasheet
1Mb / 38P
[Old version datasheet]   160 MSPS Analog-to-Digital Converter
logo
National Semiconductor ...
ADC16DV160CILQ NSC-ADC16DV160CILQ Datasheet
710Kb / 26P
   Dual Channel, 16-Bit, 160 MSPS Analog-to-Digital Converter with DDR LVDS Outputs
logo
Texas Instruments
ADC16DV160CILQ/NOPB TI1-ADC16DV160CILQ/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   160 MSPS Analog-to-Digital Converter
More results

Similar Description - ADC16DX370RME25

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9460 AD-AD9460 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 49P
   16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
AD9460 AD-AD9460_15 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD7671 AD-AD7671_15 Datasheet
675Kb / 24P
   16-Bit, 1 MSPS CMOS ADC
REV. C
AD7623 AD-AD7623 Datasheet
444Kb / 29P
   16-Bit, 1.33 MSPS PulSAR ADC
AD9446 AD-AD9446_17 Datasheet
707Kb / 37P
   16-Bit, 80/100 MSPS ADC
AD7671ASTZ AD-AD7671ASTZ Datasheet
675Kb / 24P
   16-Bit, 1 MSPS CMOS ADC
REV. C
AD9446-80LVDS AD-AD9446-80LVDS Datasheet
959Kb / 36P
   16-Bit, 80/100 MSPS ADC
REV. 0
AD7671 AD-AD7671 Datasheet
590Kb / 25P
   16-Bit, 1 MSPS CMOS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com