Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC16DX370 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADC16DX370
Description  ADC16DX370 Dual 16-Bit 370 MSPS ADC
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC16DX370 Datasheet(HTML) 5 Page - Texas Instruments

  ADC16DX370 Datasheet HTML 1Page - Texas Instruments ADC16DX370 Datasheet HTML 2Page - Texas Instruments ADC16DX370 Datasheet HTML 3Page - Texas Instruments ADC16DX370 Datasheet HTML 4Page - Texas Instruments ADC16DX370 Datasheet HTML 5Page - Texas Instruments ADC16DX370 Datasheet HTML 6Page - Texas Instruments ADC16DX370 Datasheet HTML 7Page - Texas Instruments ADC16DX370 Datasheet HTML 8Page - Texas Instruments ADC16DX370 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 77 page
background image
AGND
VA3.0
+
-
SYSREF+
SYSREF-
1k:
0.5V
1k:
10k:
AGND
VA1.2
AGND
VA3.0
SYNC+
50:
50:
SYNC-
1k:
2.5V
AGND
2k:
2k:
34k:
34k:
3pF
1k:
2.5V
VA3.0
+
-
SDO
80:
80:
VA3.0
VA1.2
ADC16DX370
www.ti.com
SNVSA18C – APRIL 2014 – REVISED AUGUST 2014
Pin Functions (continued)
PIN
TYPE OR DIAGRAM
DESCRIPTION
NAME
NUMBER
SPI serial clock pin
Serial data is shifted into and out of the device
SCLK
53
synchronous with this clock signal. Compatible with
1.2- to 3.0-V CMOS logic levels.
SPI data input pin
Serial data is shifted into the device on this pin while
SDI
47
the CSB signal is asserted. Compatible with 1.2- to
3.0-V CMOS logic levels.
SPI data output pin
Serial data is shifted out of the device on this pin
during a read command while CSB is asserted. The
SDO
48
output logic level is configurable as 1.2, 1.8, 2.5, or 3.0
V. The output level must be configured after power up
and before performing a read command. See the
Register Descriptions for configuration details.
Differential SYNCb signal input pins
DC coupling is required for coupling the SYNCb signal
to these pins. Each pin is internally terminated to the
DC bias with a large resistor. An internal 100-
Ω
differential termination is provided therefore an external
SYNCb+, SYNCb–
27, 28
termination is not required. Additional resistive
components in the input structure give the SYNCb
input a wide input common-mode range. The SYNCb
signal is active low and therefore asserted when the
voltage at SYNCb+ is less than at SYNCb–.
Differential SYSREF signal input pins
Each pin is internally terminated to a DC bias with a 1-
k
Ω resistor. An external 100-Ω differential termination
must always be provided. AC coupling using capacitors
SYSREF+,
23, 24
is required for coupling the SYSREF signal to these
SYSREF–
pins if the clock driver cannot meet the common-mode
requirements. In the case of AC coupling, the
termination must be placed on the source side of the
coupling capacitors.
1.2-V analog power supply pins
These pins must be connected to a quiet source and
VA1.2
8, 21, 30, 50
Supply input pin
decoupled to AGND with a 0.1-
μF and 0.01-μF
capacitor located close to each pin.
1.8-V analog power supply pins
7, 15, 20, 29,
These pins must be connected to a quiet source and
VA1.8
Supply input pin
51, 56
decoupled to AGND with a 0.1-
μF and 0.01-μF
capacitor located close to each pin.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC16DX370


Similar Part No. - ADC16DX370

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC16DV160 NSC-ADC16DV160 Datasheet
710Kb / 26P
   Dual Channel, 16-Bit, 160 MSPS Analog-to-Digital Converter with DDR LVDS Outputs
logo
Texas Instruments
ADC16DV160 TI1-ADC16DV160 Datasheet
1Mb / 36P
[Old version datasheet]   Dual Channel, 16-Bit, 160 MSPS Analog-to-Digital Converter with DDR LVDS Outputs
ADC16DV160 TI1-ADC16DV160 Datasheet
1Mb / 38P
[Old version datasheet]   160 MSPS Analog-to-Digital Converter
logo
National Semiconductor ...
ADC16DV160CILQ NSC-ADC16DV160CILQ Datasheet
710Kb / 26P
   Dual Channel, 16-Bit, 160 MSPS Analog-to-Digital Converter with DDR LVDS Outputs
logo
Texas Instruments
ADC16DV160CILQ/NOPB TI1-ADC16DV160CILQ/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   160 MSPS Analog-to-Digital Converter
More results

Similar Description - ADC16DX370

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9460 AD-AD9460 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 49P
   16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
AD9460 AD-AD9460_15 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD7671 AD-AD7671_15 Datasheet
675Kb / 24P
   16-Bit, 1 MSPS CMOS ADC
REV. C
AD7623 AD-AD7623 Datasheet
444Kb / 29P
   16-Bit, 1.33 MSPS PulSAR ADC
AD9446 AD-AD9446_17 Datasheet
707Kb / 37P
   16-Bit, 80/100 MSPS ADC
AD7671ASTZ AD-AD7671ASTZ Datasheet
675Kb / 24P
   16-Bit, 1 MSPS CMOS ADC
REV. C
AD9446-80LVDS AD-AD9446-80LVDS Datasheet
959Kb / 36P
   16-Bit, 80/100 MSPS ADC
REV. 0
AD7671 AD-AD7671 Datasheet
590Kb / 25P
   16-Bit, 1 MSPS CMOS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com