Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC14155 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14155
Description  155 MSPS, 1.1 GHz Bandwidth A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14155 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADC14155 Datasheet HTML 7Page - Texas Instruments ADC14155 Datasheet HTML 8Page - Texas Instruments ADC14155 Datasheet HTML 9Page - Texas Instruments ADC14155 Datasheet HTML 10Page - Texas Instruments ADC14155 Datasheet HTML 11Page - Texas Instruments ADC14155 Datasheet HTML 12Page - Texas Instruments ADC14155 Datasheet HTML 13Page - Texas Instruments ADC14155 Datasheet HTML 14Page - Texas Instruments ADC14155 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
tf
tr
tOD
Clock N
Clock N + 8
Sample N + 8
tAD
Sample N + 7
Sample N
Sample N + 9
Sample N + 10
Sample N + 11
CLK
VIN
D0 - D13
tCH
tCL
Data N + 2
Data N - 1
90%
10%
90%
10%
1
fCLK
Data N
Latency
Data N + 1
DRDY
tH
tSU
ADC14155
www.ti.com
SNAS350I – APRIL 2006 – REVISED APRIL 2013
SIGNAL TO NOISE RATIO (SNR) is the ratio, expressed in dB, of the rms value of the input signal to the rms
value of the sum of all other spectral components below one-half the sampling frequency, not including
harmonics or DC.
SIGNAL TO NOISE PLUS DISTORTION (S/N+D or SINAD) Is the ratio, expressed in dB, of the rms value of the
input signal to the rms value of all of the other spectral components below half the clock frequency, including
harmonics but excluding d.c.
SPURIOUS FREE DYNAMIC RANGE (SFDR) is the difference, expressed in dB, between the rms values of the
input signal and the peak spurious signal, where a spurious signal is any signal present in the output spectrum
that is not present at the input.
TOTAL HARMONIC DISTORTION (THD) is the ratio, expressed in dB, of the rms total of the first nine harmonic
levels at the output to the level of the fundamental at the output. THD is calculated as
where
f1 is the RMS power of the fundamental (output) frequency and f2 through f10 are the RMS power of the first 9
harmonic frequencies in the output spectrum.
(3)
SECOND HARMONIC DISTORTION (2ND HARM) is the difference expressed in dB, between the RMS power in
the input frequency at the output and the power in its 2nd harmonic level at the output.
THIRD HARMONIC DISTORTION (3RD HARM) is the difference, expressed in dB, between the RMS power in
the input frequency at the output and the power in its 3rd harmonic level at the output.
Timing Diagram
Figure 3. Output Timing
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADC14155


Similar Part No. - ADC14155

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC14155 NSC-ADC14155 Datasheet
722Kb / 19P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
logo
Texas Instruments
ADC14155 TI1-ADC14155 Datasheet
551Kb / 14P
[Old version datasheet]   selecting amplifiers, adcs, and clocks for high-performance signal paths
logo
National Semiconductor ...
ADC14155CISQ NSC-ADC14155CISQ Datasheet
722Kb / 19P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
ADC14155EB NSC-ADC14155EB Datasheet
722Kb / 19P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
logo
Texas Instruments
ADC14155HCVAL TI1-ADC14155HCVAL Datasheet
755Kb / 34P
[Old version datasheet]   14-Bit, 155-MSPS, 1.1-GHz Bandwidth A/D Converter
More results

Similar Description - ADC14155

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC14155QML NSC-ADC14155QML Datasheet
1Mb / 26P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
logo
Texas Instruments
ADC14155QML-SP TI1-ADC14155QML-SP_18 Datasheet
755Kb / 34P
[Old version datasheet]   14-Bit, 155-MSPS, 1.1-GHz Bandwidth A/D Converter
logo
National Semiconductor ...
ADC14155 NSC-ADC14155 Datasheet
722Kb / 19P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
logo
Texas Instruments
ADC14V155 TI1-ADC14V155_14 Datasheet
1Mb / 29P
[Old version datasheet]   155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC14155QML-SP TI-ADC14155QML-SP Datasheet
651Kb / 30P
[Old version datasheet]   ADC14155QML 14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
logo
National Semiconductor ...
ADC14V155 NSC-ADC14V155_08 Datasheet
430Kb / 22P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC14V155 NSC-ADC14V155_09 Datasheet
487Kb / 24P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
logo
Texas Instruments
ADC12C170 TI1-ADC12C170 Datasheet
1Mb / 29P
[Old version datasheet]   1.1 GHz Bandwidth A/D Converter
ADC11C125 TI1-ADC11C125 Datasheet
1Mb / 29P
[Old version datasheet]   125 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
logo
National Semiconductor ...
ADC12C170_0708 NSC-ADC12C170_0708 Datasheet
426Kb / 22P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com