Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC14155 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14155
Description  155 MSPS, 1.1 GHz Bandwidth A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14155 Datasheet(HTML) 4 Page - Texas Instruments

  ADC14155 Datasheet HTML 1Page - Texas Instruments ADC14155 Datasheet HTML 2Page - Texas Instruments ADC14155 Datasheet HTML 3Page - Texas Instruments ADC14155 Datasheet HTML 4Page - Texas Instruments ADC14155 Datasheet HTML 5Page - Texas Instruments ADC14155 Datasheet HTML 6Page - Texas Instruments ADC14155 Datasheet HTML 7Page - Texas Instruments ADC14155 Datasheet HTML 8Page - Texas Instruments ADC14155 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
DRGND
VDR
DGND
VA
AGND
VA
AGND
VA
ADC14155
SNAS350I – APRIL 2006 – REVISED APRIL 2013
www.ti.com
PIN DESCRIPTIONS AND EQUIVALENT CIRCUITS (continued)
Pin No.
Symbol
Equivalent Circuit
Description
DIGITAL I/O
11
CLK+
The clock input pins can be configured to accept either a single-
ended or a differential clock input signal.
When the single-ended clock mode is selected through CLK_SEL/DF
(pin 8), connect the clock input signal to the CLK+ pin and connect
the CLK
− pin to AGND.
When the differential clock mode is selected through CLK_SEL/DF
(pin 8), connect the positive and negative clock inputs to the CLK+
and CLK
− pins, respectively.
12
CLK
The analog input is sampled on the falling edge of the clock input.
This is a four-state pin controlling the input clock mode and output
data format.
CLK_SEL/DF = VA, CLK+ and CLK− are configured as a differential
clock input. The output data format is 2's complement.
CLK_SEL/DF = (2/3)*VA, CLK+ and CLK− are configured as a
differential clock input. The output data format is offset binary.
8
CLK_SEL/DF
CLK_SEL/DF = (1/3)*VA, CLK+ is configured as a single-ended clock
input and CLK
− should be tied to AGND. The output data format is
2's complement.
CLK_SEL/DF = AGND, CLK+ is configured as a single-ended clock
input and CLK
− should be tied to AGND. The output data format is
offset binary.
This is a two-state input controlling Power Down.
PD = VA, Power Down is enabled. In the Power Down state only the
7
PD
reference voltage circuitry remains active and power dissipation is
reduced.
PD = AGND, Normal operation.
Digital data output pins that make up the 14-bit conversion result. D0
17-24,
D0–D13
(pin 17) is the LSB, while D13 (pin 32) is the MSB of the output
27-32
word. Output levels are CMOS compatible.
Over-Range Indicator. This output is set HIGH when the input
33
OVR
amplitude exceeds the 14-bit conversion range (0 to 16383).
Data Ready Strobe. This pin is used to clock the output data. It has
the same frequency as the sampling clock. One word of data is
output in each cycle of this signal. The rising edge of this signal
34
DRDY
should be used to capture the output data.
ANALOG POWER
Positive analog supply pins. These pins should be connected to a
1, 6, 9, 37,
VA
quiet +3.3V source and be bypassed to AGND with 100 pF and 0.1
40, 41, 48
µF capacitors located close to the power pins.
2, 5, 10, 38,
The ground return for the analog supply.
39, 42, 47,
AGND
Note: Exposed pad on bottom of package must be soldered to
Exposed Pad
ground plane to ensure rated performance.
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: ADC14155


Similar Part No. - ADC14155

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC14155 NSC-ADC14155 Datasheet
722Kb / 19P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
logo
Texas Instruments
ADC14155 TI1-ADC14155 Datasheet
551Kb / 14P
[Old version datasheet]   selecting amplifiers, adcs, and clocks for high-performance signal paths
logo
National Semiconductor ...
ADC14155CISQ NSC-ADC14155CISQ Datasheet
722Kb / 19P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
ADC14155EB NSC-ADC14155EB Datasheet
722Kb / 19P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
logo
Texas Instruments
ADC14155HCVAL TI1-ADC14155HCVAL Datasheet
755Kb / 34P
[Old version datasheet]   14-Bit, 155-MSPS, 1.1-GHz Bandwidth A/D Converter
More results

Similar Description - ADC14155

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC14155QML NSC-ADC14155QML Datasheet
1Mb / 26P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
logo
Texas Instruments
ADC14155QML-SP TI1-ADC14155QML-SP_18 Datasheet
755Kb / 34P
[Old version datasheet]   14-Bit, 155-MSPS, 1.1-GHz Bandwidth A/D Converter
logo
National Semiconductor ...
ADC14155 NSC-ADC14155 Datasheet
722Kb / 19P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
logo
Texas Instruments
ADC14V155 TI1-ADC14V155_14 Datasheet
1Mb / 29P
[Old version datasheet]   155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC14155QML-SP TI-ADC14155QML-SP Datasheet
651Kb / 30P
[Old version datasheet]   ADC14155QML 14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
logo
National Semiconductor ...
ADC14V155 NSC-ADC14V155_08 Datasheet
430Kb / 22P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC14V155 NSC-ADC14V155_09 Datasheet
487Kb / 24P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
logo
Texas Instruments
ADC12C170 TI1-ADC12C170 Datasheet
1Mb / 29P
[Old version datasheet]   1.1 GHz Bandwidth A/D Converter
ADC11C125 TI1-ADC11C125 Datasheet
1Mb / 29P
[Old version datasheet]   125 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
logo
National Semiconductor ...
ADC12C170_0708 NSC-ADC12C170_0708 Datasheet
426Kb / 22P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com