Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12V170 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12V170
Description  1.1 GHz Bandwidth A/D Converter with LVDS Outputs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12V170 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADC12V170 Datasheet HTML 3Page - Texas Instruments ADC12V170 Datasheet HTML 4Page - Texas Instruments ADC12V170 Datasheet HTML 5Page - Texas Instruments ADC12V170 Datasheet HTML 6Page - Texas Instruments ADC12V170 Datasheet HTML 7Page - Texas Instruments ADC12V170 Datasheet HTML 8Page - Texas Instruments ADC12V170 Datasheet HTML 9Page - Texas Instruments ADC12V170 Datasheet HTML 10Page - Texas Instruments ADC12V170 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
VA
AGND
To Internal Circuitry
I/O
ADC12V170
www.ti.com
SNOSAZ1F – MAY 2007 – REVISED APRIL 2013
Dynamic Converter Electrical Characteristics
Unless otherwise specified, the following specifications apply: VIN = -1dBFS, AGND = DGND = DRGND = 0V, VA = VD =
+3.3V, VDR = +1.8V, Internal VREF = +1.0V, fCLK = 170 MHz, VCM = VRM, CL = 5 pF/pin, Single-Ended Clock Mode, Offset
Binary Format. Typical values are for TA = 25°C. Boldface limits apply for TMIN ≤ TA ≤ TMAX. All other limits apply for TA =
25°C
(1) (2) (3) (4)
Units
Symbol
Parameter
Conditions
Typical(5)
Limits
(Limits)
DYNAMIC CONVERTER CHARACTERISTICS, AIN= -1dBFS
FPBW
Full Power Bandwidth
-1 dBFS Input,
−3 dB Corner
1.1
GHz
fIN = 10 MHz
67.9
dBFS
fIN = 70 MHz
67.2
66.0
dBFS
SNR
Signal-to-Noise Ratio
fIN = 150 MHz
67.1
dBFS
fIN = 250 MHz
66.9
dBFS
fIN = 400 MHz
65.4
dBFS
fIN = 10 MHz
85.0
dBFS
fIN = 70 MHz
85.8
74.0
dBFS
SFDR
Spurious Free Dynamic Range
fIN = 150 MHz
85.0
dBFS
fIN = 250 MHz
83.0
dBFS
fIN = 400 MHz
71.6
dBFS
fIN = 10 MHz
11.0
Bits
fIN = 70 MHz
10.9
10.5
Bits
ENOB
Effective Number of Bits
fIN = 150 MHz
10.8
Bits
fIN = 250 MHz
10.7
Bits
fIN = 400 MHz
10.3
Bits
fIN = 10 MHz
-82.7
dBFS
fIN = 70 MHz
-82.3
-72.0
dBFS
THD
Total Harmonic Disortion
fIN = 150 MHz
-80.7
dBFS
fIN = 250 MHz
-79.6
dBFS
fIN = 400 MHz
-68.8
dBFS
(1)
The inputs are protected as shown below. Input voltage magnitudes above VA or below GND will not damage this device, provided
current is limited per(4). However, errors in the A/D conversion can occur if the input goes above 2.6V or below GND as described in the
Operating Ratings section.
(2)
To ensure accuracy, it is required that |VA–VD| ≤ 100 mV and separate bypass capacitors are used at each power supply pin.
(3)
With the test condition for VREF = +1.0V (2VP-P differential input), the 12-Bit LSB is 488.3 µV.
(4)
When the input voltage at any pin exceeds the power supplies (that is, VIN < AGND, or VIN > VA), the current at that pin should be
limited to ±5 mA. The ±50 mA maximum package input current rating limits the number of pins that can safely exceed the power
supplies with an input current of ±5 mA to 10.
(5)
Typical figures are at TA = 25°C and represent most likely parametric norms at the time of product characterization. The typical
specifications are not ensured.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADC12V170


Similar Part No. - ADC12V170

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12V170 NSC-ADC12V170 Datasheet
562Kb / 22P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC12V170 NSC-ADC12V170 Datasheet
564Kb / 22P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC12V170 NSC-ADC12V170 Datasheet
622Kb / 24P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC12V170CISQ NSC-ADC12V170CISQ Datasheet
562Kb / 22P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC12V170CISQ NSC-ADC12V170CISQ Datasheet
564Kb / 22P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
More results

Similar Description - ADC12V170

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC14V155 TI1-ADC14V155 Datasheet
1Mb / 30P
[Old version datasheet]   1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC14V155 TI1-ADC14V155_14 Datasheet
1Mb / 29P
[Old version datasheet]   155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
logo
National Semiconductor ...
ADC14V155 NSC-ADC14V155_08 Datasheet
430Kb / 22P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC12V170 NSC-ADC12V170 Datasheet
562Kb / 22P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC12V170 NSC-ADC12V170_09 Datasheet
622Kb / 24P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC14V155 NSC-ADC14V155_09 Datasheet
487Kb / 24P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC12V170 NSC-ADC12V170_08 Datasheet
564Kb / 22P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
logo
Texas Instruments
ADC12C170 TI1-ADC12C170 Datasheet
1Mb / 29P
[Old version datasheet]   1.1 GHz Bandwidth A/D Converter
ADC11C125 TI1-ADC11C125 Datasheet
1Mb / 29P
[Old version datasheet]   125 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
logo
National Semiconductor ...
ADC12C170_0708 NSC-ADC12C170_0708 Datasheet
426Kb / 22P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com