Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12L080 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12L080
Description  450 MHz Bandwidth A/D Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12L080 Datasheet(HTML) 4 Page - Texas Instruments

  ADC12L080 Datasheet HTML 1Page - Texas Instruments ADC12L080 Datasheet HTML 2Page - Texas Instruments ADC12L080 Datasheet HTML 3Page - Texas Instruments ADC12L080 Datasheet HTML 4Page - Texas Instruments ADC12L080 Datasheet HTML 5Page - Texas Instruments ADC12L080 Datasheet HTML 6Page - Texas Instruments ADC12L080 Datasheet HTML 7Page - Texas Instruments ADC12L080 Datasheet HTML 8Page - Texas Instruments ADC12L080 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
ADC12L080
SNAS200B – OCTOBER 2004 – REVISED MARCH 2013
www.ti.com
Pin Descriptions and Equivalent Circuits (continued)
Pin No.
Symbol
Equivalent Circuit
Description
14–19,
Digital data output pins that make up the 12-bit conversion results.
D0–D11
22–27
D0 is the LSB, while D11 is the MSB of the output word.
ANALOG POWER
Positive analog supply pins. These pins should be connected to a
quiet +3.3V source and bypassed to AGND with 0.1 µF low ESL
5, 6, 29
VA
capacitors located within 1 cm of these power pins, and with a 10 µF
capacitor.
4, 7, 28
AGND
The ground return for the analog supply.
DIGITAL POWER
Positive digital supply pin. This pin should be connected to the same
quiet +3.3V source as is VA and bypassed to DGND with a 0.1 µF
13
VD
monolithic capacitor in parallel with a 10 µF capacitor, both located
within 1 cm of the power pin.
9, 12
DGND
The ground return for the digital supply.
Positive digital supply pin for the ADC12L080's output drivers. This
pin should be connected to a voltage source in the range indicated in
the Operating Ratings table and be bypassed to DR GND with a 0.1
µF capacitor. If the supply for this pin is different from the supply
21
VDR
used for VA and VD, it should also be bypassed with a 10 µF
capacitor. The voltage at this pin should never exceed the voltage on
VD by more than 300 mV. All bypass capacitors should be located
within 1 cm of the supply pin.
The ground return for the digital supply for the ADC12L080's output
drivers. This pin should be connected to the system digital ground,
20
DR GND
but not be connected in close proximity to the ADC12L080's DGND
or AGND pins. See LAYOUT AND GROUNDING for more details.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: ADC12L080


Similar Part No. - ADC12L080

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12L080 NSC-ADC12L080 Datasheet
1Mb / 23P
   12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
logo
Texas Instruments
ADC12L080 TI1-ADC12L080 Datasheet
987Kb / 28P
[Old version datasheet]   12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
logo
National Semiconductor ...
ADC12L080CIVY NSC-ADC12L080CIVY Datasheet
1Mb / 23P
   12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
ADC12L080EVAL NSC-ADC12L080EVAL Datasheet
1Mb / 23P
   12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
logo
Texas Instruments
ADC12L080 TI1-ADC12L080_14 Datasheet
987Kb / 28P
[Old version datasheet]   12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
More results

Similar Description - ADC12L080

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12L066 TI1-ADC12L066 Datasheet
1Mb / 36P
[Old version datasheet]   450 MHz Bandwidth A/D Converter
ADC12DL066 TI1-ADC12DL066_15 Datasheet
817Kb / 33P
[Old version datasheet]   450 MHz Input Bandwidth A/D Converter
ADC12L080 TI1-ADC12L080_14 Datasheet
987Kb / 28P
[Old version datasheet]   12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
logo
National Semiconductor ...
ADC12L080 NSC-ADC12L080 Datasheet
1Mb / 23P
   12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
ADC11DL066 NSC-ADC11DL066_08 Datasheet
491Kb / 24P
   Dual 11-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
ADC12DL066 NSC-ADC12DL066 Datasheet
654Kb / 23P
   Dual 12-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
ADC11DL066 NSC-ADC11DL066 Datasheet
621Kb / 23P
   Dual 11-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
logo
Texas Instruments
ADC12DL066 TI1-ADC12DL066_14 Datasheet
804Kb / 31P
[Old version datasheet]   Dual 12-Bit, 66 Msps, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
logo
National Semiconductor ...
ADC11L066 NSC-ADC11L066 Datasheet
742Kb / 27P
   11-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
ADC12L066 NSC-ADC12L066_06 Datasheet
1Mb / 27P
   12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com