Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12DS105 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12DS105
Description  105 MSPS A/D Converter
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DS105 Datasheet(HTML) 1 Page - Texas Instruments

  ADC12DS105 Datasheet HTML 1Page - Texas Instruments ADC12DS105 Datasheet HTML 2Page - Texas Instruments ADC12DS105 Datasheet HTML 3Page - Texas Instruments ADC12DS105 Datasheet HTML 4Page - Texas Instruments ADC12DS105 Datasheet HTML 5Page - Texas Instruments ADC12DS105 Datasheet HTML 6Page - Texas Instruments ADC12DS105 Datasheet HTML 7Page - Texas Instruments ADC12DS105 Datasheet HTML 8Page - Texas Instruments ADC12DS105 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
ADC12DS105
www.ti.com
SNAS382E – SEPTEMBER 2006 – REVISED APRIL 2013
ADC12DS105 Dual 12-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
Check for Samples: ADC12DS105
1
FEATURES
DESCRIPTION
The ADC12DS105 is a high-performance CMOS
2
Clock Duty Cycle Stabilizer
analog-to-digital converter capable of converting two
Single +3.0 or 3.3V Supply Operation
analog input signals into 12-bit digital words at rates
Serial LVDS Outputs
up to 105 Mega Samples Per Second (MSPS). The
digital
outputs
are
serialized
and
provided
on
Serial Control Interface
differential LVDS signal pairs. This converter uses a
Overrange Outputs
differential, pipelined architecture with digital error
60-pin WQFN Package, (9x9x0.8mm, 0.5mm
correction and an on-chip sample-and-hold circuit to
pin-pitch)
minimize
power
consumption
and
the
external
component count, while providing excellent dynamic
performance. The ADC12DS105 may be operated
APPLICATIONS
from a single +3.0V or 3.3V power supply. A power-
High IF Sampling Receivers
down feature reduces the power consumption to very
Wireless Base Station Receivers
low levels while still allowing fast wake-up time to full
operation. The differential inputs accept a 2V full
Test and Measurement Equipment
scale differential input swing. A stable 1.2V internal
Communications Instrumentation
voltage reference is provided, or the ADC12DS105
Portable Instrumentation
can be operated with an external 1.2V reference. The
selectable
duty
cycle
stabilizer
maintains
KEY SPECIFICATIONS
performance over a wide range of clock duty cycles.
A serial interface allows access to the internal
Resolution: 12 Bits
registers for full control of the ADC12DS105's
Conversion Rate: 105 MSPS
functionality. The ADC12DS105 is available in a 60-
lead WQFN package and operates over the industrial
SNR (fIN = 240 MHz): 68.5 dBFS (typ)
temperature range of
−40°C to +85°C
SFDR (fIN = 240 MHz): 83 dBFS (typ)
Full Power Bandwidth: 1 GHz (typ)
Power Consumption: 1 W (typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADC12DS105

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12DS105 NSC-ADC12DS105 Datasheet
499Kb / 26P
   Dual 12-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
ADC12DS105CISQ NSC-ADC12DS105CISQ Datasheet
499Kb / 26P
   Dual 12-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
ADC12DS105LFEB NSC-ADC12DS105LFEB Datasheet
499Kb / 26P
   Dual 12-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
ADC12DS105 NSC-ADC12DS105_08 Datasheet
499Kb / 26P
   Dual 12-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
More results

Similar Description - ADC12DS105

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12DC105 TI1-ADC12DC105_15 Datasheet
1Mb / 26P
[Old version datasheet]   105 MSPS A/D Converter
ADC14C105 TI1-ADC14C105_15 Datasheet
1Mb / 33P
[Old version datasheet]   95/105 MSPS A/D Converter
ADC12C105 TI1-ADC12C105 Datasheet
1Mb / 32P
[Old version datasheet]   95/105 MSPS A/D Converter
logo
Analog Devices
AD6645ASQZ-105 AD-AD6645ASQZ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASVZ-80 AD-AD6645ASVZ-80 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645 AD-AD6645_15 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
AD6645ASQ-105 AD-AD6645ASQ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASVZ-105 AD-AD6645ASVZ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASQZ-80 AD-AD6645ASQZ-80 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com