Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP300HSN35T1 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP300HSN35T1
Description  Voltage Detector Series
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP300HSN35T1 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP300HSN35T1 Datasheet HTML 7Page - ON Semiconductor NCP300HSN35T1 Datasheet HTML 8Page - ON Semiconductor NCP300HSN35T1 Datasheet HTML 9Page - ON Semiconductor NCP300HSN35T1 Datasheet HTML 10Page - ON Semiconductor NCP300HSN35T1 Datasheet HTML 11Page - ON Semiconductor NCP300HSN35T1 Datasheet HTML 12Page - ON Semiconductor NCP300HSN35T1 Datasheet HTML 13Page - ON Semiconductor NCP300HSN35T1 Datasheet HTML 14Page - ON Semiconductor NCP300HSN35T1 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
NCP300, NCP301
http://onsemi.com
11
Table 4. ELECTRICAL CHARACTERISTIC TABLE FOR 0.9 − 4.9 V
Detector Threshold
Supply Current
Nch
NCP301 Series
Detector Threshold
Detector Threshold
Hysteresis
Vin Low
Vin High
Nch
Sink Current
VDET− (V)
VHYS (V)
Iin (mA)
(Note 17)
Iin (mA)
(Note 18)
IOUT (mA)
(Note 19)
Part Number
Min
Typ
Max
Min
Typ
Max
Typ
Typ
Typ
NCP301HSN09T1
0.882
0.9
0.918
0.027
0.045
0.063
0.3
0.5
2.5
NCP301HSN10T1
0.980
1.0
1.020
0.030
0.050
0.070
NCP301HSN11T1
1.078
1.1
1.122
0.033
0.055
0.077
NCP301HSN12T1
1.176
1.2
1.224
0.036
0.060
0.084
NCP301HSN13T1
1.274
1.3
1.326
0.039
0.065
0.091
NCP301HSN14T1
1.372
1.4
1.428
0.042
0.070
0.098
NCP301HSN15T1
1.470
1.5
1.530
0.045
0.075
0.105
11
NCP301HSN16T1
1.568
1.6
1.632
0.048
0.080
0.112
NCP301HSN17T1
1.666
1.7
1.734
0.051
0.085
0.119
NCP301HSN18T1
1.764
1.8
1.836
0.054
0.090
0.126
NCP301HSN19T1
1.862
1.9
1.938
0.057
0.095
0.133
NCP301HSN20T1
1.960
2.0
2.040
0.060
0.100
0.140
NCP301HSN21T1
2.058
2.1
2.142
0.063
0.105
0.147
NCP301HSN22T1
2.156
2.2
2.244
0.066
0.110
0.154
NCP301HSN23T1
2.254
2.3
2.346
0.069
0.115
0.161
NCP301HSN24T1
2.352
2.4
2.448
0.072
0.120
0.168
NCP301HSN25T1
2.450
2.5
2.550
0.075
0.125
0.175
NCP301HSN26T1
2.548
2.6
2.652
0.078
0.130
0.182
NCP301HSN27T1
2.646
2.7
2.754
0.081
0.135
0.189
NCP301HSN28T1
2.744
2.8
2.856
0.084
0.140
0.196
NCP301HSN29T1
2.842
2.9
2.958
0.087
0.145
0.203
NCP301HSN30T1
2.940
3.0
3.060
0.090
0.150
0.210
NCP301HSN31T1
3.038
3.1
3.162
0.093
0.155
0.217
NCP301HSN32T1
3.136
3.2
3.264
0.096
0.160
0.224
NCP301HSN33T1
3.234
3.3
3.366
0.099
0.165
0.231
NCP301HSN34T1
3.332
3.4
3.468
0.102
0.170
0.238
NCP301HSN35T1
3.430
3.5
3.570
0.105
0.175
0.245
NCP301HSN36T1
3.528
3.6
3.672
0.108
0.180
0.252
NCP301HSN37T1
3.626
3.7
3.774
0.111
0.185
0.259
NCP301HSN38T1
3.724
3.8
3.876
0.114
0.190
0.266
NCP301HSN39T1
3.822
3.9
3.978
0.117
0.195
0.273
NCP301HSN40T1
3.920
4.0
4.080
0.120
0.200
0.280
0.4
0.6
NCP301HSN41T1
4.018
4.1
4.182
0.123
0.205
0.287
NCP301HSN42T1
4.116
4.2
4.284
0.126
0.210
0.294
NCP301HSN43T1
4.214
4.3
4.386
0.129
0.215
0.301
NCP301HSN44T1
4.312
4.4
4.488
0.132
0.220
0.308
NCP301HSN45T1
4.410
4.5
4.590
0.135
0.225
0.315
NCP301HSN46T1
4.508
4.6
4.692
0.138
0.230
0.322
NCP301HSN47T1
4.606
4.7
4.794
0.141
0.235
0.329
NCP301HSN48T1
4.704
4.8
4.896
0.144
0.240
0.336
NCP301HSN49T1
4.802
4.9
4.998
0.147
0.245
0.343
17. Condition 1: 0.9 − 2.9 V, Vin = VDET− − 0.10 V; 3.0 − 3.9 V, Vin = VDET− − 0.13 V; 4.0 − 4.9 V, Vin = VDET− − 0.16 V
18. Condition 2: 0.9 − 4.9 V, Vin = VDET− + 2.0 V
19. Condition 3: 0.9 − 1.4 V, Vin = 1.5 V, VOUT = 0.5 V; 1.5 − 4.9 V, Vin = 5.0 V, VOUT = 0.5 V, Active High ‘H’ Suffix Devices


Similar Part No. - NCP300HSN35T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP300HSN30T1 ONSEMI-NCP300HSN30T1 Datasheet
164Kb / 25P
   Voltage Detector Series
February, 2007 ??Rev. 22
NCP300HSN30T1 ONSEMI-NCP300HSN30T1 Datasheet
222Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP300HSN30T1 ONSEMI-NCP300HSN30T1 Datasheet
253Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP300HSN30T1G ONSEMI-NCP300HSN30T1G Datasheet
164Kb / 25P
   Voltage Detector Series
February, 2007 ??Rev. 22
NCP300HSN30T1G ONSEMI-NCP300HSN30T1G Datasheet
253Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
More results

Similar Description - NCP300HSN35T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP304A ONSEMI-NCP304A Datasheet
110Kb / 6P
   Voltage Detector Series
September, 2008 ??Rev. 1
NCP302 ONSEMI-NCP302_14 Datasheet
177Kb / 26P
   Voltage Detector Series
May, 2014 ??Rev. 26
NCP304 ONSEMI-NCP304_15 Datasheet
155Kb / 21P
   Voltage Detector Series
May, 2015 ??Rev. 25
NCP304 ONSEMI-NCP304 Datasheet
163Kb / 24P
   Voltage Detector Series
March, 2005 ??Rev. 16
NCP304 ONSEMI-NCP304_06 Datasheet
169Kb / 23P
   Voltage Detector Series
May, 2006 ??Rev. 18
NCP300 ONSEMI-NCP300_17 Datasheet
171Kb / 25P
   Voltage Detector Series
October, 2017 ??Rev. 30
NCP300 ONSEMI-NCP300_16 Datasheet
170Kb / 25P
   Voltage Detector Series
May, 2016 ??Rev. 29
NCV301HSN27T1G ONSEMI-NCV301HSN27T1G Datasheet
222Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP301LSN24T1G ONSEMI-NCP301LSN24T1G Datasheet
253Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP300 ONSEMI-NCP300_07 Datasheet
164Kb / 25P
   Voltage Detector Series
February, 2007 ??Rev. 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com