Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12DL066 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12DL066
Description  450 MHz Input Bandwidth A/D Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DL066 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC12DL066 Datasheet HTML 4Page - Texas Instruments ADC12DL066 Datasheet HTML 5Page - Texas Instruments ADC12DL066 Datasheet HTML 6Page - Texas Instruments ADC12DL066 Datasheet HTML 7Page - Texas Instruments ADC12DL066 Datasheet HTML 8Page - Texas Instruments ADC12DL066 Datasheet HTML 9Page - Texas Instruments ADC12DL066 Datasheet HTML 10Page - Texas Instruments ADC12DL066 Datasheet HTML 11Page - Texas Instruments ADC12DL066 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
ADC12DL066
SNAS188G – FEBRUARY 2004 – REVISED FEBRUARY 2013
www.ti.com
Converter Electrical Characteristics (continued)
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, VA = VD = +3.3V, VDR =
+2.5V, PD = 0V, INT/EXT REF pin = +3.3V, VREF = +1.0V, fCLK = 66 MHz, fIN = 10 MHz, tr = tf = 2 ns, CL = 15 pF/pin.
Boldface limits apply for TJ = TMIN to TMAX: all other limits TJ = 25°C
(1)(2)(3)
Typical
Limits
Units
Symbol
Parameter
Conditions
(4)
(4)
(Limits)
DYNAMIC CONVERTER CHARACTERISTICS
FPBW
Full Power Bandwidth
0 dBFS Input, Output at
−3 dB
450
MHz
fIN = 1 MHz, VIN = −0.5 dBFS
66
dB
fIN = 10 MHz, VIN = −0.5 dBFS
66
64
dB (min)
SNR
Signal-to-Noise Ratio
fIN = 33 MHz, VIN = −0.5 dBFS
64
dB
fIN = 146 MHz, VIN = −0.5 dBFS
55
dB
fIN = 1 MHz, VIN = −0.5 dBFS
66
dB
fIN = 10 MHz, VIN = −0.5 dBFS
66
63.3
dB (min)
SINAD
Signal-to-Noise and Distortion
fIN = 33 MHz, VIN = −0.5 dBFS
63
dB
fIN = 146MHz, VIN = −0.5 dBFS
53
dB
fIN = 1 MHz, VIN = −0.5 dBFS
10.7
Bits
fIN = 10 MHz, VIN = −0,5 dBFS
10.7
10.2
Bits (min)
ENOB
Effective Number of Bits
fIN = 33 MHz, VIN = −0,5 dBFS
10.3
Bits
fIN = 146MHz, VIN = −0,5 dBFS
8.7
Bits
fIN = 1 MHz, VIN = −0.5 dBFS
−78
dB
fIN = 10 MHz, VIN = −0.5 dBFS
−78
−67.8
dB (min)
THD
Total Harmonic Distortion
fIN = 33 MHz, VIN = −0.5 dBFS
−70
dB
fIN = 146MHz, VIN = −0.5 dBFS
−59
dB
fIN = 1 MHz, VIN = −0.5 dBFS
−90
dB
fIN = 10 MHz, VIN = −0.5 dBFS
−85
−70.4
dB (min)
H2
Second Harmonic Distortion
fIN = 33 MHz, VIN = −0.5 dBFS
−72
dB
fIN = 146MHz, VIN = −0.5 dBFS
−67
dB
fIN = 1 MHz, VIN = −0.5 dBFS
−83
dB
fIN = 10 MHz, VIN = −0.5 dBFS
−85
−71.0
dB (min)
H3
Third Harmonic Distortion
fIN = 33 MHz, VIN = −0.5 dBFS
−76
dB
fIN = 146MHz, VIN = −0.5 dBFS
−66
dB
fIN = 1 MHz, VIN = −0.5 dBFS
79
dB
fIN = 10 MHz, VIN = −0.5 dBFS
81
68.5
dB (min)
SFDR
Spurious Free Dynamic Range
fIN = 33 MHz, VIN = −0.5 dBFS
72
dB
fIN = 146MHz, VIN = −0.5 dBFS
63
dB
fIN = 9.6 MHz and 10.2 MHz, each = −6.0
IMD
Intermodulation Distortion
−64
dBFS
dBFS
INTER-CHANNEL CHARACTERISTICS
Channel—Channel Offset Match
±0.03
%FS
Channel—Channel Gain Match
±0.1
%FS
10 MHz Tested, Channel;
80
dB
20 MHz Other Channel
Crosstalk
10 MHz Tested, Channel;
63
dB
195 MHz Other Channel
8
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: ADC12DL066


Similar Part No. - ADC12DL066

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12DL066 NSC-ADC12DL066 Datasheet
654Kb / 23P
   Dual 12-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
ADC12DL066 NSC-ADC12DL066 Datasheet
504Kb / 24P
   Dual 12-Bit, 66Msps, 450MHz Input Bandwidth A/D Converter w/Internal Reference
logo
Texas Instruments
ADC12DL066 TI1-ADC12DL066 Datasheet
804Kb / 31P
[Old version datasheet]   Dual 12-Bit, 66 Msps, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
logo
National Semiconductor ...
ADC12DL066CIVS NSC-ADC12DL066CIVS Datasheet
654Kb / 23P
   Dual 12-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
ADC12DL066CIVS NSC-ADC12DL066CIVS Datasheet
504Kb / 24P
   Dual 12-Bit, 66Msps, 450MHz Input Bandwidth A/D Converter w/Internal Reference
More results

Similar Description - ADC12DL066

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12L066 TI1-ADC12L066 Datasheet
1Mb / 36P
[Old version datasheet]   450 MHz Bandwidth A/D Converter
ADC12L080 TI1-ADC12L080 Datasheet
1,006Kb / 31P
[Old version datasheet]   450 MHz Bandwidth A/D Converter
logo
National Semiconductor ...
ADC11DL066 NSC-ADC11DL066_08 Datasheet
491Kb / 24P
   Dual 11-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
ADC12DL066 NSC-ADC12DL066 Datasheet
654Kb / 23P
   Dual 12-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
ADC11DL066 NSC-ADC11DL066 Datasheet
621Kb / 23P
   Dual 11-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
logo
Texas Instruments
ADC12DL066 TI1-ADC12DL066_14 Datasheet
804Kb / 31P
[Old version datasheet]   Dual 12-Bit, 66 Msps, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
ADC12L080 TI1-ADC12L080_14 Datasheet
987Kb / 28P
[Old version datasheet]   12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
logo
National Semiconductor ...
ADC12L080 NSC-ADC12L080 Datasheet
1Mb / 23P
   12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
ADC11L066 NSC-ADC11L066 Datasheet
742Kb / 27P
   11-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
ADC12L066 NSC-ADC12L066_06 Datasheet
1Mb / 27P
   12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com