Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12H032 Datasheet(PDF) 10 Page - Texas Instruments

Part # ADC12H032
Description  12-Bit Plus Sign Serial I/O A/D Converters
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12H032 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADC12H032 Datasheet HTML 6Page - Texas Instruments ADC12H032 Datasheet HTML 7Page - Texas Instruments ADC12H032 Datasheet HTML 8Page - Texas Instruments ADC12H032 Datasheet HTML 9Page - Texas Instruments ADC12H032 Datasheet HTML 10Page - Texas Instruments ADC12H032 Datasheet HTML 11Page - Texas Instruments ADC12H032 Datasheet HTML 12Page - Texas Instruments ADC12H032 Datasheet HTML 13Page - Texas Instruments ADC12H032 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
ADC12030, ADC12032, ADC12034
ADC12038, ADC12H030, ADC12H032
ADC12H034, ADC12H038
SNAS080K – JULY 1999 – REVISED MARCH 2013
www.ti.com
AC Electrical Characteristics (continued)
The following specifications apply for V
+ = V
A+ = VD+ = +5.0 VDC, VREF+ = +4.096 VDC, VREF− = 0 VDC, 12-bit + sign
conversion mode, tr = tf = 3 ns, fCK = fSK = 8 MHz for the ADC12H030, ADC12H032, ADC12H034 and ADC12H038, fCK = fSK
= 5 MHz for the ADC12030, ADC12032, ADC12034 and ADC12038, RS = 25Ω, source impedance for VREF+ and VREF− ≤
25
Ω, fully-differential input with fixed 2.048V common-mode voltage, and 10(tCK) acquisition time unless otherwise specified.
Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25°C.
(1)
Typical
ADC12H030/2/4/8
ADC12030/2/4/8
Units
Parameter
Test Conditions
(2)
Limits (3)
Limits (3)
(Limits)
6(tCK)
6(tCK)
(min)
6(tCK)
7(tCK)
7(tCK)
(max)
6 Cycles
Programmed
0.75
1.2
µs (min)
0.875
1.4
µs (max)
10(tCK)
10(tCK)
(min)
10(tCK)
11(tCK)
11(tCK)
(max)
10 Cycles
Programmed
1.25
2.0
µs (min)
1.375
2.2
µs (max)
tA
Acquisition Time (4)
18(tCK)
18(tCK)
(min)
18(tCK)
19(tCK)
19(tCK)
(max)
18 Cycles
Programmed
2.25
3.6
µs (min)
2.375
3.8
µs (max)
34(tCK)
34(tCK)
(min)
34(tCK)
35(tCK)
35(tCK)
(max)
34 Cycles
Programmed
4.25
6.8
µs (min)
4.375
7.0
µs (max)
4944(tCK)
4944(tCK)
4944(tCK)
(max)
tCKAL
Self-Calibration Time
618.0
988.8
µs (max)
76(tCK)
76(tCK)
76(tCK)
(max)
tAZ
Auto Zero Time
9.5
15.2
µs (max)
2(tCK)
2(tCK)
2(tCK)
(min)
3(tCK)
3(tCK)
(max)
Self-Calibration or Auto Zero
tSYNC
Synchronization Time from DOR
0.250
0.40
µs (min)
0.375
0.60
µs (max)
DOR High Time when CS is Low
tDOR
Continuously for Read Data and
9(tSK)
9(tSK)
9(tSK)
(max)
Software Power Up/Down
1.125
1.8
µs (max)
8(tSK)
8(tSK)
8(tSK)
(max)
tCONV
CONV Valid Data Time
1.0
1.6
µs (max)
(4)
If SCLK and CCLK are driven from the same clock source, then tA is 6, 10, 18 or 34 clock periods minimum and maximum.
10
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: ADC12030 ADC12032 ADC12034 ADC12038 ADC12H030 ADC12H032 ADC12H034
ADC12H038


Similar Part No. - ADC12H032

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12H032 NSC-ADC12H032 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12H032 NSC-ADC12H032 Datasheet
1Mb / 44P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12H032 TI1-ADC12H032 Datasheet
2Mb / 53P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12H032CIWM NSC-ADC12H032CIWM Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
More results

Similar Description - ADC12H032

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10731 NSC-ADC10731 Datasheet
556Kb / 27P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux,
ADC12130 NSC-ADC12130_06 Datasheet
1Mb / 42P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030_14 Datasheet
2Mb / 53P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12030 NSC-ADC12030_07 Datasheet
1Mb / 44P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12H030 NSC-ADC12H030 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 NSC-ADC12130 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12130 TI1-ADC12130 Datasheet
2Mb / 51P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12L030 NSC-ADC12L030 Datasheet
828Kb / 36P
   3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12L030 NSC-ADC12L030_06 Datasheet
1Mb / 35P
   3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC1205 NSC-ADC1205 Datasheet
327Kb / 18P
   12-Bit Plus Sign mP Compatible A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com