Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC10080 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADC10080
Description  78.6 mW A/D Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10080 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC10080 Datasheet HTML 4Page - Texas Instruments ADC10080 Datasheet HTML 5Page - Texas Instruments ADC10080 Datasheet HTML 6Page - Texas Instruments ADC10080 Datasheet HTML 7Page - Texas Instruments ADC10080 Datasheet HTML 8Page - Texas Instruments ADC10080 Datasheet HTML 9Page - Texas Instruments ADC10080 Datasheet HTML 10Page - Texas Instruments ADC10080 Datasheet HTML 11Page - Texas Instruments ADC10080 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
ADC10080
SNAS177H – JULY 2003 – REVISED MARCH 2013
www.ti.com
AC ELECTRICAL CHARACTERISTICS
Unless otherwise specified, the following specifications apply for VSSA = VSSIO = 0V, VDDA = +3.0V, VDDIO = +2.5V, VIN = 2 VP-P,
STBY = 0V, VREF = 1.20V, (Externally Supplied) fCLK = 80 MHz, 50% Duty Cycle, CL = 10 pF/pin. Boldface limits apply for
TA = TMIN to TMAX: all other limits TA = 25°C
(1) (2) (3) (4)
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(4)
(4)
(4)
CLK, DF, STBY, SENSE
fCLK1
Maximum Clock Frequency
80
MHz (min)
fCLK2
Minimum Clock Frequency
20
MHz
tCH
Clock High Time
6.25
ns
tCL
Clock Low Time
6.25
ns
Conversion Latency
6
Cycles
T = 25°C
2
3.5
5
ns
Data Output Delay after a Rising Clock
tOD
Edge
1
6
ns
tAD
Aperture Delay
1
ns
tAJ
Aperture Jitter
2
ps (RMS)
Differential VIN step from ±3V
Over Range Recovery Time
to 0V to get accurate
1
Clock Cycle
conversion
tSTBY
Standby Mode Exit Cycle
20
Cycles
(1)
To ensure accuracy, it is required that |VDDA–VDDIO| ≤ 100 mV and separate bypass capacitors are used at each power supply pin.
(2)
With the test condition for 2 VP-P differential input, the 10-bit LSB is 1.95 mV.
(3)
Typical figures are at TA = TJ = 25°C and represent most likely parametric norms. Test limits are ensured to AOQL (Average Outgoing
Quality Level).
(4)
Timing specifications are tested at TTL logic levels, VIL = 0.4V for a falling edge, and VIH = 2.4V for a rising edge.
Specification Definitions
APERTURE DELAY is the time after the rising edge of the clock to when the input signal is acquired or held for
conversion.
APERTURE JITTER (APERTURE UNCERTAINTY) is the variation in aperture delay from sample to sample.
Aperture jitter manifests itself as noise in the output.
COMMON MODE VOLTAGE (VCM) is the d.c. potential present at both signal inputs to the ADC.
CONVERSION LATENCY See PIPELINE DELAY.
DIFFERENTIAL NON-LINEARITY (DNL) is the measure of the maximum deviation from the ideal step size of 1
LSB.
DUTY CYCLE is the ratio of the time that a repetitive digital waveform is high to the total time of one period. The
specification here refers to the ADC clock input signal.
EFFECTIVE NUMBER OF BITS (ENOB, or EFFECTIVE BITS) is another method of specifying Signal-to-Noise
and Distortion or SINAD. ENOB is defined as (SINAD - 1.76) / 6.02 and states that the converter is
equivalent to a perfect ADC of this (ENOB) number of bits.
FULL POWER BANDWIDTH is a measure of the frequency at which the reconstructed output fundamental
drops 3 dB below its low frequency value for a full scale input.
GAIN ERROR is the deviation from the ideal slope of the transfer function. It can be calculated as:
Gain Error = Positive Full-Scale Error
− Negative Full-Scale Error
(1)
INTEGRAL NON LINEARITY (INL) is a measure of the deviation of each individual code from a line drawn from
negative full scale through positive full scale. The deviation of any given code from this straight line is
measured from the center of that code value.
MISSING CODES are those output codes that will never appear at the ADC outputs. The ADC10080 is ensured
not to have any missing codes.
NEGATIVE FULL SCALE ERROR is the difference between the input voltage (VIN+ − VIN) just causing a
8
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: ADC10080


Similar Part No. - ADC10080

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10080 NSC-ADC10080 Datasheet
927Kb / 19P
   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
logo
Texas Instruments
ADC10080 TI1-ADC10080 Datasheet
1Mb / 24P
[Old version datasheet]   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
logo
National Semiconductor ...
ADC10080CIMT NSC-ADC10080CIMT Datasheet
927Kb / 19P
   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
ADC10080CIMTX NSC-ADC10080CIMTX Datasheet
927Kb / 19P
   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
logo
Texas Instruments
ADC10080 TI1-ADC10080_14 Datasheet
1Mb / 24P
[Old version datasheet]   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
More results

Similar Description - ADC10080

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC10080 TI1-ADC10080_14 Datasheet
1Mb / 24P
[Old version datasheet]   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
logo
National Semiconductor ...
ADC10080 NSC-ADC10080 Datasheet
927Kb / 19P
   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
logo
Texas Instruments
ADC14L020 TI1-ADC14L020 Datasheet
815Kb / 32P
[Old version datasheet]   150 mW A/D Converter
ADC10040 TI1-ADC10040_15 Datasheet
1Mb / 27P
[Old version datasheet]   55.5 mW A/D Converter
ADC14L040 TI1-ADC14L040 Datasheet
821Kb / 30P
[Old version datasheet]   235 mW A/D Converter
ADC12L063 TI1-ADC12L063 Datasheet
1Mb / 31P
[Old version datasheet]   354 mW A/D Converter
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020_06 Datasheet
909Kb / 23P
   14-Bit, 20MSPS, 150 mW A/D Converter
ADC12062 NSC-ADC12062 Datasheet
355Kb / 20P
   12-Bit, 1 MHz, 75 mW A/D Converter
logo
Cadeka Microcircuits LL...
SPT7734 CADEKA-SPT7734 Datasheet
191Kb / 9P
   8-BIT, 40 MSPS,175 mW A/D CONVERTER
SPT7937 CADEKA-SPT7937 Datasheet
177Kb / 11P
   12-BIT, 28 MSPS, 170 mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com