Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC10064 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADC10064
Description  10-Bit 600 ns A/D Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10064 Datasheet(HTML) 4 Page - Texas Instruments

  ADC10064 Datasheet HTML 1Page - Texas Instruments ADC10064 Datasheet HTML 2Page - Texas Instruments ADC10064 Datasheet HTML 3Page - Texas Instruments ADC10064 Datasheet HTML 4Page - Texas Instruments ADC10064 Datasheet HTML 5Page - Texas Instruments ADC10064 Datasheet HTML 6Page - Texas Instruments ADC10064 Datasheet HTML 7Page - Texas Instruments ADC10064 Datasheet HTML 8Page - Texas Instruments ADC10064 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
ADC10061, ADC10062, ADC10064
SNAS069E – JUNE 1999 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage (V+ = AVCC = DVCC)
−0.3V to +6V
Voltage at Any Input or Output
−0.3V to V+ + 0.3V
Input Current at Any Pin(4)
5 mA
Package Input Current(4)
20 mA
Power Consumption(5)
875 mW
ESD Susceptibility(6)
2000V
Vapor Phase (60 Sec)
215°C
Soldering Information
Infrared (15 Sec)
220°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional. These ratings do not ensure specific performance limits, however. For ensured specifications and test
conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance
characteristics may degrade when the device is not operated under the listed test conditions.
(2)
All voltages are measured with respect to GND, unless otherwise specified.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(4)
When the input voltage (VIN) at any pin exceeds the power supply rails (VIN < GND or VIN > V
+) the absolute value of current at that pin
should be limited to 5 mA or less. The 20 mA package input current limits the number of pins that can safely exceed the power supplies
with an input current of 5 mA to four.
(5)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA and the ambient temperature,
TA. The maximum allowable power dissipation at any temperature is PD = (TJMAX − TA)/θJA or the number given in the Absolute
Maximum Ratings, whichever is lower. In most cases, the maximum derated power dissipation will be reached only during fault
conditions. For these devices, TJMAX for a board-mounted device are as indicated in Package Thermal Resistance.
(6)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Operating Ratings
(1) (2)
TMIN ≤ TA ≤ TMAX =
Temperature Range
−40°C ≤ TA ≤ +85°C
Supply Voltage Range
+4.5V to +5.5V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional. These ratings do not ensure specific performance limits, however. For ensured specifications and test
conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance
characteristics may degrade when the device is not operated under the listed test conditions.
(2)
All voltages are measured with respect to GND, unless otherwise specified.
Package Thermal Resistance
Device
θJA (°C/W)
ADC10061CIWM
85
ADC10062CIWM
82
ADC10064CIWM
78
Converter Characteristics
The following specifications apply for V
+ = +5V, V
REF(+) = +5V, VREF(
−) = GND, and Speed Adjust pin unconnected unless
otherwise specified. Boldface limits apply for TA = TJ = TMin to TMax; all other limits TA = TJ = +25°C.
Units
Symbol
Parameter
Conditions
Typical(1)
Limit(2)
(Limit)
Resolution
10
Bits
Integral Linearity Error
RSA = 18 kΩ
±0.5
±1.0/±1.5
LSB (max)
Offset Error
±1.5
LSB (max)
Full-Scale Error
±1
LSB (max)
Total Unadjusted Error
All Suffixes, RSA = 18 kΩ
±0.5
±1.5/±2.2
LSB (max)
Missing Codes]
0
(max)
(1)
Typical numbers are at +25°C and represent must likely parametric norm.
(2)
Limits are specified to TI's AOQL (Average Outgoing Quality Level).
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: ADC10061 ADC10062 ADC10064


Similar Part No. - ADC10064

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10064 NSC-ADC10064 Datasheet
333Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10064 NSC-ADC10064 Datasheet
342Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10064 TI1-ADC10064 Datasheet
1Mb / 23P
[Old version datasheet]   ADC10061/ADC10062/ADC10064 10-Bit 600 ns A/D Converter with Input Multiplexer and Sample
ADC10064 TI1-ADC10064 Datasheet
1Mb / 22P
[Old version datasheet]   A/D Converter
logo
National Semiconductor ...
ADC10064CIWM NSC-ADC10064CIWM Datasheet
333Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
More results

Similar Description - ADC10064

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10461 NSC-ADC10461 Datasheet
760Kb / 16P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10461 TI1-ADC10461_14 Datasheet
1Mb / 24P
[Old version datasheet]   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
National Semiconductor ...
ADC10061 NSC-ADC10061 Datasheet
333Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10064 NSC-ADC10064 Datasheet
342Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10461 NSC-ADC10461_06 Datasheet
757Kb / 17P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10461 TI1-ADC10461_15 Datasheet
1Mb / 23P
[Old version datasheet]   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10061 TI1-ADC10061_14 Datasheet
1Mb / 23P
[Old version datasheet]   ADC10061/ADC10062/ADC10064 10-Bit 600 ns A/D Converter with Input Multiplexer and Sample
logo
Analog Devices
AD571 AD-AD571 Datasheet
295Kb / 8P
   10-Bit A/D Converter
REV. A
logo
NEC
UPC667 NEC-UPC667 Datasheet
73Kb / 12P
   10-BIT D/A CONVERTER
logo
Toshiba Semiconductor
TC35083P TOSHIBA-TC35083P Datasheet
305Kb / 11P
   10-BIT A-D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com