Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC10D1000 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # ADC10D1000
Description  Low Power, 10-Bit, Dual 1.0/1.5 GSPS or Single 2.0/3.0 GSPS ADC
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10D1000 Datasheet(HTML) 51 Page - Texas Instruments

Back Button ADC10D1000 Datasheet HTML 47Page - Texas Instruments ADC10D1000 Datasheet HTML 48Page - Texas Instruments ADC10D1000 Datasheet HTML 49Page - Texas Instruments ADC10D1000 Datasheet HTML 50Page - Texas Instruments ADC10D1000 Datasheet HTML 51Page - Texas Instruments ADC10D1000 Datasheet HTML 52Page - Texas Instruments ADC10D1000 Datasheet HTML 53Page - Texas Instruments ADC10D1000 Datasheet HTML 54Page - Texas Instruments ADC10D1000 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 82 page
background image
ADC10D1000, ADC10D1500
www.ti.com
SNAS462Q – OCTOBER 2008 – REVISED MARCH 2013
Table 10. Features and Modes (continued)
Control Pin
Feature
Non-ECM
ECM
Default ECM State
Active in ECM
Demux/Non-Demux
Selected via NDM
Yes
Not available
N/A
Mode Selection
(Pin A5)
Selected via the Config
Master Mode,
AutoSync
Not available
N/A
Reg
RCOut1/2 disabled
(Addr: Eh)
Selected via the Config
DCLK Reset
Not available
N/A
Reg
DCLK Reset disabled
(Addr: Eh)
Calibration
On-command
Selected via CAL
Selected via the CAL Bit
N/A
Yes
Calibration
(Pin D6)
(Addr: 0h; Bit: 15)
(CAL = 0)
Power-on Calibration
Selected via CalDly
Yes
Not available
N/A
Delay Selection
(Pin V4)
Selected via the Config
Calibration Adjust
Not available
N/A
Reg
tCAL
(Addr: 4h)
Power-Down
Selected via PDI
Selected via the PDI Bit
Power down I-channel
Yes
I-channel operational
(Pin U3)
(Addr: 0h; Bit: 11)
Selected via PDQ
Selected via the PDQ Bit
Power down Q-channel
Yes
Q-channel operational
(Pin V3)
(Addr: 0h; Bit: 10)
"N/A" means "Not Applicable."
Input Control and Adjust
There are several features and configurations for the input of the ADC10D1000/1500 so that it may be used in
many different applications. This section covers AC/DC-coupled Mode, input full-scale range adjust, input offset
adjust, DES/Non-DES Mode, sampling clock phase adjust, an LC filter on the sampling clock, and VCMO Adjust.
AC/DC-coupled Mode
The analog inputs may be AC or DC-coupled. See AC/DC-Coupled Mode Pin (VCMO) for information on how to
select the desired mode and DC-coupled Input Signals and AC-coupled Input Signals for applications
information.
Input Full-Scale Range Adjust
The input full-scale range for the ADC10D1000/1500 may be adjusted via Non-ECM or ECM. In Non-ECM, a
control pin selects a higher or lower value; see Full-Scale Input Range Pin (FSR). In ECM, the input full-scale
range may be adjusted with 15-bits of precision. See VIN_FSR in Converter Electrical Characteristics – Analog
Input/Output and Reference Characteristics for electrical specification details. Note that the higher and lower full-
scale input range settings in Non-ECM correspond to the mid and min full-scale input range settings in ECM. It is
necessary to execute an on-command calibration following a change of the input full-scale range. See Register
Definitions for information about the registers.
Input Offset Adjust
The input offset adjust for the ADC10D1000/1500 may be adjusted with 12-bits of precision plus sign via ECM.
See Register Definitions for information about the registers.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
51
Product Folder Links: ADC10D1000 ADC10D1500


Similar Part No. - ADC10D1000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10D1000 NSC-ADC10D1000 Datasheet
2Mb / 62P
   Low Power, 10-Bit, Dual 1.0 GSPS or Single 2.0 GSPS ADC
ADC10D1000 NSC-ADC10D1000 Datasheet
2Mb / 70P
   Low Power, 10-Bit, Dual 1.0/1.5 GSPS or Single 2.0/3.0 GSPS ADC
ADC10D1000 NSC-ADC10D1000 Datasheet
2Mb / 70P
   Low Power, 10-Bit, Dual 1.0/1.5 GSPS or Single 2.0/3.0 GSPS ADC
ADC10D1000CCMLS NSC-ADC10D1000CCMLS Datasheet
2Mb / 64P
   Low Power, 10-Bit, Dual 1.0 GSPS or Single 2.0 GSPS A/DConverter
ADC10D1000CCMPR NSC-ADC10D1000CCMPR Datasheet
2Mb / 64P
   Low Power, 10-Bit, Dual 1.0 GSPS or Single 2.0 GSPS A/DConverter
More results

Similar Description - ADC10D1000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10D1000 NSC-ADC10D1000_10 Datasheet
2Mb / 70P
   Low Power, 10-Bit, Dual 1.0/1.5 GSPS or Single 2.0/3.0 GSPS ADC
ADC10D1000 NSC-ADC10D1000_09 Datasheet
2Mb / 70P
   Low Power, 10-Bit, Dual 1.0/1.5 GSPS or Single 2.0/3.0 GSPS ADC
ADC10D1000 NSC-ADC10D1000 Datasheet
2Mb / 62P
   Low Power, 10-Bit, Dual 1.0 GSPS or Single 2.0 GSPS ADC
ADC10D1000QML NSC-ADC10D1000QML Datasheet
2Mb / 64P
   Low Power, 10-Bit, Dual 1.0 GSPS or Single 2.0 GSPS A/DConverter
logo
Texas Instruments
ADC10D1000QML-SP TI-ADC10D1000QML-SP Datasheet
1Mb / 70P
[Old version datasheet]   ADC10D1000QML Low Power, 10-Bit, Dual 1.0 GSPS or Single 2.0 GSPS A/D Converter
logo
National Semiconductor ...
ADC08D1020 NSC-ADC08D1020 Datasheet
1Mb / 44P
   Low Power, 8-Bit, Dual 1.0 GSPS or Single 2.0 GSPS A/D Converter
ADC08D1520QML NSC-ADC08D1520QML Datasheet
1Mb / 46P
   Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC08D1520 NSC-ADC08D1520_09 Datasheet
847Kb / 44P
   Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC08D1520 NSC-ADC08D1520 Datasheet
781Kb / 44P
   Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC08D1020 NSC-ADC08D1020_08 Datasheet
1Mb / 44P
   Low Power, 8-Bit, Dual 1.0 GSPS or Single 2.0 GSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com