Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC10D020 Datasheet(PDF) 11 Page - Texas Instruments

Part # ADC10D020
Description  ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10D020 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADC10D020_15 Datasheet HTML 7Page - Texas Instruments ADC10D020_15 Datasheet HTML 8Page - Texas Instruments ADC10D020_15 Datasheet HTML 9Page - Texas Instruments ADC10D020_15 Datasheet HTML 10Page - Texas Instruments ADC10D020_15 Datasheet HTML 11Page - Texas Instruments ADC10D020_15 Datasheet HTML 12Page - Texas Instruments ADC10D020_15 Datasheet HTML 13Page - Texas Instruments ADC10D020_15 Datasheet HTML 14Page - Texas Instruments ADC10D020_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
ADC10D020
www.ti.com
SNAS143D – SEPTEMBER 2001 – REVISED MARCH 2013
Figure 5. AC Test Circuit
Specification Definitions
APERTURE (SAMPLING) DELAY is that time required after the fall of the clock input for the sampling switch to
open. The Sample/Hold circuit effectively stops capturing the input signal and goes into the “hold” mode
tAD after the clock goes low.
APERTURE JITTER is the variation in aperture delay from sample to sample. Aperture jitter shows up as input
noise.
CLOCK DUTY CYCLE is the ratio of the time that the clock waveform is high to the total time of one clock
period.
CROSSTALK is coupling of energy from one channel into the other channel.
DIFFERENTIAL NON-LINEARITY (DNL) is the measure of the maximum deviation from the ideal step size of 1
LSB. Measured at 20 MSPS with a ramp input.
EFFECTIVE NUMBER OF BITS (ENOB, or EFFECTIVE BITS) is another method of specifying Signal-to-Noise
and Distortion Ratio, or SINAD. ENOB is defined as (SINAD
− 1.76)/6.02 and says that the converter is
equivalent to a perfect ADC of this (ENOB) number of bits.
FULL POWER BANDWIDTH (FPBW) is the frequency at which the magnitude of the reconstructed output
fundamental drops 3 dB below its 1 MHz value.
GAIN ERROR is the difference between the ideal and actual differences between the input levels at which the
first and last code transitions occur. That is, how far this difference is from Full Scale.
INTEGRAL NON LINEARITY (INL) is a measure of the maximum deviation of each individual code from a line
drawn from zero scale (½ LSB below the first code transition) through positive full scale (½ LSB above the
last code transition). The deviation of any given code from this straight line is measured from the center of
that code value. The end point test method is used. Measured at 20 MSPS with a ramp input.
INTERMODULATION DISTORTION (IMD) is the creation of spectral components that are not present in the
input as a result of two sinusoidal frequencies being applied to the ADC input at the same time. It is
defined as the ratio of the power in the second and third order intermodulation products to the total power
in one of the original frequencies. IMD is usually expressed in dB.
LSB (LEAST SIGNIFICANT BIT) is the bit that has the smallest value of weight of all bits. This value is
m * VREF/2
n
where
“m” is the reference scale factor
“n” is the ADC resolution, which is 10 in the case of the ADC10D020
The value of “m” is determined by the logic level at the gain pin and has a value of 1 when the gain pin
is at a logic low and a value of 2 when the gain pin is at a logic high.
(1)
MISSING CODES are those output codes that are skipped or will never appear at the ADC outputs. These
codes cannot be reached with any input value.
MSB (MOST SIGNIFICANT BIT) is the bit that has the largest value or weight. Its value is one half of full scale.
OFFSET ERROR is a measure of how far the mid-scale transition point is from the ideal zero voltage input.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADC10D020


Similar Part No. - ADC10D020_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC10D020 TI1-ADC10D020_14 Datasheet
1Mb / 40P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
More results

Similar Description - ADC10D020_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC10D020 TI1-ADC10D020_14 Datasheet
1Mb / 40P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
logo
National Semiconductor ...
ADC10D020 NSC-ADC10D020 Datasheet
767Kb / 32P
   Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
logo
Texas Instruments
ADC14L020 TI1-ADC14L020_14 Datasheet
803Kb / 33P
[Old version datasheet]   14-Bit, 20 MSPS, 150 mW A/D Converter
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020 Datasheet
915Kb / 23P
   14-Bit, 20 MSPS, 150 mW A/D Converter
logo
Fairchild Semiconductor
SPT7852 FAIRCHILD-SPT7852 Datasheet
67Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7852 CADEKA-SPT7852 Datasheet
175Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
   10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7850 CADEKA-SPT7850 Datasheet
190Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7850 FAIRCHILD-SPT7850 Datasheet
97Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Analog Devices
AD876JST AD-AD876JST Datasheet
338Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com