Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC08131 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADC08131
Description  8-Bit High-Speed Serial I/O A/D Converters
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08131 Datasheet(HTML) 4 Page - Texas Instruments

  ADC08131 Datasheet HTML 1Page - Texas Instruments ADC08131 Datasheet HTML 2Page - Texas Instruments ADC08131 Datasheet HTML 3Page - Texas Instruments ADC08131 Datasheet HTML 4Page - Texas Instruments ADC08131 Datasheet HTML 5Page - Texas Instruments ADC08131 Datasheet HTML 6Page - Texas Instruments ADC08131 Datasheet HTML 7Page - Texas Instruments ADC08131 Datasheet HTML 8Page - Texas Instruments ADC08131 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
OBSOLETE
ADC08131, ADC08134, ADC08138
SNAS066D – JUNE 1999 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics
The following specifications apply for VCC = +5 VDC, VREF = +2.5 VDC and fCLK = 1 MHz unless otherwise specified. Boldface
limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25°C.
Units
Symbol
Parameter
Conditions
Typical(1)
Limits(2)
(Limits)
CONVERTER AND MULTIPLEXER CHARACTERISTICS
Linearity Error
VREF = +2.5 VDC
±1
LSB (max)
Full Scale Error
VREF = +2.5 VDC
±1
LSB (max)
Zero Error
VREF = +2.5 VDC
±1
LSB (max)
Total Unadjusted Error
VREF = +5 VDC
(3)
±1
LSB (max)
Differential Linearity
VREF = +2.5 VDC
8
Bits (min)
3.5
k
Ω
RREF
Reference Input Resistance
See(4)
1.3
k
Ω (min)
6.0
k
Ω (max)
(VCC + 0.05)
V (max)
VIN
Analog Input Voltage
See(5)
(GND
− 0.05)
V (min)
DC Common-Mode Error
VREF = 2.5 VDC
±½
LSB (max)
VCC = +5V ±5%,
Power Supply Sensitivity
±¼
LSB (max)
VREF = +2.5 VDC
On Channel = 5V,
0.2
µA (max)
Off Channel = 0V
1
On Channel Leakage Current(6)
On Channel = 0V,
−0.2
µA (max)
Off Channel = 5V
−1
On Channel = 5V,
−0.2
µA (max)
Off Channel = 0V
−1
Off Channel Leakage Current(6)
On Channel = 0V,
0.2
µA (max)
Off Channel = 5V
1
DIGITAL AND DC CHARACTERISTICS
VIN(1)
Logical “1” Input Voltage
VCC = 5.25V
2.0
V (min)
VIN(0)
Logical “0” Input Voltage
VCC = 4.75V
0.8
V (max)
IIN(1)
Logical “1” Input Current
VIN = 5.0V
1
µA (max)
IIN(0)
Logical “0” Input Current
VIN = 0V
−1
µA (max)
VCC = 4.75V:
VOUT(1)
Logical “1” Output Voltage
IOUT = −360 µA
2.4
V (min)
IOUT = −10 µA
4.5
V (min)
VCC = 4.75V
0.4
V (max)
VOUT(0)
Logical “0” Output Voltage
IOUT = 1.6 mA
(1)
Typicals are at TJ = 25°C and represent the most likely parametric norm.
(2)
Ensured to AOQL (Average Outgoing Quality Level).
(3)
Total unadjusted error includes zero, full-scale, linearity, and multiplexer error. Total unadjusted error with VREF = +5V only applies to the
ADC08134 and ADC08138. See Note 7 on the following page.
(4)
Cannot be tested for the ADC08131.
(5)
For VIN(−) ≥ VIN(+) the digital code will be 0000 0000. Two on-chip diodes are tied to each analog input (see ADC08138 Simplified Block
Diagram) which will forward-conduct for analog input voltages one diode drop below ground or one diode drop greater than VCC supply.
During testing at low VCC levels (e.g., 4.5V), high level analog inputs (e.g., 5V) can cause an input diode to conduct, especially at
elevated temperatures. This will cause errors for analog inputs near full-scale. The specification allows 50 mV forward bias of either
diode; this means that as long as the analog VIN does not exceed the supply voltage by more than 50 mV, the output code will be
correct. Exceeding this range on an unselected channel will corrupt the reading of a selected channel. Achievement of an absolute 0
VDC to 5 VDC input voltage range will therefore require a minimum supply voltage of 4.950 VDC over temperature variations, initial
tolerance and loading.
(6)
Channel leakage current is measured after a single-ended channel is selected and the clock is turned off. For off channel leakage
current the following two cases are considered: one, with the selected channel tied high (5 VDC) and the remaining seven off channels
tied low (0 VDC), total current flow through the off channels is measured; two, with the selected channel tied low and the off channels
tied high, total current flow through the off channels is again measured. The two cases considered for determining on channel leakage
current are the same except total current flow through the selected channel is measured.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: ADC08131 ADC08134 ADC08138


Similar Part No. - ADC08131

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08131 NSC-ADC08131 Datasheet
488Kb / 21P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
ADC08131CIWM NSC-ADC08131CIWM Datasheet
488Kb / 21P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
More results

Similar Description - ADC08131

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2280 MICRO-LINEAR-ML2280 Datasheet
357Kb / 20P
   Serial I/O 8-Bit A/D Converters
logo
Linear Technology
LTC1096 LINER-LTC1096_1 Datasheet
282Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
logo
Texas Instruments
ADC08231 TI1-ADC08231 Datasheet
646Kb / 26P
[Old version datasheet]   8-Bit 2 Mus Serial I/O A/D Converters
logo
Linear Technology
LTC1096L LINER-LTC1096L_15 Datasheet
290Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1096 LINER-LTC1096 Datasheet
452Kb / 28P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1096 LINER-LTC1096_15 Datasheet
290Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1098 LINER-LTC1098_15 Datasheet
290Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1098L LINER-LTC1098L_15 Datasheet
290Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
logo
Micro Linear Corporatio...
ML2281 MICRO-LINEAR-ML2281 Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC0831 NSC-ADC0831 Datasheet
755Kb / 33P
   8-Bit Serial I/O A/D Converters with Multiplexer Options
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com