Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4423P Datasheet(PDF) 4 Page - Texas Instruments

Part # 4423P
Description  Precision Quadrature Oscillator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

4423P Datasheet(HTML) 4 Page - Texas Instruments

  4423P Datasheet HTML 1Page - Texas Instruments 4423P Datasheet HTML 2Page - Texas Instruments 4423P Datasheet HTML 3Page - Texas Instruments 4423P Datasheet HTML 4Page - Texas Instruments 4423P Datasheet HTML 5Page - Texas Instruments 4423P Datasheet HTML 6Page - Texas Instruments 4423P Datasheet HTML 7Page - Texas Instruments 4423P Datasheet HTML 8Page - Texas Instruments 4423P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4423
SBFS020A − JANUARY 1978 − REVISED JUNE 2004
www.ti.com
4
PIN ASSIGNMENTS
NSQ PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
COM
+V
CC
−V
CC
E
1
+In
−In
Output
E
2
4423
Terminal Functions
TERMINAL
NAME
NO.
DESCRIPTION
E1
1
Sine output
2
Frequency adjustment
3
Frequency adjustment
+In
4
Uncommitted op amp
−In
5
Uncommitted op amp
Output
6
Uncommitted op amp
E2
7
Cosine output
8
Frequency adjustment
−VCC
9
−15VDC
+VCC
10
+15VDC
COM
11
Ground
12
Frequency adjustment
13
Frequency adjustment
14
Frequency adjustment
TYPICAL CHARACTERISTICS
Specifications typical at +25
°C and ±15VDC power supply, unless otherwise noted.
Figure 1
DISTORTION vs FREQUENCY
1k
10k
100k
10
0.20
0.15
0.10
0.05
0
100
Frequency (Hz)
C=0
C=0.1
µF
C=0.01
µF
Figure 2
AMPLITUDE ERROR vs FREQUENCY
1k
10k
100k
10
5.0
2.5
0
−2.5
−5.0
100
Frequency (Hz)
C=0
C=0.1
µF
C= 0.01
µF
Figure 3
AMPLITUDE CHANGE vs TEMPERATURE
+50
+100
+150
−50
5.0
2.5
0
−2.5
−5.0
0
Temperature (
_C)


Similar Part No. - 4423P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
4423 BURR-BROWN-4423 Datasheet
222Kb / 5P
   PRECISION QUADRATURE OSCILLATOR
logo
Hitachi Semiconductor
44233 HITACHI-44233 Datasheet
671Kb / 11P
   SINGLE CHIP CODEC WITH FILTERS(COMBO)
logo
List of Unclassifed Man...
44235 ETC1-44235 Datasheet
128Kb / 1P
   TRANSFORMATEURS EI 42
44236 ETC1-44236 Datasheet
128Kb / 1P
   TRANSFORMATEURS EI 42
44237 ETC1-44237 Datasheet
128Kb / 1P
   TRANSFORMATEURS EI 42
More results

Similar Description - 4423P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
4423 BURR-BROWN-4423 Datasheet
222Kb / 5P
   PRECISION QUADRATURE OSCILLATOR
logo
NIHON DEMPA KOGYO
NH37M28LK_17 NDK-NH37M28LK_17_09 Datasheet
773Kb / 1P
   High Precision Oscillator
logo
EUROQUARTZ limited
CXOQ EUROQUARTZ-CXOQ Datasheet
102Kb / 1P
   Ultra-Miniature Precision Oscillator
CXOMK EUROQUARTZ-CXOMK Datasheet
218Kb / 2P
   High Precision Crystal Oscillator
logo
Vanlong Technology Co.,...
PO322 VANLONG-PO322_13 Datasheet
51Kb / 1P
   High Precision Crystal Oscillator
PO322 VANLONG-PO322 Datasheet
45Kb / 1P
   High Precision Crystal Oscillator
logo
EUROQUARTZ limited
EMEM1102 EUROQUARTZ-EMEM1102 Datasheet
428Kb / 4P
   Low Jitter Precision LVPECL Oscillator
logo
Micrel Semiconductor
DSC1101 MICREL-DSC1101 Datasheet
697Kb / 7P
   Low-Jitter Precision CMOS Oscillator
logo
Microchip Technology
DSC1103 MICROCHIP-DSC1103 Datasheet
490Kb / 26P
   Low-Jitter Precision LVDS Oscillator
08/15/18
logo
NIHON DEMPA KOGYO
NZ2520SEA NDK-NZ2520SEA_18 Datasheet
901Kb / 2P
   High-precision Crystal Clock Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com