Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54AC175 Datasheet(PDF) 4 Page - Texas Instruments

Part # 54AC175
Description  Quad D Flip-Flop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

54AC175 Datasheet(HTML) 4 Page - Texas Instruments

  54AC175 Datasheet HTML 1Page - Texas Instruments 54AC175 Datasheet HTML 2Page - Texas Instruments 54AC175 Datasheet HTML 3Page - Texas Instruments 54AC175 Datasheet HTML 4Page - Texas Instruments 54AC175 Datasheet HTML 5Page - Texas Instruments 54AC175 Datasheet HTML 6Page - Texas Instruments 54AC175 Datasheet HTML 7Page - Texas Instruments 54AC175 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
OBSOLETE
54AC175, 54ACT175
SNOS094B – AUGUST 1998 – REVISED APRIL 2013
www.ti.com
DC CHARACTERISTICS FOR 'AC FAMILY DEVICES
54AC
Symbol
Parameter
VCC
TA = −55°C to +125°C
Units
Conditions
(V)
Specified Limits
VIH
Minimum High Level
3.0
2.1
VOUT = 0.1V
Input Voltage
4.5
3.15
V
or VCC − 0.1V
5.5
3.85
VIL
Maximum Low Level
3.0
0.9
VOUT = 0.1V
Input Voltage
4.5
1.35
V
or VCC − 0.1V
5.5
1.65
VOH
Minimum High Level
3.0
2.9
IOUT = −50 μA
Output Voltage
4.5
4.4
V
5.5
5.4
See(1)
VIN = VIL or VIH
3.0
2.4
IOH = −12 mA
4.5
3.7
V
IOH = −24 mA
5.5
4.7
IOH = −24 mA
VOL
Maximum Low Level
3.0
0.1
IOUT = 50 μA
Output Voltage
4.5
0.1
V
5.5
0.1
See(1)
VIN = VIL or VIH
3.0
0.50
IOL = 12 mA
4.5
0.50
V
IOL = 24 mA
5.5
0.50
IOL = 24 mA
IIN
Maximum Input
5.5
±1.0
μA
VI = VCC, GND
Leakage Current
IOLD
Minimum Dynamic(2)
5.5
50
mA
VOLD = 1.65V Max
IOHD
Output Current
5.5
−50
mA
VOHD = 3.85V Min
ICC
Maximum Quiescent
5.5
160.0
μA
VIN = VCC
Supply Current
or GND
(1)
All outputs loaded; thresholds on input associated with output under test.
(2)
Maximum test duration 2.0 ms, one output loaded at a time.
DC CHARACTERISTICS FOR 'ACT FAMILY DEVICES
54ACT
Symbol
Parameter
VCC
TA = −55°C to +125°C
Units
Conditions
(V)
Specified Limits
VIH
Minimum High Level
4.5
2.0
V
VOUT = 0.1V
Input Voltage
5.5
2.0
or VCC − 0.1V
VIL
Maximum Low Level
4.5
0.8
V
VOUT = 0.1V
Input Voltage
5.5
0.8
or VCC − 0.1V
VOH
Minimum High Level
4.5
4.4
V
IOUT = −50 μA
Output Voltage
5.5
5.4
See(1)
VIN = VIL or VIH
4.5
3.70
V
IOH = −24 mA
5.5
4.70
IOH = −24 mA
(1)
All outputs loaded; thresholds on input associated with output under test.
4
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: 54AC175 54ACT175


Similar Part No. - 54AC175

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC175 NSC-54AC175 Datasheet
141Kb / 8P
   Quad D Flip-Flop
54AC175D NSC-54AC175D Datasheet
141Kb / 8P
   Quad D Flip-Flop
54AC175F NSC-54AC175F Datasheet
141Kb / 8P
   Quad D Flip-Flop
54AC175L NSC-54AC175L Datasheet
141Kb / 8P
   Quad D Flip-Flop
More results

Similar Description - 54AC175

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS175 MOTOROLA-SN54LS175 Datasheet
171Kb / 5P
   QUAD D FLIP-FLOP
logo
NXP Semiconductors
74F175A PHILIPS-74F175A Datasheet
82Kb / 10P
   Quad D flip-flop
1996 Mar 12
logo
National Semiconductor ...
MM54C175 NSC-MM54C175 Datasheet
114Kb / 6P
   Quad D Flip-Flop
54AC175 NSC-54AC175 Datasheet
141Kb / 8P
   Quad D Flip-Flop
logo
NXP Semiconductors
74ALS175 PHILIPS-74ALS175 Datasheet
99Kb / 8P
   Quad D flip-flop
1991 Feb 08
logo
Fairchild Semiconductor
74VHC175 FAIRCHILD-74VHC175 Datasheet
71Kb / 7P
   Quad D-Type Flip-Flop
logo
Renesas Technology Corp
HD74AC175 RENESAS-HD74AC175 Datasheet
211Kb / 8P
   Quad D-Type Flip-Flop
logo
Fairchild Semiconductor
74F175 FAIRCHILD-74F175 Datasheet
80Kb / 7P
   Quad D-Type Flip-Flop
MM74C175 FAIRCHILD-MM74C175 Datasheet
55Kb / 6P
   Quad D-Type Flip-Flop
logo
Nexperia B.V. All right...
HEF40175B NEXPERIA-HEF40175B Datasheet
238Kb / 13P
   Quad D-type flip-flop
Rev. 10 - 29 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com