Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

270V320T252A1A Datasheet(PDF) 8 Page - CTS Corporation

Part # 270V320T252A1A
Description  Industrial 16mm Diameter Carbon Composition Ratary Potentiometer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

270V320T252A1A Datasheet(HTML) 8 Page - CTS Corporation

  270V320T252A1A Datasheet HTML 1Page - CTS Corporation 270V320T252A1A Datasheet HTML 2Page - CTS Corporation 270V320T252A1A Datasheet HTML 3Page - CTS Corporation 270V320T252A1A Datasheet HTML 4Page - CTS Corporation 270V320T252A1A Datasheet HTML 5Page - CTS Corporation 270V320T252A1A Datasheet HTML 6Page - CTS Corporation 270V320T252A1A Datasheet HTML 7Page - CTS Corporation 270V320T252A1A Datasheet HTML 8Page - CTS Corporation 270V320T252A1A Datasheet HTML 9Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8 - 9
© 2015 CTS Corporation. All rights reserved. I nformation subject to change.
03/27/15
CTS Electrocomponents
www.ctscorp.com
Y
Type
A
.125” (3.18 mm)
.156” (3.96 mm)
R
Type
Diameter
B
.125” (3.18 mm)
.156” (3.96 mm)
F
X
Y
.250” (6.35 mm)
.250” (6.35 mm)
Type
Diameter
C
.125” (3.18 mm)
.156” (3.96 mm)
S
X
.047” (1.19 mm)
Y
.039” (1.00 mm)
.039” (1.00 mm)
X
Y
Dia.
Diameter
G
.187” (4.75 mm)
.236” (6.00 mm)
X
.250” (6.35 mm)
P
Dia.
H
.187” (4.75 mm)
.236” (6.00 mm)
L
.472” (12.0mm)
.250” (6.35 mm)
D
.250” (6.35 mm)
.187” (4.75 mm)
V*
.375” (9.52 mm)
.313” (7.95 mm)
.236” (6.00 mm)
W**
.472” (12.0 mm)
Z
Y
X
Type
Diameter
.236” (6.00 mm)
N
X
.342” (8.70 mm)
Y
.039” (1.00 mm)
Z
18 Teeth
X
.109” (2.77 mm)
.109” (2.77 mm)
.156” (3.96 mm)
.156” (3.96 mm)
.156” (3.96 mm)
.177” (4.50 mm)
.177” (4.50 mm)
.187” (4.75 mm)
J
.039” (1.00 mm)
.236” (6.00 mm)
M
.039” (1.00 mm)
.250” (6.35 mm)
E
.039” (1.00 mm)
.236” (6.00 mm)
T
.279” (7.10 mm) .062” (1.57 mm)
24 Teeth
Shaft Diameter and Trim
.047” (1.19 mm)
.047” (1.19 mm)
.047” (1.19 mm)
.047” (1.19 mm)
KNURLED & SLOTTED
SLOTTED
FLATTED
ROUND
*Molded Shaft, FMS .875” (22.2 mm), not available with switch
**Molded Shaft, FMS .984” (25.0 mm), with rotary switch only
*Molded Shaft, FMS .500” (12.7 mm), not available with switch
(Metal Shaft)
Type
Diameter
.236” (6.00 mm)
K**
X
.200” (5.08 mm)
Y
.046” (1.17 mm)
Z
18 Teeth
.187” (4.75 mm)
U*
.062” (1.57 mm) .046” (1.17 mm)
18 Teeth
**Molded Shaft, FMS .500” (12.7 mm), with rotary switch only
Z
Y
X
KNURLED & SLOTTED
(Molded Shaft)


Similar Part No. - 270V320T252A1A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
270V320A103A1A1 CTS-270V320A103A1A1 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
270V320A103B1A1 CTS-270V320A103B1A1 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
270V320A501A1A1 CTS-270V320A501A1A1 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
270V320A501B1A1 CTS-270V320A501B1A1 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
270V320R103A1A1 CTS-270V320R103A1A1 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
More results

Similar Description - 270V320T252A1A

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
WS19 SHARMA-WS19 Datasheet
1,002Kb / 2P
   Carbon Composition Potentiometer
logo
CTS Corporation
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
   Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
290T220R103B11 CTS-290T220R103B11 Datasheet
285Kb / 2P
   Long Life 24mm Diameter Carbon Composition Rotary Potentiometer
logo
TOCOSAMERICA, INC.
RV16 TOCOS-RV16 Datasheet
669Kb / 6P
   16mm Diameter, Single-Turn, Carbon Industrial Panel Controls
logo
CTS Corporation
250U20F102B1NA CTS-250U20F102B1NA_16 Datasheet
249Kb / 3P
   Commercial 9mm Carbon Composition Rotary Potentiometer
logo
Sharma Electro Componen...
WS-2A SHARMA-WS-2A Datasheet
787Kb / 1P
   WS Series Hot-Molded Carbon Composition Potentiometer
logo
CTS Corporation
251B12F103B1NB CTS-251B12F103B1NB Datasheet
269Kb / 2P
   Long Life 9mm Carbon Composition Rotary Potentiometer
201XR CTS-201XR Datasheet
2Mb / 2P
   Commercial 15 mmDiameter Carbon Composition Trimmer Potentiometer
450T220R103B1 CTS-450T220R103B1_16 Datasheet
269Kb / 9P
   Industrial 24mm Diameter 1/2 Watt, Composition Rotary Potentiometer
280 CTS-280 Datasheet
690Kb / 4P
   Commercial Miniature 16mm Diameter Composition Variable Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com