Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP213DUFA-7B Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMP213DUFA-7B
Description  Halogen and Antimony Free. ?쏥reen??Device (Note 3)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP213DUFA-7B Datasheet(HTML) 3 Page - Diodes Incorporated

  DMP213DUFA-7B Datasheet HTML 1Page - Diodes Incorporated DMP213DUFA-7B Datasheet HTML 2Page - Diodes Incorporated DMP213DUFA-7B Datasheet HTML 3Page - Diodes Incorporated DMP213DUFA-7B Datasheet HTML 4Page - Diodes Incorporated DMP213DUFA-7B Datasheet HTML 5Page - Diodes Incorporated DMP213DUFA-7B Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMP213DUFA
Document number: DS36466 Rev. 1 - 2
3 of 6
www.diodes.com
July 2014
© Diodes Incorporated
DMP213DUFA
V , DRAIN -SOURCE VOLTAGE (V)
Figure 1 Typical Output Characteristics
DS
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
01
2
3
4
5
V
= -1.2V
GS
V
= -1.5V
GS
V
= -2.0V
GS
V
= -2.5V
GS
V
= -3.0V
GS
V
= -2.7V
GS
V
= -4.0V
GS
V
= -4.5V
GS
V
= -8.0V
GS
V , GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
0
0.1
0.2
0.3
0.4
0.5
0.6
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
T = 150 C
A
°
T = 125 C
A
°
T = 85 C
A
°
T = 25 C
A
°
T = -55 C
A
°
V= -5.0V
DS
I , DRAIN SOURCE CURRENT (A)
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
D
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
0
0.2
0.4
0.6
0.8
1
V
= -2.7V
GS
V
= -4.5V
GS
I , DRAIN SOURCE CURRENT (A)
Figure 4 Typical On-Resistance vs.
Drain Current and Temperature
D
0
1
2
3
4
5
6
7
8
9
10
0
0.2
0.4
0.6
0.8
1
T = -55 C
A
°
T = 25 C
A
°
T = 85 C
A
°
T = 125 C
A
°
T = 150 C
A
°
V
= -4.5V
GS
T , JUNCTION TEMPERATURE ( C)
J
°
Figure 5 On-Resistance Variation with Temperature
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
V
= -4.5V
I = -300mA
GS
D
T , JUNCTION TEMPERATURE ( C)
J
°
Figure 6 On-Resistance Variation with Temperature
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-50
-25
0
25
50
75
100
125
150
V=
5V
I=
A
GS
D
-4.
-300m


Similar Part No. - DMP213DUFA-7B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP213DUFA DIODES-DMP213DUFA_15 Datasheet
276Kb / 6P
   25V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP213DUFA-7B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN10H170SFDE DIODES-DMN10H170SFDE Datasheet
438Kb / 6P
   Halogen and Antimony Free. ?쏥reen??Device (Note 3)
DMN10H099SK3 DIODES-DMN10H099SK3 Datasheet
361Kb / 6P
   Halogen and Antimony Free. ?쏥reen??Device (Note 3)
DMN10H100SK3 DIODES-DMN10H100SK3 Datasheet
541Kb / 7P
   Halogen and Antimony Free. ?쏥reen??Device (Note 3)
DMP2007UFG DIODES-DMP2007UFG Datasheet
460Kb / 7P
   Halogen and Antimony Free. ?쏥reen??Device (Note 3)
logo
Infineon Technologies A...
ESD205-B1 INFINEON-ESD205-B1 Datasheet
969Kb / 16P
   Pb-free and halogen free package
Revision 1.4, 2014-05-14
ESD113-B1 INFINEON-ESD113-B1 Datasheet
740Kb / 16P
   Pb-free and halogen-free package
Revision 1.2, 2014-05-14
logo
Elpida Memory
EDE2108AEBG ELPIDA-EDE2108AEBG Datasheet
498Kb / 73P
   Lead-free (RoHS compliant) and Halogen-free
logo
International Rectifier
IRF6716MTR1PBF IRF-IRF6716MTR1PBF Datasheet
280Kb / 9P
   RoHs Compliant and Halogen Free
logo
Advanced Power Electron...
AP20SL60I-A A-POWER-AP20SL60I-A Datasheet
112Kb / 6P
   RoHS Compliant and Halogen-Free
logo
International Rectifier
IRF6712SPBF IRF-IRF6712SPBF_15 Datasheet
247Kb / 9P
   RoHS Compliant and Halogen Free
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com