Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP2023UFDF-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMP2023UFDF-7
Description  Low Gate Threshold Voltage
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2023UFDF-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMP2023UFDF-7 Datasheet HTML 1Page - Diodes Incorporated DMP2023UFDF-7 Datasheet HTML 2Page - Diodes Incorporated DMP2023UFDF-7 Datasheet HTML 3Page - Diodes Incorporated DMP2023UFDF-7 Datasheet HTML 4Page - Diodes Incorporated DMP2023UFDF-7 Datasheet HTML 5Page - Diodes Incorporated DMP2023UFDF-7 Datasheet HTML 6Page - Diodes Incorporated DMP2023UFDF-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DMP2023UFDF
Datasheet number: DS37249 Rev. 4 - 2
3 of 7
www.diodes.com
January 2015
© Diodes Incorporated
DMP2023UFDF
V , DRAIN -SOURCE VOLTAGE (V)
DS
Figure 1 Typical Output Characteristics
0
5
10
15
20
00.5
11.5
22.5
3
V
= -1.0V
GS
V
= -1.2V
GS
V
= -1.5V
GS
V
= -1.8V
GS
V
= -2.5V
GS
V
= -3.0V
GS
V
= -4.0V
GS
V
= -4.5V
GS
V
= -8.0V
GS
V , GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
0
5
10
15
20
25
30
0
0.5
1
1.5
2
2.5
V
= -5.0V
DS
T = -55°C
A
T = 150°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
I , DRAIN SOURCE CURRENT (A)
D
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0
5
10
15
20
V
= -4.5V
GS
V
= -2.5V
GS
V
= -1.8V
GS
V
= -1.5V
GS
V , GATE-SOURCE VOLTAGE (V)
GS
Figure 4 Typical Transfer Characteristics
0
0.02
0.04
0.06
0.08
0.1
012
3
4567
8
I = -1.0A
D
I = -7.0A
D
I = -5.0A
D
I = -3.0A
D
I , DRAIN CURRENT (A)
D
Figure 5 Typical On-Resistance vs.
Drain Current and Temperature
T = -55°C
A
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0.04
0.045
0.05
05
10
15
20
V
= -4.5V
GS
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T , JUNCTION TEMPERATURE ( C)
J
Figure 6 On-Resistance Variation with Temperature
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100
125
150
V
= -2.5V
GS
I = -5A
D
V
= -4.5V
GS
I = -20A
D


Similar Part No. - DMP2023UFDF-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP2023UFDF-7 DIODES-DMP2023UFDF-7 Datasheet
390Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP2023UFDF-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP25H18DLFDE DIODES-DMP25H18DLFDE Datasheet
247Kb / 7P
   Low Gate Threshold Voltage
DMN3016LFDE DIODES-DMN3016LFDE Datasheet
265Kb / 6P
   Low Gate Threshold Voltage
DMP31D0UFB4 DIODES-DMP31D0UFB4 Datasheet
478Kb / 7P
   Low Gate Threshold Voltage
DMN4020LFDE DIODES-DMN4020LFDE Datasheet
290Kb / 6P
   Low Gate Threshold Voltage
DMN1150UFL3 DIODES-DMN1150UFL3 Datasheet
661Kb / 7P
   Low Gate Threshold Voltage
DMN2011UFDE DIODES-DMN2011UFDE Datasheet
344Kb / 7P
   Low Gate Threshold Voltage
DMN24H11DS DIODES-DMN24H11DS Datasheet
395Kb / 6P
   Low Gate Threshold Voltage
DMN2022UFDF DIODES-DMN2022UFDF Datasheet
313Kb / 6P
   Low Gate Threshold Voltage
DMP31D0U DIODES-DMP31D0U Datasheet
514Kb / 7P
   Low Gate Threshold Voltage
DMN10H700S DIODES-DMN10H700S Datasheet
401Kb / 7P
   Low Gate Threshold Voltage
DMP2021UFDF DIODES-DMP2021UFDF Datasheet
295Kb / 7P
   Low Gate Threshold Voltage
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com