Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP1045UFY4-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMP1045UFY4-7
Description  Low On-Resistance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP1045UFY4-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMP1045UFY4-7 Datasheet HTML 1Page - Diodes Incorporated DMP1045UFY4-7 Datasheet HTML 2Page - Diodes Incorporated DMP1045UFY4-7 Datasheet HTML 3Page - Diodes Incorporated DMP1045UFY4-7 Datasheet HTML 4Page - Diodes Incorporated DMP1045UFY4-7 Datasheet HTML 5Page - Diodes Incorporated DMP1045UFY4-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMP1045UFY4
Document number: DS31853 Rev. 7 - 2
3 of 6
www.diodes.com
September 2012
© Diodes Incorporated
DMP1045UFY4
0
0.5
1.0
1.5
2.0
2.5
3.0
-V
, DRAIN -SOURCE VOLTAGE (V)
Fig. 1 Typical Output Characteristics
DS
0
5
10
15
20
V= -1.2V
GS
V= -1.5V
GS
V= -1.8V
GS
V= -2.5V
GS
V= -4.5V
GS
V= -8.0V
GS
V= -2.0V
GS
0
5
10
15
20
0
0.5
1.0
1.5
2.0
2.5
-V
, GATE-SOURCE VOLTAGE (V)
GS
Fig. 2 Typical Transfer Characteristics
T = 150 C
A
°
T = 125 C
A
°
T = 85 C
A
°
T = 25 C
A
°
T = -55 C
A
°
V
= -5.0V
DS
0.02
0.04
0.06
0.08
0.12
04
8
12
16
20
0.10
0
-I , DRAIN SOURCE CURRENT (A)
Fig. 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
D
V
= -4.5V
GS
V
= -2.5V
GS
V
= -1.8V
GS
0.02
0.04
0.06
0.08
0.12
0.14
0.16
0.18
0.20
0.10
0
0
1
23
45
6
7
8
-V
, GATE-SOURCE VOLTAGE (V)
GS
Fig. 4 Typical Drain-Source On-Resistance
vs. Gate-Source Voltage
I = -4.0A
D
0.02
0.04
0.06
0
5
10
15
20
0
-I , DRAIN SOURCE CURRENT (A)
Fig. 5 Typical On-Resistance vs.
Drain Current and Temperature
D
T = -55 C
A
°
T = 25 C
A
°
T = 85 C
A
°
T = 125 C
A
°
T = 150 C
A
°
V= -4.5V
GS
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
J
°
Fig. 6 On-Resistance Variation with Temperature
0.5
0.7
0.9
1.1
1.3
1.5
1.7
V
= -4.5V
I = -10A
GS
D
V
= -2.5V
I = -5A
GS
D


Similar Part No. - DMP1045UFY4-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP1045UFY4-7 DIODES-DMP1045UFY4-7 Datasheet
195Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP1045UFY4-7

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
   Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
   Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
   Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
   Low On-Resistance
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
   Low On-resistance
logo
Diodes Incorporated
DMN1260UFA DIODES-DMN1260UFA Datasheet
372Kb / 6P
   Low On-Resistance
DMN2028UFDH DIODES-DMN2028UFDH Datasheet
281Kb / 6P
   Low On-Resistance
DMN3065LW DIODES-DMN3065LW Datasheet
224Kb / 5P
   Low On-Resistance
logo
ZP Semiconductor
DMP3030SN ZPSEMI-DMP3030SN Datasheet
114Kb / 1P
   Low On-Resistance
logo
Advanced Power Electron...
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com