Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR-2209M Datasheet(PDF) 3 Page - Exar Corporation

Part # XR-2209M
Description  Voltage-Controlled Oscillator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR-2209M Datasheet(HTML) 3 Page - Exar Corporation

  XR-2209M Datasheet HTML 1Page - Exar Corporation XR-2209M Datasheet HTML 2Page - Exar Corporation XR-2209M Datasheet HTML 3Page - Exar Corporation XR-2209M Datasheet HTML 4Page - Exar Corporation XR-2209M Datasheet HTML 5Page - Exar Corporation XR-2209M Datasheet HTML 6Page - Exar Corporation XR-2209M Datasheet HTML 7Page - Exar Corporation XR-2209M Datasheet HTML 8Page - Exar Corporation XR-2209M Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
XR-2209
Rev. 2.02
3
DC ELECTRICAL CHARACTERISTICS
Test Conditions: Test Circuit of
Figure 3 and Figure 4, VCC = 12V, TA = +25°C, C = 5000pF, R = 20kW, RL =
4.7k
W, S1 and S2 Closed Unless Otherwise Specified
XR-2209M
XR-2209C
Parameters
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Conditions
General Characteristics
Supply Voltage
Single Supply
Split Supplies
8
"4
26
"13
8
"4
26
"13
V
V
See
Figure 3
Figure 4
Supply Current
Single Supply
5
7
5
8
mA
Figure 3
Measured at Pin 1, S1, S2
Open
Split Supplies
Positive
Negative
5
4
7
6
5
4
8
7
mA
mA
Figure 4
Measured at Pin 1, S1, S2
Open
Measured at Pin 4, S1, S2
Open
Oscillator Section - Frequency Characteristics
Upper Frequency Limit
0.5
1.0
0.5
1.0
MHz
C = 500pF, R = 2K
W
Lowest Practical Frequency
0.01
0.01
Hz
C = 50
mF, R = 2MW
Frequency Accuracy
"1
"3
"1
"5
% of fo
Frequency Stability
Temperature
Power Supply
20
0.15
50
30
0.15
ppm/
°
C
%/V
0
°C < TA < 70°C
Sweep Range
1000:
1
3000:1
1000:
1
fH/fL
R = 1.5 K
W for fH
R = 2M
W for fL
Sweep Linearity
10:1 Sweep
1000:1 Sweep
1
5
2
1.5
5
%
%
fH = 10kHz, fL= 1kHz
fH = 100kHz, fL= 100Hz
FM Distortion
0.1
0.1
%
+10% FM Deviation
Recommended Range of
Timing Resistor
1.5
2000
1.5
2000
k
W
See Characteristic Curves
Impedance at Timing Pins
75
75
W
Measured at Pin 4
Output Characteristics
Triangle Output
Amplitude
Impedance
DC Level
Linearity
4
6
10
+100
0.1
4
6
10
+100
0.1
Vpp
W
mV
%
Measured at Pin 8
Referenced to Pin 6
From 10% to 90% of Swing
Squarewave Output
Amplitude
Saturation Voltage
Rise Time
Fall Time
11
12
0.2
200
20
0.4
11
12
0.2
200
20
0.4
Vpp
V
nsec
nsec
Measured at Pin 7, S2 Closed
Referenced to Pin 6
CL  10pF, RL = 4.7K
CL  10pF
Notes
Bold face parameters are covered by production test and guaranteed over operating temperature range.
Specifications are subject to change without notice


Similar Part No. - XR-2209M

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-2206 EXAR-XR-2206 Datasheet
191Kb / 16P
   Monolithic Function Generator
XR-2206 EXAR-XR-2206 Datasheet
153Kb / 16P
   Monolithic Function Generator
XR-2206CP EXAR-XR-2206CP Datasheet
191Kb / 16P
   Monolithic Function Generator
XR-2206CP EXAR-XR-2206CP Datasheet
153Kb / 16P
   Monolithic Function Generator
XR-2206D EXAR-XR-2206D Datasheet
191Kb / 16P
   Monolithic Function Generator
More results

Similar Description - XR-2209M

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCSR1280-8 SYNERGY-DCSR1280-8 Datasheet
488Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC1921-5 SYNERGY-MFC1921-5 Datasheet
279Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC8192-5 SYNERGY-MFC8192-5 Datasheet
494Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCMO80210-5 SYNERGY-DCMO80210-5 Datasheet
287Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
logo
Z-Communications, Inc
CLV1137 ZCOMM-CLV1137 Datasheet
44Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com