Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP32D9UFZ Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMP32D9UFZ
Description  ESD Protected Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP32D9UFZ Datasheet(HTML) 5 Page - Diodes Incorporated

  DMP32D9UFZ Datasheet HTML 1Page - Diodes Incorporated DMP32D9UFZ Datasheet HTML 2Page - Diodes Incorporated DMP32D9UFZ Datasheet HTML 3Page - Diodes Incorporated DMP32D9UFZ Datasheet HTML 4Page - Diodes Incorporated DMP32D9UFZ Datasheet HTML 5Page - Diodes Incorporated DMP32D9UFZ Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DMP32D9UFZ
Document number: DS36842 Rev. 2 - 2
5 of 6
www.diodes.com
June 2014
© Diodes Incorporated
DMP32D9UFZ
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
X2-DFN0606-3
Dim
Min
Max
Typ
A
0.36
0.42
0.39
A1
0
0.05
0.02
b
0.10
0.20
0.15
D
0.57
0.67
0.62
D2
0.155 BSC
D3
0.185 BSC
E
0.57
0.67
0.62
E2
0.40
0.60
0.50
e
0.35 BSC
k
0.16 REF
L
0.09
0.21
0.15
L2
0.11
0.31
0.21
All Dimensions in mm
Dimensions
Value
(in mm)
C
0.350
X
0.280
X1
0.350
X2
0.760
Y
0.200
Y1
0.600
A
A 1
Seating Plane
D
E
L
2 x
k
b
2 x
e
E 2
L 2
e / 2
D 2
D 3
X
Y
C
Y 1
X 1
X 2


Similar Part No. - DMP32D9UFZ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP32D9UFZ DIODES-DMP32D9UFZ_15 Datasheet
345Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP32D9UFZ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN2020UFCL DIODES-DMN2020UFCL Datasheet
317Kb / 6P
   ESD Protected Gate
DMP22D4UFA DIODES-DMP22D4UFA Datasheet
159Kb / 6P
   ESD Protected Gate
DMN3018SFG DIODES-DMN3018SFG Datasheet
266Kb / 6P
   ESD Protected Gate
DMN3900UFA DIODES-DMN3900UFA Datasheet
275Kb / 6P
   ESD Protected
logo
Alpha & Omega Semicondu...
AON7264E AOSMD-AON7264E Datasheet
348Kb / 6P
   ESD protected
AON7262E AOSMD-AON7262E Datasheet
336Kb / 6P
   ESD protected
logo
Diodes Incorporated
DMP32D5LFA DIODES-DMP32D5LFA Datasheet
359Kb / 6P
   ESD Protected
logo
Shanghai Leiditech Elec...
2N7002W LEIDITECH-2N7002W Datasheet
1Mb / 6P
   ESD Protected:1000V
logo
Unisonic Technologies
UTRS3085 UTC-UTRS3085 Datasheet
262Kb / 7P
   TRANSCEIVERS WITH ESD-PROTECTED
UTRS3088 UTC-UTRS3088_18 Datasheet
241Kb / 8P
   TRANSCEIVERS WITH ESD-PROTECTED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com