Electronic Components Datasheet Search |
|
SMS3922-001LF Datasheet(PDF) 3 Page - Skyworks Solutions Inc. |
|
SMS3922-001LF Datasheet(HTML) 3 Page - Skyworks Solutions Inc. |
3 / 12 page DATA SHEET • SMS392x SCHOTTKY DIODES Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com 200042AA • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 6, 2015 3 Table 2. SMS392x Series Absolute Maximum Ratings (Note 1) Parameter Symbol Minimum Maximum Units Reverse voltage c Rated VB V Forward current IF 50 mA Power dissipation @ 25 °C lead temperature PD 75 mW Storage temperature TSTG –65 +150 C Operating temperature TA –65 +150 C Junction temperature TJ +150 C Electrostatic discharge: Charged Device Model (CDM), Class 1 Human Body Model (HBM), Class 0 Machine Model (MM), Class A ESD <200 <50 <50 V V V Note 1: Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other parameters set at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device. CAUTION: Although this device is designed to be as robust as possible, electrostatic discharge (ESD) can damage this device. This device must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body or equipment, which can discharge without detection. Industry-standard ESD precautions should be used at all times. Table 3. SMS392x Series Electrical Specifications (Note 1) (TA = +25 C, Per Junction Unless Otherwise Noted) Part Number VB @ 10 μA (V, Minimum) IR CT @ 0 V (pF) VF @ 1 mA (mV) Pair Configuration ΔVF @ 1 mA (mV, Maximum) VF, Maximum SMS3922 series 8 <100 nA @ 1 V 0.63 to 1.03 280 to 340 10 <450 mV @ 10 mA SMS3923 series 20 <500 nA @ 15 V 0.83 to 1.30 310 to 370 10 <1000 mV @ 35 mA SMS3924 series 70 <200 nA @ 50 V 1.43 to 1.83 490 to 550 10 <1000 mV @ 15 mA Note 1: Performance is guaranteed only under the conditions listed in this table. Table 4. SPICE Model Parameters Parameter Units SMS3922 Series SMS3923 Series SMS3924 Series IS A 3E-8 5E-9 2E-11 RS Ω 9 10 11 N – 1.08 1.05 1.08 TT sec 8E-11 8E-11 8E-11 CJO pF 0.7 0.9 1.5 M – 0.26 0.24 0.40 EG eV 0.69 0.69 0.69 XTI – 2 2 2 FC – 0.5 0.5 0.5 BV V 20 46 100 Ibv A 1E-5 1E-5 1E-5 VJ V 0.595 0.640 0.840 |
Similar Part No. - SMS3922-001LF |
|
Similar Description - SMS3922-001LF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |