Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN6070SSD Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN6070SSD
Description  Low Input Capacitance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN6070SSD Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN6070SSD Datasheet HTML 1Page - Diodes Incorporated DMN6070SSD Datasheet HTML 2Page - Diodes Incorporated DMN6070SSD Datasheet HTML 3Page - Diodes Incorporated DMN6070SSD Datasheet HTML 4Page - Diodes Incorporated DMN6070SSD Datasheet HTML 5Page - Diodes Incorporated DMN6070SSD Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMN6070SSD
Document number: DS36342 Rev. 3 - 2
3 of 6
www.diodes.com
January 2015
© Diodes Incorporated
DMN6070SSD
0.0
3.0
6.0
9.0
12.0
15.0
0
1
2
345
V , DRAIN-SOURCE VOLTAGE (V)
Figure 1 Typical Output Characteristic
DS
V= 2.5V
GS
V= 3.0V
GS
V= 3.5V
GS
V= 4.0V
GS
V= 5.0V
GS
V
= 10V
GS
0
3
6
9
12
15
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
V , GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
V
= 5.0V
DS
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
0
0.03
0.06
0.09
0.12
0.15
0
3
6
9
12
15
I , DRAIN-SOURCE CURRENT (A)
D
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
V
= 4.5V
GS
V
= 10V
GS
0
0.1
0.2
0.3
0.4
0.5
23
4
567
8
9
10
V , GATE-SOURCE VOLTAGE (V)
GS
Figure 4 Typical Transfer Characteristics
I= 6A
D
I= 12A
D
0
0.05
0.1
0.15
0.2
0.25
0.3
0
3
6
9
12
15
I , DRAIN CURRENT (A)
D
Figure 5 Typical On-Resistance vs.
Drain Current and Temperature
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 4.5V
GS
0.4
0.8
1.2
1.6
2
2.4
-50
-25
0
25
50
75
100 125 150
T , JUNCTION TEMPERATURE ( C)
Figure 6 On-Resistance Variation with Temperature
J
°
V= 4.5V
I= 5A
GS
D
V=
V
I = 10A
GS
D
10


Similar Part No. - DMN6070SSD

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
DMN6070SSD-13 VBSEMI-DMN6070SSD-13 Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
logo
Diodes Incorporated
DMN6070SSD DIODES-DMN6070SSD_15 Datasheet
240Kb / 6P
   60V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN6070SSD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN6040SK3 DIODES-DMN6040SK3 Datasheet
248Kb / 6P
   Low Input Capacitance
DMNH10H028SCT DIODES-DMNH10H028SCT Datasheet
401Kb / 7P
   Low Input Capacitance
logo
Vishay Siliconix
SIHP22N60AE VISHAY-SIHP22N60AE Datasheet
134Kb / 7P
   Low input capacitance
Rev. A, 29-Aug-16
logo
Diodes Incorporated
DMG3401LSN DIODES-DMG3401LSN Datasheet
192Kb / 6P
   Low Input Capacitance
DMG4N60SCT DIODES-DMG4N60SCT Datasheet
326Kb / 6P
   Low Input Capacitance
DMG9N65CTI DIODES-DMG9N65CTI Datasheet
438Kb / 5P
   Low Input Capacitance
DMG6402LVT DIODES-DMG6402LVT Datasheet
220Kb / 6P
   Low Input Capacitance
DMG9N65CT DIODES-DMG9N65CT Datasheet
233Kb / 6P
   Low Input Capacitance
DMN3026LVT DIODES-DMN3026LVT Datasheet
295Kb / 6P
   Low Input Capacitance
DMN6140L DIODES-DMN6140L Datasheet
582Kb / 6P
   Low Input Capacitance
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com