Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN6070SSD Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMN6070SSD
Description  Low Input Capacitance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN6070SSD Datasheet(HTML) 5 Page - Diodes Incorporated

  DMN6070SSD Datasheet HTML 1Page - Diodes Incorporated DMN6070SSD Datasheet HTML 2Page - Diodes Incorporated DMN6070SSD Datasheet HTML 3Page - Diodes Incorporated DMN6070SSD Datasheet HTML 4Page - Diodes Incorporated DMN6070SSD Datasheet HTML 5Page - Diodes Incorporated DMN6070SSD Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DMN6070SSD
Document number: DS36342 Rev. 3 - 2
5 of 6
www.diodes.com
January 2015
© Diodes Incorporated
DMN6070SSD
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, PULSE DURATION TIME (sec)
Figure 13 Transient Thermal Resistance
D = 0.5
D = 0.7
D = 0.9
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
R
(t) = r(t) * R
θθ
JA
JA
R
= 108°C/W
θJA
Duty Cycle, D = t1/ t2
SO-8
Dim
Min
Max
A
-
1.75
A1
0.10
0.20
A2
1.30
1.50
A3
0.15
0.25
b
0.3
0.5
D
4.85
4.95
E
5.90
6.10
E1
3.85
3.95
e
1.27 Typ
h
-
0.35
L
0.62
0.82
θ
0
°
8
°
All Dimensions in mm
Dimensions
Value (in mm)
X
0.60
Y
1.55
C1
5.4
C2
1.27
Gauge Plane
Seating Plane
Detail ‘A’
Detail ‘A’
E
E1
h
L
D
e
b
A2
A1
A
45°
7°~9°
A3
X
C1
C2
Y


Similar Part No. - DMN6070SSD

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
DMN6070SSD-13 VBSEMI-DMN6070SSD-13 Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
logo
Diodes Incorporated
DMN6070SSD DIODES-DMN6070SSD_15 Datasheet
240Kb / 6P
   60V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN6070SSD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN6040SK3 DIODES-DMN6040SK3 Datasheet
248Kb / 6P
   Low Input Capacitance
DMNH10H028SCT DIODES-DMNH10H028SCT Datasheet
401Kb / 7P
   Low Input Capacitance
logo
Vishay Siliconix
SIHP22N60AE VISHAY-SIHP22N60AE Datasheet
134Kb / 7P
   Low input capacitance
Rev. A, 29-Aug-16
logo
Diodes Incorporated
DMG3401LSN DIODES-DMG3401LSN Datasheet
192Kb / 6P
   Low Input Capacitance
DMG4N60SCT DIODES-DMG4N60SCT Datasheet
326Kb / 6P
   Low Input Capacitance
DMG9N65CTI DIODES-DMG9N65CTI Datasheet
438Kb / 5P
   Low Input Capacitance
DMG6402LVT DIODES-DMG6402LVT Datasheet
220Kb / 6P
   Low Input Capacitance
DMG9N65CT DIODES-DMG9N65CT Datasheet
233Kb / 6P
   Low Input Capacitance
DMN3026LVT DIODES-DMN3026LVT Datasheet
295Kb / 6P
   Low Input Capacitance
DMN6140L DIODES-DMN6140L Datasheet
582Kb / 6P
   Low Input Capacitance
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com