Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMS3922-001 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SMS3922-001
Description  Surface Mount General Purpose Schottky Diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMS3922-001 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SMS3922-001 Datasheet HTML 1Page - Skyworks Solutions Inc. SMS3922-001 Datasheet HTML 2Page - Skyworks Solutions Inc. SMS3922-001 Datasheet HTML 3Page - Skyworks Solutions Inc. SMS3922-001 Datasheet HTML 4Page - Skyworks Solutions Inc. SMS3922-001 Datasheet HTML 5Page - Skyworks Solutions Inc. SMS3922-001 Datasheet HTML 6Page - Skyworks Solutions Inc. SMS3922-001 Datasheet HTML 7Page - Skyworks Solutions Inc. SMS3922-001 Datasheet HTML 8Page - Skyworks Solutions Inc. SMS3922-001 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200042AA • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 6, 2015
1
DATA SHEET
SMS392x Series: Surface Mount General Purpose Schottky
Diodes
Applications
 High volume commercial detectors, mixers, switches, and
digital pulse forming systems
Features
 Tight parameter distribution
 Available as singles, pairs, and dual series pairs
 100 percent DC tested
 Packages rated MSL1, 260 C per JEDEC J-STD-020
Skyworks GreenTM products are compliant with
all applicable legislation and are halogen-free.
For additional information, refer to Skyworks
Definition of GreenTM, document number
SQ04–0074.
Description
The SMS3922, SMS3923, and SMS3924 series of 8, 20, and 70 V
rated, low-cost plastic packaged Schottky diodes are designed for
general purpose use in RF applications. All diodes are fully
characterized, including SPICE model parameters, and deliver
tight parameter distribution, which minimizes performance
variability.
Wiring configurations include singles, common cathode, series
pairs, unconnected pairs, and dual series pairs. The SMS392x
series of diodes may be used at frequencies up to 6 GHz.
Table 1 describes the various packages and marking of the
SMS392x series.


Similar Part No. - SMS3922-001

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMS3925-040LF SKYWORKS-SMS3925-040LF Datasheet
279Kb / 5P
   Low Capacitance, High Voltage Schottky Diode
logo
Alpha Industries
SMS3925-079 ALPHA-SMS3925-079 Datasheet
303Kb / 2P
   Low Capacitance High Voltage Schottky Diode
logo
Skyworks Solutions Inc.
SMS3925-079 SKYWORKS-SMS3925-079 Datasheet
127Kb / 3P
   Low Capacitance, High-Voltage Schottky Diode
SMS3925-079LF SKYWORKS-SMS3925-079LF Datasheet
127Kb / 3P
   Low Capacitance, High-Voltage Schottky Diode
logo
Alpha Industries
SMS3926-022 ALPHA-SMS3926-022 Datasheet
442Kb / 2P
   Surface Mount Schottky Quad Mixer Diodes
More results

Similar Description - SMS3922-001

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LSX101 MICROSEMI-LSX101 Datasheet
152Kb / 3P
   SURFACE MOUNT SOT-23 General Purpose Schottky Diodes
logo
NXP Semiconductors
BAS40 NXP-BAS40_13 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
1PS70SB40 NXP-1PS70SB40 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
BAS40 PHILIPS-BAS40_15 Datasheet
359Kb / 22P
   General-purpose Schottky diodes
Rev. 9-18 March 2015
BAS70 PHILIPS-BAS70_15 Datasheet
235Kb / 20P
   General-purpose Schottky diodes
Rev. 09-13 January 2010
BAS40-06 NXP-BAS40-06 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
1PS70SB40 PHILIPS-1PS70SB40 Datasheet
136Kb / 21P
   General-purpose Schottky diodes
Rev. 07-12 May 2006
BAS70 PHILIPS-BAS70_06 Datasheet
137Kb / 20P
   General-purpose Schottky diodes
Rev. 08-4 May 2006
1PS76SB70 NXP-1PS76SB70 Datasheet
224Kb / 20P
   General-purpose Schottky diodes
Rev. 09-13 January 2010
logo
Knox Semiconductor, Inc
SMV2101 KNOX-SMV2101 Datasheet
35Kb / 1P
   PLASTIC SURFACE MOUNT GENERAL PURPOSE ABRUPT VARACTOR DIODES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com