Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6TPE470M Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # 6TPE470M
Description  Surface Mount Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

6TPE470M Datasheet(HTML) 3 Page - Panasonic Semiconductor

  6TPE470M Datasheet HTML 1Page - Panasonic Semiconductor 6TPE470M Datasheet HTML 2Page - Panasonic Semiconductor 6TPE470M Datasheet HTML 3Page - Panasonic Semiconductor 6TPE470M Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Conductive Polymer Tantalum Solid Capacitors
Lot. No.
R.Cap. code
R. Voltage code
Polarity marking(+)
W1
S
S
L
Low profile (Height 1.5 mm max.)
Low ESR (7 m
Ω)
Large capacitance (1500 μF max.)
RoHS compliance, Halogen free
Surface Mount Type
Series : TPE
Size : D
Features
Size code
D15E
D2E
D3L
D4
Category temperature range
–55 °C to +105 °C
Rated voltage range
6.3 V.DC
2.5 V.DC to 10 V.DC
Category voltage range
5.0 V.DC
2.5 V.DC to 10 V.DC
Rated capacitance range
470 μF
68 μF to 470 μF
220 μF to 680 μF
330 μF to 1500 μF
Capacitance tolerance
±20 % (120 Hz / + 20 °C)
Leakage current
Please see the attached characteristics list
Dissipation factor (tan
d)
Please see the attached characteristics list
Surge voltage (V.DC)
Rated voltage
× 1.15
Endurance
+105 °C, 2000 h rated voltage applied
✽ Rated temp, +85 °C Products : +85 °C, 1000 h, rated voltage applied
6TPE330MAP, 6TPE470MAZU : +85 °C, 2000 h,
Capacitance change
Within ±20 % of the initial value
tan
d
< 1.5 times of the initial limit
DC leakage current
Within the initial limit
Damp heat
(Steady State)
+60 °C, 90 % to 95 %, 500 h, No-applied voltage
Capacitance change
Within +50 %, −20 % of the initial value
(2R5TPE220M (I, F, 9), 2R5TPE330M (I, F, C, 9, 7),
2R5TPE470M (I, F, C, 9, 7), 2R5TPE1000MF, 2R5TPE1500M (F, C))
Within +40 %, −20 % of the initial value (Except for above model)
tan d
< 1.5 times of the initial limit
DC leakage current
< 3 times of the initial limit
Size code L±0.3
W±0.2 H±0.2
1
S±0.2
W1±0.1
D15E
7.3
4.3
1.4
1.1
2.4
D2E
7.3
4.3
1.8
1.3
2.4
D3L
7.3
4.3
2.8
1.3
2.4
D4
7.3
4.3
3.8
1.3
2.4
Unit : mm
R. Voltage (V.DC)
2.5
4.0
6.3
10.0
Code
eg
j
A
✽ Externals of figure are the reference.
✽ 1 ±0.1 :D15E, D2E
Marking
Dimensions (not to scale)
Specifications
Nov. 2015
01


Similar Part No. - 6TPE470M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6TPE470M ETC2-6TPE470M Datasheet
359Kb / 4P
   TPE series has low ESR and can aid in creating thinner and smaller products.
logo
Panasonic Semiconductor
6TPE470M PANASONIC-6TPE470M Datasheet
792Kb / 8P
   Conductive Polymer Tantalum Solid Capacitors
28-Apr-22
6TPE470M PANASONIC-6TPE470M Datasheet
792Kb / 8P
   Conductive Polymer Tantalum Solid Capacitors
28-Apr-22
6TPE470MAZU PANASONIC-6TPE470MAZU Datasheet
792Kb / 8P
   Conductive Polymer Tantalum Solid Capacitors
28-Apr-22
6TPE470MI PANASONIC-6TPE470MI Datasheet
792Kb / 8P
   Conductive Polymer Tantalum Solid Capacitors
28-Apr-22
More results

Similar Description - 6TPE470M

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1NXX3MXSPQ SHARP-PQ1NXX3MXSPQ Datasheet
378Kb / 5P
   Compact Surface Mount Type Compact Surface Mount Type
logo
Panasonic Semiconductor
EEVEB2C100Q PANASONIC-EEVEB2C100Q Datasheet
108Kb / 2P
   Surface Mount Type
EEE-FK1E101P PANASONIC-EEE-FK1E101P Datasheet
105Kb / 4P
   Surface Mount Type
4THB330ML PANASONIC-4THB330ML Datasheet
53Kb / 1P
   Surface Mount Type
EEEHB0G470R PANASONIC-EEEHB0G470R Datasheet
162Kb / 3P
   Surface Mount Type
2R5TPG220M PANASONIC-2R5TPG220M Datasheet
46Kb / 1P
   Surface Mount Type
2R5TPU47MSI PANASONIC-2R5TPU47MSI Datasheet
47Kb / 1P
   Surface Mount Type
EEE-1EA220WAR PANASONIC-EEE-1EA220WAR Datasheet
80Kb / 3P
   Surface Mount Type
EEVMC0G330R PANASONIC-EEVMC0G330R Datasheet
56Kb / 2P
   Surface Mount Type
EEE0GS220SR PANASONIC-EEE0GS220SR Datasheet
277Kb / 5P
   Surface Mount Type
EEE-FK1E330UR PANASONIC-EEE-FK1E330UR Datasheet
105Kb / 4P
   Surface Mount Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com