Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V201L20PFI Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT72V201L20PFI
Description  3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V201L20PFI Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT72V201L20PFI Datasheet HTML 2Page - Integrated Device Technology IDT72V201L20PFI Datasheet HTML 3Page - Integrated Device Technology IDT72V201L20PFI Datasheet HTML 4Page - Integrated Device Technology IDT72V201L20PFI Datasheet HTML 5Page - Integrated Device Technology IDT72V201L20PFI Datasheet HTML 6Page - Integrated Device Technology IDT72V201L20PFI Datasheet HTML 7Page - Integrated Device Technology IDT72V201L20PFI Datasheet HTML 8Page - Integrated Device Technology IDT72V201L20PFI Datasheet HTML 9Page - Integrated Device Technology IDT72V201L20PFI Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
IDT72V201/72V211/72V221/72V231/72V241/72V251 3.3V CMOS SyncFIFO™
256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
Figure 3. Offset Register Location and Default Values
87
0
Empty Offset (LSB) Reg.
Default Value 007H
80
Full Offset (LSB) Reg.
Default Value 007H
7
80
Empty Offset (LSB)
Default Value 007H
80
Full Offset (LSB)
Default Value 007H
IDT72V201 - 256 x 9-BIT
IDT72V211 - 512 x 9-BIT
7
7
80
(MSB)
1
00
87
0
Empty Offset (LSB) Reg.
Default Value 007H
80
Full Offset (LSB) Reg.
Default Value 007H
7
87
0
Empty Offset (LSB) Reg.
Default Value 007H
80
Full Offset (LSB) Reg.
Default Value 007H
7
80
Empty Offset (LSB)
Default Value 007H
80
Full Offset (LSB)
Default Value 007H
IDT72V221 - 1,024 x 9-BIT
IDT72V231 - 2,049 x 9-BIT
IDT72V241 - 4,096 x 9-BIT
7
7
80
80
(MSB)
0000
2
(MSB)
000
3
80
(MSB)
00
1
80
80
(MSB)
0000
2
(MSB)
000
3
80
(MSB)
00
1
80
8
0
8
(MSB)
1
0
4092 drw 05
80
Empty Offset (LSB)
Default Value 007H
80
Full Offset (LSB)
Default Value 007H
IDT72V251 - 8,192 x 9-BIT
7
7
80
(MSB)
00000
4
80
(MSB)
00000
4


Similar Part No. - IDT72V201L20PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V201 IDT-IDT72V201 Datasheet
285Kb / 14P
   3.3 VOLT CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72V201 RENESAS-IDT72V201 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V201 IDT-IDT72V201_13 Datasheet
285Kb / 14P
   3.3 VOLT CMOS SyncFIFO
More results

Similar Description - IDT72V201L20PFI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V801 RENESAS-IDT72V801 Datasheet
327Kb / 17P
   3.3 VOLT DUAL CMOS SyncFIFO™ DUAL 256 X 9, DUAL 512 X 9, DUAL 1,024 X 9, DUAL 2,048 X 9, DUAL 4,096 X 9 , DUAL 8,192 X 9
MARCH 2018
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81_09 Datasheet
125Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
IDT7280 IDT-IDT7280 Datasheet
154Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
7203L25J IDT-7203L25J Datasheet
311Kb / 10P
   CMOS ASYNCHRONOUS FIFO 2,048 x 9, 4,096 x 9 8,192 x 9, 16,384 x 9
IDT72V81 IDT-IDT72V81 Datasheet
98Kb / 11P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7202 IDT-IDT7202 Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
7201LA20DB IDT-7201LA20DB Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com