Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7282L12PA Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT7282L12PA
Description  CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7282L12PA Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT7282L12PA Datasheet HTML 1Page - Integrated Device Technology IDT7282L12PA Datasheet HTML 2Page - Integrated Device Technology IDT7282L12PA Datasheet HTML 3Page - Integrated Device Technology IDT7282L12PA Datasheet HTML 4Page - Integrated Device Technology IDT7282L12PA Datasheet HTML 5Page - Integrated Device Technology IDT7282L12PA Datasheet HTML 6Page - Integrated Device Technology IDT7282L12PA Datasheet HTML 7Page - Integrated Device Technology IDT7282L12PA Datasheet HTML 8Page - Integrated Device Technology IDT7282L12PA Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
CMOS DUAL ASYNCHRONOUS FIFO
DUAL 256 x 9, DUAL 512 x 9,
DUAL 1,024 x 9, DUAL 2,048 x 9,
DUAL 4,096 x 9, DUAL 8,192 x 9
IDT7280
IDT7281
IDT7282
IDT7283
IDT7284
IDT7285
SEPTEMBER 2002
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
2002 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
DSC-3208/5
FEATURES:
••••• The IDT7280 is equivalent to two IDT7200 256 x 9 FIFOs
••••• The IDT7281 is equivalent to two IDT7201 512 x 9 FIFOs
••••• The IDT7282 is equivalent to two IDT7202 1,024 x 9 FIFOs
••••• The IDT7283 is equivalent to two IDT7203 2,048 x 9 FIFOs
••••• The IDT7284 is equivalent to two IDT7204 4,096 x 9 FIFOs
••••• The IDT7285 is equivalent to two IDT7205 8,192 x 9 FIFOs
••••• Low power consumption
— Active: 685 mW (max.)
— Power-down: 83 mW (max.)
••••• Ultra high speed—12 ns access time
••••• Asynchronous and simultaneous read and write
••••• Offers optimal combination of data capacity, small foot print
and functional flexibility
••••• Ideal for bi-directional, width expansion, depth expansion,
bus-matching, and data sorting applications
••••• Status Flags: Empty, Half-Full, Full
••••• Auto-retransmit capability
••••• High-performance CMOS technology
••••• Space-saving TSSOP
••••• Industrial temperature range (–40
°°°°°C to +85°°°°°C) is available
DESCRIPTION:
The IDT7280/7281/7282/7283/7284/7285 are dual-FIFO memories that
load and empty data on a first-in/first-out basis. These devices are functional
andcompatibletotwoIDT7200/7201/7202/7203/7204/7205FIFOsinasingle
package with all associated control, data, and flag lines assigned to separate
pins. The devices use Full and Empty flags to prevent data overflow and
underflowandexpansionlogictoallowforunlimitedexpansioncapabilityinboth
word size and depth.
Thereadsandwritesareinternallysequentialthroughtheuseofringpointers,
with no address information required to load and unload data. Data is toggled
in and out of the devices through the use of the Write (
W) and Read (R) pins.
The devices utilize a 9-bit wide data array to allow for control and parity bits
at the user’s option. This feature is especially useful in data communications
applications where it is necessary to use a parity bit for transmission/reception
errorchecking.ItalsofeaturesaRetransmit(
RT)capabilitythatallowsforreset
of the read pointer to its initial position when
RT is pulsed LOW to allow for
retransmission from the beginning of data. A Half-Full Flag is available in the
single device mode and width expansion modes.
These FIFOs are fabricated using IDT’s high-speed CMOS technology.
They are designed for those applications requiring asynchronous and simul-
taneous read/writes in multiprocessing and rate buffer applications.
FUNCTIONAL BLOCK DIAGRAM
WA
WRITE
CONTROL
READ
CONTROL
RA
FLAG
LOGIC
EXPANSION
LOGIC
XIA
WRITE
POINTER
READ
POINTER
DATA INPUTS
RESET
LOGIC
THREE-
STATE
BUFFERS
DATA
OUTPUTS
RSA
FLA/RTA
XOA/HFA
FFA
EFA
WB
WRITE
CONTROL
READ
CONTROL
RB
FLAG
LOGIC
EXPANSION
LOGIC
XIB
WRITE
POINTER
RAM
ARRAY B
256 x 9
512 x 9
1,024 x 9
2,048 x 9
4,096 x 9
8,192 x 9
READ
POINTER
DATA INPUTS
RESET
LOGIC
THREE-
STATE
BUFFERS
DATA
OUTPUTS
RSB
FLB/RTB
3208 drw 01
XOB/HFB
FFB
EFB
(DA0-DA8)
(DB0-DB8)
(QB0-QB8)
(QA0-QA8)
RAM
ARRAY A
256 x 9
512 x 9
1,024 x 9
2,048 x 9
4,096 x 9
8,192 x 9


Similar Part No. - IDT7282L12PA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7282L15PA IDT-IDT7282L15PA Datasheet
142Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
More results

Similar Description - IDT7282L12PA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81_09 Datasheet
125Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
IDT72V81 IDT-IDT72V81 Datasheet
98Kb / 11P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
logo
Renesas Technology Corp
IDT72V801 RENESAS-IDT72V801 Datasheet
327Kb / 17P
   3.3 VOLT DUAL CMOS SyncFIFO™ DUAL 256 X 9, DUAL 512 X 9, DUAL 1,024 X 9, DUAL 2,048 X 9, DUAL 4,096 X 9 , DUAL 8,192 X 9
MARCH 2018
logo
Integrated Device Techn...
IDT7280 IDT-IDT7280 Datasheet
142Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
7203L25J IDT-7203L25J Datasheet
311Kb / 10P
   CMOS ASYNCHRONOUS FIFO 2,048 x 9, 4,096 x 9 8,192 x 9, 16,384 x 9
IDT72V201 IDT-IDT72V201 Datasheet
115Kb / 14P
   3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7202 IDT-IDT7202 Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
7201LA20DB IDT-7201LA20DB Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com