Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECEA1CKS220 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECEA1CKS220
Description  Radial Lead Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEA1CKS220 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECEA1CKS220 Datasheet HTML 1Page - Panasonic Semiconductor ECEA1CKS220 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors (Radial Lead Type)
Characteristics list
Endurance : 85 °C 1000 h
· When requesting taped product, please put the letter “B” or “i” between the “( )”. Lead wire pitch
✽B=5 mm, i=2.5 mm.
· Please refer to the page of “Taping dimensions”.
Rated
voltage
(V.DC)
Cap.
(±20 %)
(µF)
Case size (mm)
Specification
Lead length (mm)
Part No.
Min. Packaging Q'ty
0DL
Ripple
current
(120 Hz)
(+85 °C)
(mA r.m.s.)
tan d
(120 Hz)
(+20 °C)
Lead
dia.
0d
Lead space
Straight
leads
(pcs)
Taping
(pcs)
Straight
Taping
✽B
Taping
✽i
4
33
4
5
26
0.35
0.45
1.5
5.0
2.5
ECEA0GKS330( )
200
2000
47
4
5
34
0.35
0.45
1.5
5.0
2.5
ECEA0GKS470( )
200
2000
100
5
5
61
0.35
0.45
2.0
5.0
2.5
ECEA0GKS101( )
200
2000
220
6.3
5
82
0.35
0.45
2.5
5.0
2.5
ECEA0GKS221( )
200
2000
6.3
22
4
5
29
0.24
0.45
1.5
5.0
2.5
ECEA0JKS220( )
200
2000
33
5
5
38
0.24
0.45
2.0
5.0
2.5
ECEA0JKS330( )
200
2000
47
5
5
46
0.24
0.45
2.0
5.0
2.5
ECEA0JKS470( )
200
2000
100
6.3
5
71
0.24
0.45
2.5
5.0
2.5
ECEA0JKS101( )
200
2000
330
85
130
0.24
0.45
2.5
2.5
ECEA0JKS331( )
200
1000
85
130
0.24
0.45
5.0
ECEA0JKS331Q
1000
10
22
5
5
35
0.20
0.45
2.0
5.0
2.5
ECEA1AKS220( )
200
2000
33
5
5
43
0.20
0.45
2.0
5.0
2.5
ECEA1AKS330( )
200
2000
47
6.3
5
65
0.20
0.45
2.5
5.0
2.5
ECEA1AKS470( )
200
2000
100
6.3
5
80
0.20
0.45
2.5
5.0
2.5
ECEA1AKS101( )
200
2000
220
85
120
0.20
0.45
2.5
2.5
ECEA1AKS221( )
200
1000
85
120
0.20
0.45
5.0
ECEA1AKS221Q
1000
16
10
4
5
28
0.16
0.45
1.5
5.0
2.5
ECEA1CKS100( )
200
2000
22
5
5
39
0.16
0.45
2.0
5.0
2.5
ECEA1CKS220( )
200
2000
33
6.3
5
60
0.16
0.45
2.5
5.0
2.5
ECEA1CKS330( )
200
2000
47
6.3
5
70
0.16
0.45
2.5
5.0
2.5
ECEA1CKS470( )
200
2000
100
8
5
91
0.16
0.45
2.5
2.5
ECEA1CKS101( )
200
1000
8
5
91
0.16
0.45
5.0
ECEA1CKS101Q
1000
25
4.7
4
5
22
0.14
0.45
1.5
5.0
2.5
ECEA1EKS4R7( )
200
2000
10
5
5
28
0.14
0.45
2.0
5.0
2.5
ECEA1EKS100( )
200
2000
22
6.3
5
55
0.14
0.45
2.5
5.0
2.5
ECEA1EKS220( )
200
2000
33
6.3
5
65
0.14
0.45
2.5
5.0
2.5
ECEA1EKS330( )
200
2000
100
8
5
85
0.14
0.45
2.5
2.5
ECEA1EKS101( )
200
1000
8
5
85
0.14
0.45
5.0
ECEA1EKS101Q
1000
35
3.3
4
5
16
0.12
0.45
1.5
5.0
2.5
ECEA1VKS3R3( )
200
2000
4.7
4
5
22
0.12
0.45
1.5
5.0
2.5
ECEA1VKS4R7( )
200
2000
10
5
5
30
0.12
0.45
2.0
5.0
2.5
ECEA1VKS100( )
200
2000
22
6.3
5
60
0.12
0.45
2.5
5.0
2.5
ECEA1VKS220( )
200
2000
33
8
5
65
0.12
0.45
2.5
2.5
ECEA1VKS330( )
200
1000
8
5
65
0.12
0.45
5.0
ECEA1VKS330Q
1000
47
8
5
85
0.12
0.45
2.5
2.5
ECEA1VKS470( )
200
1000
8
5
85
0.12
0.45
5.0
ECEA1VKS470Q
1000
50
2.2
4
5
16
0.10
0.45
1.5
5.0
2.5
ECEA1HKS2R2( )
200
2000
3.3
4
5
16
0.10
0.45
1.5
5.0
2.5
ECEA1HKS3R3( )
200
2000
4.7
5
5
23
0.10
0.45
2.0
5.0
2.5
ECEA1HKS4R7( )
200
2000
10
6.3
5
35
0.10
0.45
2.5
5.0
2.5
ECEA1HKS100( )
200
2000
22
8
5
60
0.10
0.45
2.5
2.5
ECEA1HKS220( )
200
1000
8
5
60
0.10
0.45
5.0
ECEA1HKS220Q
1000
Mar. 2016
04


Similar Part No. - ECEA1CKS220

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEA1CKS220 PANASONIC-ECEA1CKS220 Datasheet
128Kb / 2P
   Radial Lead Type
ECEA1CKS220B PANASONIC-ECEA1CKS220B Datasheet
56Kb / 3P
   Aluminum Electrolytic Capacitors/ KS Radial Lead Type Series: KS Type : A
ECEA1CKS220I PANASONIC-ECEA1CKS220I Datasheet
56Kb / 3P
   Aluminum Electrolytic Capacitors/ KS Radial Lead Type Series: KS Type : A
More results

Similar Description - ECEA1CKS220

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA-2AM221 PANASONIC-ECA-2AM221 Datasheet
308Kb / 5P
   Radial Lead Type
EEUMG2C100 PANASONIC-EEUMG2C100 Datasheet
61Kb / 3P
   Radial Lead Type
ECEA0GKN101 PANASONIC-ECEA0GKN101 Datasheet
103Kb / 2P
   Radial Lead Type
EEUEB1A101 PANASONIC-EEUEB1A101_08 Datasheet
157Kb / 2P
   Radial Lead Type
EEU-EE2C470 PANASONIC-EEU-EE2C470 Datasheet
91Kb / 4P
   Radial Lead Type
EEU-FM1C102 PANASONIC-EEU-FM1C102 Datasheet
96Kb / 4P
   Radial Lead Type
EEU-FC1H100 PANASONIC-EEU-FC1H100 Datasheet
208Kb / 10P
   Radial Lead Type
EEU-FC1V221L PANASONIC-EEU-FC1V221L Datasheet
208Kb / 10P
   Radial Lead Type
EEU-FC1V470 PANASONIC-EEU-FC1V470 Datasheet
208Kb / 10P
   Radial Lead Type
ECA0JM221 PANASONIC-ECA0JM221 Datasheet
308Kb / 5P
   Radial Lead Type
logo
Panasonic Battery Group
EEUFR0J151 PANASONICBATTERY-EEUFR0J151 Datasheet
131Kb / 6P
   Radial Lead Type
Mar. 2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com