Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRF0905A-652Y Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRF0905A-652Y
Description  Line Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRF0905A-652Y Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRF0905A-652Y Datasheet HTML 1Page - Bourns Electronic Solutions SRF0905A-652Y Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Current rating up to 1.6 A
Inductance range: 10 to 6500
μH
Frequency up to 300 MHz
Dimensions: 9.2 x 6 x 5 mm
AEC-Q200 qualified
RoHS compliant* and halogen free**
Applications
Automotive systems:
- Driver assistant
- Information
- Entertainment
- Lighting
EMI suppression
SRF0905A Series - Line Filter
Operating Temperature
................................-40 °C to +105 °C
(Temperature rise included)
Storage Temperature
................................-40 °C to +105 °C
Resistance to Solder Heat
............................. +250 °C for 10 sec.
Temperature Rise
.......................45 °C typ. at rated
Irms
Hi-Pot ............................ 500 VAC, 60 Hz,
3 mA max. for 3 seconds
Electrical Specifications @ 25 °C
General Specifications
Core...................................Ferrite, toroid
Wire ............................Enameled copper
Terminal Finish ...................................Sn
Packaging.................. 1000 pcs. per reel
Materials
Product Dimensions
DIMENSIONS:
MM
(INCHES)
How to Order
SRF0905A - 100Y
Model
Value Code (see table)
* RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
** Bourns follows the prevailing definition of “halogen free” in the industry. Bourns considers a product to be
“halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine (Cl) content is 900 ppm or less;
and (c) the total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual
device performance may vary over time.
Users should verify actual device performance in their specific applications.
Electrical Schematic
10
0
Y
100Y
5.70
(.224)
9.20 ± 0.30
(.362 ± .012)
1.8
(.071)
1.00 ± 0.10
(.039 ± .004)
2.54 ± 0.20
(.100 ± .008)
0.8 ± 0.2
(.031 ± .008)
6.00 ± 0.30
(.236 ± .012)
5.00 ± 0.30
(.197 ± .012)
1.4
(.055)
MAX.
MAX.
REF.
1
2
4
3
Recommended Layout
DIMENSIONS:
MM
(INCHES)
9.5
(.374)
1.2
(.047)
1.2
(.047)
2.54
(.100)
2.0
(.079)
N2
23
1
= POLARITY
4
N1
Soldering Profile
200
250
150
200
100
50
0
100
50
150
Time (Seconds)
+4.0 °C/Sec. Max.
150~200 °C / 60~120 Sec.
+3.0 °C/Sec. Max.
-(1.0~5.0) °C/Sec. Max.
Temperature
Rising Area
Preheat
Area
Reflow
Area
Forced
Cooling Area
250
Peak Temperature: 250 °C
217 °C
60~120 Sec.
60 Sec.
Max.
60~150 Sec.
Peak Temperature:
250 ° C max.
Max. Peak Temperature -5 °C:
30 sec. max.
Max. Time Above 217 °C:
90-150 sec. max.
Bourns
Part Number
Inductance
DCR
(
Ω)
Max.
Rated
Voltage
(Vdc)
I rms
(A)
Freq.
Range
(MHz)
Imped.
(
Ω)
Min.
L
(µH)
Tol.
(%)
Test Freq./
Voltage
SRF0905A-100Y
10
± 30
1 kHz / 0.1 V
0.08
80
1.6
20 - 300
200
SRF0905A-250Y
25
± 30
1 kHz / 0.1 V
0.16
80
1.0
20 - 150
600
SRF0905A-400Y
40
± 30
1 kHz / 0.1 V
0.25
80
0.9
20 - 100
800
SRF0905A-500Y
50
± 30
1 kHz / 0.1 V
0.32
80
0.8
20 - 100
1500
SRF0905A-251Y
250
± 50
100 kHz / 5 mV
0.13
80
1.2
3 - 20
600
SRF0905A-471Y
470
± 50
100 kHz / 5 mV
0.14
80
1.1
2 - 20
1000
SRF0905A-501Y
500
± 50
100 kHz / 5 mV
0.15
80
1.0
1 - 20
1000
SRF0905A-102Y
1000
± 50
100 kHz / 5 mV
0.31
80
0.8
1 - 15
1500
SRF0905A-202Y
2000
± 50
100 kHz / 5 mV
0.42
80
0.6
1 - 5
3000
SRF0905A-472Y
4700
± 50
100 kHz / 5 mV
0.9
80
0.4
0.3 - 3
4000
SRF0905A-652Y
6500
± 50
100 kHz / 5 mV
1.05
80
0.3
0.3 - 2
5000


Similar Part No. - SRF0905A-652Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRF0905 BOURNS-SRF0905 Datasheet
364Kb / 2P
   Line Filter
logo
List of Unclassifed Man...
SRF0905-100Y ETC1-SRF0905-100Y Datasheet
364Kb / 2P
   SRF0905 Series - Line Filter
logo
Bourns Electronic Solut...
SRF0905-100Y BOURNS-SRF0905-100Y Datasheet
364Kb / 2P
   Inductance range: 10 to 6500 關H
SRF0905-100Y BOURNS-SRF0905-100Y Datasheet
364Kb / 2P
   Line Filter
logo
List of Unclassifed Man...
SRF0905-102Y ETC1-SRF0905-102Y Datasheet
364Kb / 2P
   SRF0905 Series - Line Filter
More results

Similar Description - SRF0905A-652Y

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
UF10V2103YL ABC-UF10V2103YL Datasheet
573Kb / 5P
   LINE FILTER
logo
XFMRS Inc.
XF0103-ET24 XFMRS-XF0103-ET24 Datasheet
38Kb / 1P
   LINE FILTER
XF0053-00U7 XFMRS-XF0053-00U7 Datasheet
37Kb / 1P
   LINE FILTER
XF0083-ET20 XFMRS-XF0083-ET20 Datasheet
38Kb / 1P
   LINE FILTER
XF0203-00U3 XFMRS-XF0203-00U3 Datasheet
44Kb / 1P
   LINE FILTER
XF0203H-ET24 XFMRS-XF0203H-ET24 Datasheet
40Kb / 1P
   LINE FILTER
XF4706-00U3 XFMRS-XF4706-00U3 Datasheet
38Kb / 1P
   LINE FILTER
logo
Bourns Electronic Solut...
SRF1006-121Y BOURNS-SRF1006-121Y Datasheet
343Kb / 2P
   Line Filter
logo
XFMRS Inc.
XF0033-00U3 XFMRS-XF0033-00U3 Datasheet
89Kb / 2P
   LINE FILTER
XF0234-ET20 XFMRS-XF0234-ET20 Datasheet
44Kb / 1P
   LINE FILTER
XF0334-ET20 XFMRS-XF0334-ET20 Datasheet
95Kb / 1P
   LINE FILTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com