Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRF4532-110Y Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SRF4532-110Y
Description  Common Mode Chip Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRF4532-110Y Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SRF4532-110Y Datasheet HTML 1Page - Bourns Electronic Solutions SRF4532-110Y Datasheet HTML 2Page - Bourns Electronic Solutions SRF4532-110Y Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
60 ± 2
(2.362 ± .079)
178 ± 2
(7.008 ± .079)
13.5 ± 0.5
(.531 ± .020)
13.5 ± 0.5
(.531 ± .020)
DIA.
USER DIRECTION OF FEED
120 °
3.00 ± 0.1
(.118 ± .004)
0.26 ± 0.05
(.010 ± .002)
1.9
(.075)
R
13.5 ± 0.5
(.531 ± .020)
R
2 ± 0.5
(.079 ± .020)
4.90 ± 0.1
(.193 ± .004)
0.5
(.020)
R
10.5
(.413)
R
1.5 + 0.1
(.059 + .004)
DIA.
1.1 + 0.1
(.043 + .004)
DIA.
A
A
3.60 ± 0.1
(.142 ± .004)
SECTION A-A
12.0 ± 0.1
(.472 ± .004)
1.75 ± 0.1
(.069 ± .004)
5.5 ± 0.05
(.217 ± .002)
8.0 ± 0.1
(.315 ± .004)
4.0 ± 0.1
(.157 ± .004)
2.0 ± 0.05
(.079 ± .002)
SRF0504Series-LineFilter
Packaging Specifications
QTY:500PCS.PERREEL
REV. 04/16
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
SRF4532Series-CommonModeChipInductors
DIMENSIONS:
MM
(INCHES)


Similar Part No. - SRF4532-110Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRF4532-110Y BOURNS-SRF4532-110Y Datasheet
281Kb / 3P
   Common Mode Chip Inductors
More results

Similar Description - SRF4532-110Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRF4532 BOURNS-SRF4532 Datasheet
281Kb / 3P
   Common Mode Chip Inductors
SRF2012AA BOURNS-SRF2012AA Datasheet
449Kb / 3P
   Common Mode Chip Inductors
SRF2012-300YA BOURNS-SRF2012-300YA Datasheet
374Kb / 4P
   Common Mode Chip Inductors
SRF3216A BOURNS-SRF3216A Datasheet
526Kb / 4P
   Common Mode Chip Inductors
SRF3216 BOURNS-SRF3216 Datasheet
378Kb / 3P
   Common Mode Chip Inductors
SRF2012A BOURNS-SRF2012A Datasheet
413Kb / 3P
   Common Mode Chip Inductors
SRF2012A-670YA BOURNS-SRF2012A-670YA Datasheet
449Kb / 3P
   Common Mode Chip Inductors
SRF3216A-900Y BOURNS-SRF3216A-900Y Datasheet
526Kb / 4P
   Common Mode Chip Inductors
logo
Central Technologies
CTDLW43SF CT-CTDLW43SF Datasheet
545Kb / 2P
   Common Mode Chip Inductors
logo
Bourns Electronic Solut...
SRF2012-361YA BOURNS-SRF2012-361YA Datasheet
413Kb / 3P
   SRF2012A Series - Common Mode Chip Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com