Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTVS6-380C-TH Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # PTVS6-380C-TH
Description  High Voltage, High Current TVS Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTVS6-380C-TH Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  PTVS6-380C-TH Datasheet HTML 1Page - Bourns Electronic Solutions PTVS6-380C-TH Datasheet HTML 2Page - Bourns Electronic Solutions PTVS6-380C-TH Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
REV. 11/15
Product Dimensions
PTVS6-xxxC-TH Series High Voltage, High Current TVS Diodes
Typical Part Marking
PTVS6-380C-TH .......................................................................6380
PTVS6-430C-TH .......................................................................6430
DIMENSIONS:
MM
(INCHES)
Epoxy encapsulation materials conform to UL 94V-0. Silver plated lead finish conforms to the solderability requirements of JESD22-B102,
Pb free solder. Package dimensions are shown below:
How to Order
PTVS 6 - 380 C - T H
Series
PTVS = Power TVS High Current Diode
Peak Current Rating
6 = 6 kA
Repetitive Standoff Voltage
380 = 380 V
430 = 430 V
Suffix
C = Bidirectional Device
Package
T = Through-Hole
Temperature
H = High Temperature Series
Dim.
PTVS6-380C-TH
PTVS6-430C-TH
A
24.15 ± 0.72
(0.951 ± 0.028)
B
2.40 ± 0.50
(0.094 ± 0.020)
C
1.75 ± 1.25
(0.069 ± 0.049)
D
12.00
(0.472)
Max.
E
1.25 ± 0.05
(0.049 ± 0.002)
F
11.50
(0.453)
Max.
G
16.50
(0.650)
Max.
H
6.00 ± 1.00
(0.236 ± 0.039)
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
D
C
H
G
A
F
E
B


Similar Part No. - PTVS6-380C-TH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTVS6-380C-TH BOURNS-PTVS6-380C-TH Datasheet
722Kb / 4P
   High Voltage, High Current TVS Diodes
REV. 09/21
More results

Similar Description - PTVS6-380C-TH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTVS3-380C-TH BOURNS-PTVS3-380C-TH Datasheet
340Kb / 3P
   High Voltage, High Current TVS Diodes
PTVS3-XXXC-TH BOURNS-PTVS3-XXXC-TH_V01 Datasheet
697Kb / 4P
   High Voltage, High Current TVS Diodes
REV. 04/17
PTVS6-XXXC-TH BOURNS-PTVS6-XXXC-TH_V01 Datasheet
722Kb / 4P
   High Voltage, High Current TVS Diodes
REV. 09/21
PTVS10-380C-TH BOURNS-PTVS10-380C-TH Datasheet
351Kb / 3P
   High Voltage, High Current TVS Diodes
PTVS1-380C-TH BOURNS-PTVS1-380C-TH Datasheet
984Kb / 4P
   High Voltage, High Current TVS Diodes
PTVS10-XXXC-TH BOURNS-PTVS10-XXXC-TH_V01 Datasheet
706Kb / 4P
   High Voltage, High Current TVS Diodes
REV. 11/15
PTVS6-058C-SH BOURNS-PTVS6-058C-SH Datasheet
358Kb / 3P
   High Current TVS Diodes
PTVS10-058C-TH BOURNS-PTVS10-058C-TH Datasheet
230Kb / 3P
   High Current TVS Diodes
PTVS10-XXXC-M BOURNS-PTVS10-XXXC-M Datasheet
375Kb / 4P
   High Current TVS Diodes
PTVS3-XXXC-M BOURNS-PTVS3-XXXC-M_18 Datasheet
472Kb / 5P
   High Current TVS Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com