Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG0603MLU-24E Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CG0603MLU-24E
Description  ESD Protectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CG0603MLU-24E Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CG0603MLU-24E Datasheet HTML 1Page - Bourns Electronic Solutions CG0603MLU-24E Datasheet HTML 2Page - Bourns Electronic Solutions CG0603MLU-24E Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
RoHS compliant*
ESD protection >25 kV
Low capacitance <0.05 pF
Low leakage current <5 nA
Applications
HDMI 1.4
Digital Visual Interface (DVI)
USB 3.0 / USB OTG
Memory protection
SIM card ports
Automotive
ChipGuard® MLU Series - ESD Protectors
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Device Symbol
General Information
Electrical Characteristics @ 25 °C (unless otherwise noted)
CG0402MLU / CG0603MLU (Note 3)
Parameter
Symbol
3.3x
05x
12x
24x
Unit
Typical Continuous Operating Voltage
VDC
3.3
5
12
24
V
Typical Clamping Voltage (Note 1)
VC
25
V
Maximum Capacitance @ 1 VRMS 1 MHz
CO
0.05
pF
Maximum Leakage Current @ Max. VDC
IL
5
nA
Typical Trigger Voltage (Note 2)
VT
250
V
Maximum ResponseTime
RT
1
ns
ESD Protection: Per IEC 61000-4-2
Min. Contact Discharge (>1000 Reps)
±8
kV
Min. Air Discharge (>1000 Reps)
±15
kV
Operating Temperature
TOPR
-40 to +125
˚C
Storage Temperature
TSTG
-55 to +150
˚C
The ChipGuard® MLU Series has been specifically designed to protect sensitive electronic
components from electrostatic discharge damage. The MLU family has been designed to
protect equipment to IEC61000-4-2, Level 4 (±8 kV Contact / ±15 kV Air Discharge) ESD
specifications targeted for high speed USB 3.0/USB OTG, HDMI 1.4, DVI or IEEE1394
applications.
The ChipGuard® MLU Series has been manufactured to provide low 0.05 pF capacitance
and leakage currents less than 5 nA with excellent clamp qualities, making the family almost
transparent under normal working conditions.
V
Notes: 1. Per IEC 61000-4-2, Level 4 8 kV Contact Discharge. Measurement 30 ns after initiation of pulse.
2. Per IEC 61000-4-2, Level 4 8 kV Contact Discharge. Measurement at maximum pulse voltage.
3. Part number suffix “x” can be E for 0603 size or G for 0402 size to indicate tape & reel quantity.


Similar Part No. - CG0603MLU-24E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CG0603MLU-24E BOURNS-CG0603MLU-24E Datasheet
255Kb / 3P
   ChipGuard짰 MLU Series - ESD Protectors
More results

Similar Description - CG0603MLU-24E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MLU BOURNS-MLU Datasheet
231Kb / 3P
   ESD Protectors
MLC BOURNS-MLC_09 Datasheet
214Kb / 3P
   ESD Protectors
CGA0402MLC-05E BOURNS-CGA0402MLC-05E Datasheet
393Kb / 3P
   ESD Protectors
logo
California Micro Device...
PACDN042 CALMIRCO-PACDN042 Datasheet
204Kb / 14P
   Transient Voltage Suppressors / ESD Protectors
logo
Bourns Electronic Solut...
CG0603MLC-05E BOURNS-CG0603MLC-05E Datasheet
206Kb / 3P
   ChipGuard MLC Series - ESD Protectors
CG0603MLC-3.3LE BOURNS-CG0603MLC-3.3LE Datasheet
298Kb / 3P
   ChipGuard짰 MLC Series - ESD Protectors
CG0603MLC-12LE BOURNS-CG0603MLC-12LE Datasheet
206Kb / 3P
   ChipGuard짰 MLC Series - ESD Protectors
logo
TDK Electronics
SGNE04 TDK-SGNE04 Datasheet
150Kb / 10P
   Chip Protectors For ESD protection
logo
Bourns Electronic Solut...
CG0603MLU-24E BOURNS-CG0603MLU-24E Datasheet
255Kb / 3P
   ChipGuard짰 MLU Series - ESD Protectors
CG0402MLA-5.5MG BOURNS-CG0402MLA-5.5MG Datasheet
272Kb / 4P
   MLA Series Varistor ESD Clamp Protectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com