Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP15-4805DF Datasheet(PDF) 7 Page - Recom International Power

Part # RP15-4805DF
Description  15 Watt Single & Dual Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP15-4805DF Datasheet(HTML) 7 Page - Recom International Power

  RP15-4805DF Datasheet HTML 1Page - Recom International Power RP15-4805DF Datasheet HTML 2Page - Recom International Power RP15-4805DF Datasheet HTML 3Page - Recom International Power RP15-4805DF Datasheet HTML 4Page - Recom International Power RP15-4805DF Datasheet HTML 5Page - Recom International Power RP15-4805DF Datasheet HTML 6Page - Recom International Power RP15-4805DF Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PACKAGING INFORMATION
Parameter
Type
Value
Packaging Quantity
without Heat-sink
with Heat-sink
Tube
Tray
9pcs.
20pcs.
Storage Temperature Range
-55°C to +125°C
Storage Humidity
5% - 95% RH
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit written
consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP15-F
Series
PD-7
REV.: 1/2016
www.recom-power.com


Similar Part No. - RP15-4805DF

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-4805DF RECOM-RP15-4805DF Datasheet
97Kb / 4P
   15 Watt 2inch x 1inch Package Single & Dual Output
RP15-4805DF RECOM-RP15-4805DF Datasheet
95Kb / 4P
   15 Watt 2??x 1??Package Single & Dual Output
RP15-4805DFN RECOM-RP15-4805DFN Datasheet
95Kb / 4P
   15 Watt 2??x 1??Package Single & Dual Output
RP15-4805DFP RECOM-RP15-4805DFP Datasheet
95Kb / 4P
   15 Watt 2??x 1??Package Single & Dual Output
RP15-4805DFW RECOM-RP15-4805DFW Datasheet
68Kb / 3P
   15 Watt 2??x 1??Single & Dual Output
More results

Similar Description - RP15-4805DF

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-FW RECOM-RP15-FW Datasheet
494Kb / 7P
   15 Watt Single & Dual Output
RP15-A RECOM-RP15-A Datasheet
518Kb / 8P
   15 Watt Single & Dual Output
RP15-2405SEW RECOM-RP15-2405SEW_06 Datasheet
85Kb / 4P
   15 Watt Single & Dual Output
RP15-AW RECOM-RP15-AW Datasheet
493Kb / 8P
   15 Watt Single & Dual Output
RP15-2415DA RECOM-RP15-2415DA Datasheet
92Kb / 4P
   15 Watt Single Dual Output
REC15-M RECOM-REC15-M Datasheet
116Kb / 2P
   15 Watt Single & Dual Output
RP15-2405SEW RECOM-RP15-2405SEW Datasheet
96Kb / 4P
   15 Watt Single & Dual Output
RAC15-A RECOM-RAC15-A Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
RAC15-S-D-TA RECOM-RAC15-S-D-TA Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
RAC15-05SA RECOM-RAC15-05SA Datasheet
97Kb / 3P
   15 Watt Single, Dual & Triple Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com