Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD214A-B230LLF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CD214A-B230LLF
Description  Schottky Barrier Rectifi er Chip Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD214A-B230LLF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CD214A-B230LLF Datasheet HTML 1Page - Bourns Electronic Solutions CD214A-B230LLF Datasheet HTML 2Page - Bourns Electronic Solutions CD214A-B230LLF Datasheet HTML 3Page - Bourns Electronic Solutions CD214A-B230LLF Datasheet HTML 4Page - Bourns Electronic Solutions CD214A-B230LLF Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
CD214A-B220 ~ B260 Schottky Barrier Rectifier Chip Diode
Product Dimensions
Recommended Pad Layout
Physical Specifications
Case ...........................................................................Molded plastic
Polarity.................................................... Indicated by cathode band
Weight .................................................. 0.002 ounces / 0.064 grams
DIMENSIONS:
MM
(INCHES)
Dimension
SMA (DO-214AC)
A
4.06 - 4.57
(0.160 - 0.180)
B
2.29 - 2.92
(0.090 - 0.115)
C
1.27 - 1.63
(0.050 - 0.064)
D
0.15 - 0.31
(0.006 - 0.110)
E
4.83 - 5.59
(0.190 - 0.220)
F
0.05 - 0.20
(0.002 - 0.008)
G
2.01 - 2.62
(0.080 - 0.103)
H
0.76 - 1.52
(0.030 - 0.060)
Dimension
SMA (DO-214AC)
A
2.90
(0.114)
B
2.40
(0.094)
C
2.30
(0.091)
DIMENSIONS:
MM
(INCHES)
Typical Part Marking
CD214A-B220 .....................................................................
B 220A
CD214A-B230 .....................................................................
B 230A
CD214A-B240 .....................................................................
B 240A
CD214A-B240L ...................................................................
B 240LA
CD214A-B250 .....................................................................
B 250A
CD214A-B260 .....................................................................
B 260A
B
G
F
D
C
H
E
A
A
C
B


Similar Part No. - CD214A-B230LLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD214A-B20 BOURNS-CD214A-B20 Datasheet
298Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B20LF BOURNS-CD214A-B20LF Datasheet
298Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B220 BOURNS-CD214A-B220 Datasheet
298Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B220LR BOURNS-CD214A-B220LR Datasheet
468Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214A-B220R BOURNS-CD214A-B220R Datasheet
468Kb / 4P
   Schottky Barrier Rectifier Chip Diode
More results

Similar Description - CD214A-B230LLF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSD NIC-NSD Datasheet
347Kb / 5P
   Surface Mount Schottky Barrier Rectifi er Diode
logo
IXYS Corporation
DS75 IXYS-DS75 Datasheet
75Kb / 2P
   Rectifi er Diode Avalanche Diode
DS2 IXYS-DS2 Datasheet
72Kb / 2P
   Rectifi er Diode Avalanche Diode
logo
Microsemi Corporation
APT30DL60B MICROSEMI-APT30DL60B Datasheet
135Kb / 4P
   Ultrasoft Recovery Rectifi er Diode
APT30DL60BCT MICROSEMI-APT30DL60BCT Datasheet
137Kb / 4P
   Ultrasoft Recovery Rectifi er Diode
APT75DL60B MICROSEMI-APT75DL60B Datasheet
137Kb / 4P
   Ultrasoft Recovery Rectifi er Diode
APT150DL60B2 MICROSEMI-APT150DL60B2 Datasheet
134Kb / 4P
   Ultrasoft Recovery Rectifi er Diode
APT50DL60BCT MICROSEMI-APT50DL60BCT Datasheet
136Kb / 4P
   Ultrasoft Recovery Rectifi er Diode
APT100DL60B MICROSEMI-APT100DL60B Datasheet
136Kb / 4P
   Ultrasoft Recovery Rectifi er Diode
APT50DL60B MICROSEMI-APT50DL60B Datasheet
140Kb / 4P
   Ultrasoft Recovery Rectifi er Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com