Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP15-4805DFW Datasheet(PDF) 2 Page - Recom International Power

Part # RP15-4805DFW
Description  15 Watt Single & Dual Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP15-4805DFW Datasheet(HTML) 2 Page - Recom International Power

  RP15-4805DFW Datasheet HTML 1Page - Recom International Power RP15-4805DFW Datasheet HTML 2Page - Recom International Power RP15-4805DFW Datasheet HTML 3Page - Recom International Power RP15-4805DFW Datasheet HTML 4Page - Recom International Power RP15-4805DFW Datasheet HTML 5Page - Recom International Power RP15-4805DFW Datasheet HTML 6Page - Recom International Power RP15-4805DFW Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
nom. Vin = 24V
nom. Vin = 48V
9VDC
18VDC
24VDC
48VDC
36VDC
75VDC
Under Voltage Lockout (UVLO)
Vin = 24V
DC-DC ON
DC-DC OFF
7.5VDC
9VDC
Vin = 48V
DC-DC ON
DC-DC OFF
15VDC
18VDC
Input Filter
Pi-type
Input Reflected Ripple Current
nominal Vin and full load
20mAp-p
Input Surge Voltage
Vin = 24V, 100ms max.
Vin = 48V, 100ms max.
50VDC
100VDC
Start-up time
Power up
20ms
Operating Frequency Range
360kHz
400kHz
440kHz
Minimum Load
full load
0%
Ripple and Noise
20MHz bandwidth
with a 0.1µF/50V MLCC
Single: 3.3Vout, 5Vout
50mVp-p
Single: 12Vout, 15Vout
75mVp-p
Dual: all
75mVp-p
Remote ON/OFF(5)
Positive Logic
DC-DC ON
DC-DC OFF
Open or 3.0V < Vr < 12V
Short or 0V < Vr <1.2V
Negative Logic
DC-DC ON
DC-DC OFF
Short or 0V < Vr <1.2V
Open or 3.0V < Vr < 12V
Input current of Remote pin (CTRL)
DC-DC OFF
2.5mA
DC-DC ON
-0.5mA
+0.5mA
continued on next page
PD-2
REV.: 1/2016
www.recom-power.com
DC/DC Converter
RP15-FW
Series
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
Notes:
Note5: The ON/OFF control function can be positive or negative logic. The pin voltage is referenced
to -Vin pin. If no suffix is specified, the control pin will be omitted.
Efficiency vs. Output Current
Efficiency vs. Input Voltage
Input Voltage [VDC]
9
60
65
70
75
80
85
95
15
18
24
30
36
12
21
27
33
90
9Vin
24Vin
36Vin
Output Current [%]
10
60
55
50
45
40
35
65
70
75
80
90
95
20
40
60
80
100
30
50
70
90
85
RP15-2405SFW


Similar Part No. - RP15-4805DFW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-4805DFW RECOM-RP15-4805DFW Datasheet
68Kb / 3P
   15 Watt 2??x 1??Single & Dual Output
RP15-4805DFWN RECOM-RP15-4805DFWN Datasheet
68Kb / 3P
   15 Watt 2??x 1??Single & Dual Output
RP15-4805DFWP RECOM-RP15-4805DFWP Datasheet
68Kb / 3P
   15 Watt 2??x 1??Single & Dual Output
More results

Similar Description - RP15-4805DFW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-A RECOM-RP15-A Datasheet
518Kb / 8P
   15 Watt Single & Dual Output
RP15-F RECOM-RP15-F Datasheet
514Kb / 7P
   15 Watt Single & Dual Output
RP15-2405SEW RECOM-RP15-2405SEW_06 Datasheet
85Kb / 4P
   15 Watt Single & Dual Output
RP15-AW RECOM-RP15-AW Datasheet
493Kb / 8P
   15 Watt Single & Dual Output
RP15-2415DA RECOM-RP15-2415DA Datasheet
92Kb / 4P
   15 Watt Single Dual Output
REC15-M RECOM-REC15-M Datasheet
116Kb / 2P
   15 Watt Single & Dual Output
RP15-2405SEW RECOM-RP15-2405SEW Datasheet
96Kb / 4P
   15 Watt Single & Dual Output
RAC15-A RECOM-RAC15-A Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
RAC15-S-D-TA RECOM-RAC15-S-D-TA Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
RAC15-05SA RECOM-RAC15-05SA Datasheet
97Kb / 3P
   15 Watt Single, Dual & Triple Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com