Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP10-1212DA Datasheet(PDF) 7 Page - Recom International Power

Part # RP10-1212DA
Description  10 Watt Single & Dual Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP10-1212DA Datasheet(HTML) 7 Page - Recom International Power

  RP10-1212DA Datasheet HTML 1Page - Recom International Power RP10-1212DA Datasheet HTML 2Page - Recom International Power RP10-1212DA Datasheet HTML 3Page - Recom International Power RP10-1212DA Datasheet HTML 4Page - Recom International Power RP10-1212DA Datasheet HTML 5Page - Recom International Power RP10-1212DA Datasheet HTML 6Page - Recom International Power RP10-1212DA Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP10-A
Series
PD-7
REV.: 0/2016
www.recom-power.com
Dimension Drawing (mm) with Heat-sink
31.4
20.32
25.4
Ø 1.0
2.54
24.20
Top View
Heat-sink
PACKAGING INFORMATION
Parameter
Type
Value
Packaging Dimensions (LxWxH)
Tube
Tray
257 x 28.5 x 21mm
230 x 180 x 28mm
Packaging Quantity
without Heat-sink
with Heat-sink
Tube
Tray
8pcs.
20pcs.
Storage Temperature Range
-55°C to +125°C
Storage Humidity
5% - 95% RH
Tube Dimension Drawing (mm)
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit written
consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
26.5±0.5
14.5±0.5


Similar Part No. - RP10-1212DA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP10-1212DE RECOM-RP10-1212DE Datasheet
101Kb / 5P
   10 Watt 2inch x 1inch Package Single & Dual Output
RP10-1212DE RECOM-RP10-1212DE Datasheet
101Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
RP10-1212DE RECOM-RP10-1212DE Datasheet
593Kb / 7P
   10 Watt Single & Dual Output
RP10-1212DEM2 RECOM-RP10-1212DEM2 Datasheet
101Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
RP10-1212DEN RECOM-RP10-1212DEN Datasheet
101Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
More results

Similar Description - RP10-1212DA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP10-AW RECOM-RP10-AW Datasheet
521Kb / 7P
   10 Watt Single & Dual Output
RP10-E RECOM-RP10-E Datasheet
593Kb / 7P
   10 Watt Single & Dual Output
REC10-M RECOM-REC10-M Datasheet
105Kb / 2P
   10 Watt Single & Dual Output
RAC10-S-DC-277 RECOM-RAC10-S-DC-277 Datasheet
106Kb / 4P
   10 Watt Single / Dual Output
RP10-EW RECOM-RP10-EW Datasheet
495Kb / 7P
   10 Watt Single & Dual Output
RAC10-3.3SA RECOM-RAC10-3.3SA Datasheet
87Kb / 2P
   10 Watt Single & Dual Output
RAC10-S-DA RECOM-RAC10-S-DA Datasheet
87Kb / 2P
   10 Watt Single/Dual Output
RAC10-C-277 RECOM-RAC10-C-277 Datasheet
105Kb / 4P
   10 Watt Single / Dual Output
logo
RSG Electronic Componen...
RV1-S10-D10 RSG-RV1-S10-D10 Datasheet
142Kb / 4P
   10 Watt regulated single & dual output
logo
Recom International Pow...
RP10-RAW RECOM-RP10-RAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com