Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP08-4815DAW Datasheet(PDF) 2 Page - Recom International Power

Part # RP08-4815DAW
Description  8 Watt DIP24/SMD Single & Dual Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP08-4815DAW Datasheet(HTML) 2 Page - Recom International Power

  RP08-4815DAW Datasheet HTML 1Page - Recom International Power RP08-4815DAW Datasheet HTML 2Page - Recom International Power RP08-4815DAW Datasheet HTML 3Page - Recom International Power RP08-4815DAW Datasheet HTML 4Page - Recom International Power RP08-4815DAW Datasheet HTML 5Page - Recom International Power RP08-4815DAW Datasheet HTML 6Page - Recom International Power RP08-4815DAW Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
nom. Vin = 24V
nom. Vin = 48V
nom. Vin = 110V
9VDVC
18VDC
43VDC
24VDC
48VDC
110VDC
36VDC
75VDC
160VDC
Under Voltage Lockout (UVLO)
Vin= 24V
DC-DC ON
DC-DC OFF
8VDC
9VDC
Vin= 48V
DC-DC ON
DC-DC OFF
16VDC
18VDC
Vin=110V
DC-DC ON
DC-DC OFF
40VDC
43VDC
Input Filter
Pi-Type
Input reflected Ripple Current
nominal Vin and full load
20mAp-p
Input Surge Voltage
Vin = 24V, 100ms max.
Vin = 48V, 100ms max.
Vin = 110V, 100ms max.
50VDC
100VDC
170VDC
Start-up time
Power up
Remote ON/OFF
450ms
5ms
Operating Frequency Range
270kHz
300kHz
330kHz
Minimum Load
0%
Ripple and Noise
20MHz bandwidth
Vin = 24V
Vin = 48V
Vin = 110V
50mVp-p
50mVp-p
75mVp-p
Remote ON/OFF(4)
Positive Logic
DC-DC ON
DC-DC OFF
Open or 3.0 < Vr < 12VDC
Short or 0 < Vr < 1.2VDC
Input current of Remote pin (CTRL)
DC-DC OFF
2.5mA
DC-DC ON
-0.5mA
+0.5mA
continued on next page
PD-2
REV.: 2/2016
www.recom-power.com
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP08-AW
Series
Notes:
Note4: The ON/OFF control pin voltage is referenced to -Vin pin.
Efficiency vs. Output Current
Efficiency vs. Input Voltage
Input Voltage [VDC]
9
65
70
75
80
85
95
15
18
24
30
36
12
21
27
33
90
Output Current [%]
10
65
55
50
45
40
70
75
80
85
95
20
40
60
80
100
30
50
70
90
90
9Vin
24Vin
36Vin
RP08-2405SAW


Similar Part No. - RP08-4815DAW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP08-4815DAW RECOM-RP08-4815DAW Datasheet
94Kb / 3P
   8 Watt DIP24 & SMD, Single & Dual Output
RP08-4815DAWSMD RECOM-RP08-4815DAWSMD Datasheet
94Kb / 3P
   8 Watt DIP24 & SMD, Single & Dual Output
More results

Similar Description - RP08-4815DAW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC8 RECOM-REC8 Datasheet
125Kb / 3P
   8 Watt DIP24 & SMD Single & Dual Output
RP08-A RECOM-RP08-A Datasheet
499Kb / 7P
   8 Watt DIP24/SMD Single & Dual Output
RP08-123.3SA RECOM-RP08-123.3SA Datasheet
103Kb / 4P
   8 Watt DIP24 & SMD, Single & Dual Output
RP08-123.3SA RECOM-RP08-123.3SA_07 Datasheet
94Kb / 4P
   8 Watt DIP24 & SMD, Single & Dual Output
RP08-243.3SAW RECOM-RP08-243.3SAW Datasheet
94Kb / 3P
   8 Watt DIP24 & SMD, Single & Dual Output
RP1P5 RECOM-RP1P5 Datasheet
100Kb / 4P
   1.5 Watt DIP24 & SMD, Single & Dual Output
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC3-053.3SR RECOM-REC3-053.3SR Datasheet
74Kb / 2P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-S_DRW RECOM-REC3-S_DRW Datasheet
135Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
RP03-0533SG RECOM-RP03-0533SG Datasheet
99Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com