Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP15-483.3SOFW Datasheet(PDF) 3 Page - Recom International Power

Part # RP15-483.3SOFW
Description  15 Watt Single Output Open Frame SMD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP15-483.3SOFW Datasheet(HTML) 3 Page - Recom International Power

  RP15-483.3SOFW Datasheet HTML 1Page - Recom International Power RP15-483.3SOFW Datasheet HTML 2Page - Recom International Power RP15-483.3SOFW Datasheet HTML 3Page - Recom International Power RP15-483.3SOFW Datasheet HTML 4Page - Recom International Power RP15-483.3SOFW Datasheet HTML 5Page - Recom International Power RP15-483.3SOFW Datasheet HTML 6Page - Recom International Power RP15-483.3SOFW Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
REGULATIONS
Parameter
Condition
Value
Output Voltage Accuracy
±1%
Voltage Adjustability
±10%
Line Voltage Regulation
low line to high line at full load
±0.2%
Load Voltage Regulation
0% to 100% load
±0.2%
Transient Response recovery time
25% load step change
250μs
continued on next page
RP15-OFW
Series
PD-3
REV.: 1/2016
www.recom-power.com
Efficiency vs. Output Current
Efficiency vs. Input Voltage
18Vin
48Vin
75Vin
Output Current [%]
10
40
45
50
55
60
65
75
70
95
90
20
40
60
80
100
30
50
70
90
85
80
Input Voltage [VDC]
18
65
70
75
80
85
95
30
36
48
60
75
24
42
54
66
90
RP15-4805SOFW
Output Voltage Trimming
Single output Powerline Plus converters offer the feature of trimming the output voltage over a certain range around the nominal value by using
external trim resistors. No general equation can be given for calculating the trim resistors, but the following trimtables give typical values for chosing
these trimming resistors. If voltages between the given trim points are required, extrapolate between the two nearest given values to work out the
resis tor required or use a variable resistor to set the output voltage. Output can be externally trimmed by using the method shown below.
External Output Trimming
RU
6
5
RD
5
4
Trim up
Trim down
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
3.333
3.366
3.399
3.432
3.465
3.498
3.531
3.564
3.597
3.63
Volts
R
U =
385.07
191.51
126.99
94.73
75.37
62.47
53.25
46.34
40.96
36.66
KOhms
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout =
3.267
3.234
3.201
3.168
3.135
3.102
3.069
3.036
3.003
2.97
Volts
R
D =
116.72
54.78
34.13
23.81
17.62
13.49
10.54
8.32
6.60
5.23
KOhms
RP15-xx3.3SOF


Similar Part No. - RP15-483.3SOFW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-483.3SOF RECOM-RP15-483.3SOF Datasheet
523Kb / 7P
   15 Watt Single Output Open Frame SMD
More results

Similar Description - RP15-483.3SOFW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-OF RECOM-RP15-OF Datasheet
523Kb / 7P
   15 Watt Single Output Open Frame SMD
RAC48-S-OF RECOM-RAC48-S-OF Datasheet
102Kb / 2P
   48 Watt Open Frame Single Output
RAC60-S-OF RECOM-RAC60-S-OF Datasheet
102Kb / 2P
   60 Watt Open Frame Single Output
RAC48-OF RECOM-RAC48-OF Datasheet
91Kb / 2P
   48 Watt Open Frame Single Output
RAC60-OF RECOM-RAC60-OF Datasheet
91Kb / 2P
   60 Watt Open Frame Single Output
logo
CINCON ELECTRONICS Corp...
CFM61S CINCON-CFM61S Datasheet
593Kb / 2P
   60 WATT SINGLE OUTPUT AC-DC OPEN FRAME
CFM06S CINCON-CFM06S Datasheet
234Kb / 2P
   6 WATT SINGLE OUTPUT AC-DC OPEN FRAME
CFM41S CINCON-CFM41S Datasheet
440Kb / 3P
   40 WATT SINGLE OUTPUT AC-DC OPEN FRAME
CFM12S CINCON-CFM12S Datasheet
482Kb / 3P
   12 WATT SINGLE OUTPUT AC-DC OPEN FRAME
CFM25S CINCON-CFM25S Datasheet
463Kb / 3P
   25 WATT SINGLE OUTPUT AC-DC OPEN FRAME
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com