Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP15-483.3SOF Datasheet(PDF) 7 Page - Recom International Power

Part # RP15-483.3SOF
Description  15 Watt Single Output Open Frame SMD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP15-483.3SOF Datasheet(HTML) 7 Page - Recom International Power

  RP15-483.3SOF Datasheet HTML 1Page - Recom International Power RP15-483.3SOF Datasheet HTML 2Page - Recom International Power RP15-483.3SOF Datasheet HTML 3Page - Recom International Power RP15-483.3SOF Datasheet HTML 4Page - Recom International Power RP15-483.3SOF Datasheet HTML 5Page - Recom International Power RP15-483.3SOF Datasheet HTML 6Page - Recom International Power RP15-483.3SOF Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PACKAGING INFORMATION
Parameter
Type
Value
Packaging Quantity
20pcs.
Storage Temperature Range
-55°C to +125°C
Storage Humidity
5% - 95%, RH
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit written
consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
Dimension Drawing (mm)
3
Bottom View
Standard
6
2
1
4
Recommended Pads = 2.8mm dia.
stand off height = 2.3min.
Bottom View
/N or /P
2
1
5
6
4
20.32
23.9
3.8
20.32
27.9
3.8
Pin Connections
Pin #
Standard
Suffix
/P or /N
1
+Vin
+Vin
2
-Vin
-Vin
3
no Pin
CTRL
4
+Vout
+Vout
5
no Pin
Trim
6
-Vout
-Vout
PCB Tolerance ±0.5mm
SMD Pin Pitch Tolerance
±0.25mm
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP15-OF
Series
PD-7
REV.: 1/2016
www.recom-power.com


Similar Part No. - RP15-483.3SOF

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-483.3SOFW RECOM-RP15-483.3SOFW Datasheet
518Kb / 7P
   15 Watt Single Output Open Frame SMD
More results

Similar Description - RP15-483.3SOF

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-OFW RECOM-RP15-OFW Datasheet
518Kb / 7P
   15 Watt Single Output Open Frame SMD
RAC48-S-OF RECOM-RAC48-S-OF Datasheet
102Kb / 2P
   48 Watt Open Frame Single Output
RAC60-S-OF RECOM-RAC60-S-OF Datasheet
102Kb / 2P
   60 Watt Open Frame Single Output
RAC48-OF RECOM-RAC48-OF Datasheet
91Kb / 2P
   48 Watt Open Frame Single Output
RAC60-OF RECOM-RAC60-OF Datasheet
91Kb / 2P
   60 Watt Open Frame Single Output
logo
CINCON ELECTRONICS Corp...
CFM61S CINCON-CFM61S Datasheet
593Kb / 2P
   60 WATT SINGLE OUTPUT AC-DC OPEN FRAME
CFM06S CINCON-CFM06S Datasheet
234Kb / 2P
   6 WATT SINGLE OUTPUT AC-DC OPEN FRAME
CFM41S CINCON-CFM41S Datasheet
440Kb / 3P
   40 WATT SINGLE OUTPUT AC-DC OPEN FRAME
CFM12S CINCON-CFM12S Datasheet
482Kb / 3P
   12 WATT SINGLE OUTPUT AC-DC OPEN FRAME
CFM25S CINCON-CFM25S Datasheet
463Kb / 3P
   25 WATT SINGLE OUTPUT AC-DC OPEN FRAME
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com