Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V201L10PFI Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT72V201L10PFI
Description  3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V201L10PFI Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT72V201L10PFI Datasheet HTML 3Page - Integrated Device Technology IDT72V201L10PFI Datasheet HTML 4Page - Integrated Device Technology IDT72V201L10PFI Datasheet HTML 5Page - Integrated Device Technology IDT72V201L10PFI Datasheet HTML 6Page - Integrated Device Technology IDT72V201L10PFI Datasheet HTML 7Page - Integrated Device Technology IDT72V201L10PFI Datasheet HTML 8Page - Integrated Device Technology IDT72V201L10PFI Datasheet HTML 9Page - Integrated Device Technology IDT72V201L10PFI Datasheet HTML 10Page - Integrated Device Technology IDT72V201L10PFI Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
IDT72V201/72V211/72V221/72V231/72V241/72V251 3.3V CMOS SyncFIFO™
256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
OUTPUTS:
FULL FLAG (
FF)
The Full Flag (
FF)willgoLOW,inhibitingfurtherwriteoperation,whenthe
device is full. If no reads are performed after Reset (
RS), the Full Flag (FF)
will go LOW after 256 writes for the IDT72V201, 512 writes for the IDT72V211,
1,024 writes for the IDT72V221, 2,048 writes for the IDT72V231, 4,096 writes
for the IDT72V241 and 8,192 writes for the IDT72V251.
The Full Flag (
FF) is synchronized with respect to the LOW-to-HIGH
transition of the Write Clock (WCLK).
EMPTY FLAG (
EF)
The Empty Flag (
EF)willgoLOW,inhibitingfurtherreadoperations,when
the read pointer is equal to the write pointer, indicating the device is empty.
The Empty Flag (
EF) is synchronized with respect to the LOW-to-HIGH
transition of the Read Clock (RCLK).
PROGRAMMABLE ALMOST-FULL FLAG (
PAF)
The Programmable Almost-Full flag (
PAF) will go LOW when the FIFO
reaches the almost-full condition. If no reads are performed after Reset (
RS),
the Programmable Almost-Full flag (
PAF)willgoLOWafter (256-m)writesfor
the IDT72V201, (512-m) writes for the IDT72V211, (1,024-m) writes for the
IDT72V221, (2,048-m) writes for the IDT72V231, (4,096-m) writes for the
IDT72V241 and (8,192-m) writes for the IDT72V251. The offset “m” is defined
in the Full Offset registers.
If there is no full offset specified, the Programmable Almost-Full flag (
PAF)
will go LOW at Full-7 words.
The Programmable Almost-Full flag (
PAF)issynchronizedwithrespectto
the LOW-to-HIGH transition of the Write Clock (WCLK).
PROGRAMMABLE ALMOST-EMPTY FLAG (
PAE)
The Programmable Almost-Empty flag (
PAE) will go LOW when the read
pointer is "n+1" locations less than the write pointer. The offset "n" is defined
in the Empty Offset registers. If no reads are performed after Reset the
Programmable Almost-Empty flag (
PAE) will go HIGH after "n+1" for the
IDT72V201/72V211/72V221/72V231/72V241/72V251.
If there is no empty offset specified, the Programmable Almost-Empty flag
(
PAE) will go LOW at Empty+7 words.
The Programmable Almost-Empty flag (
PAE)issynchronizedwithrespect
to the LOW-to-HIGH transition of the Read Clock (RCLK).
DATA OUTPUTS (Q0 - Q8)
Data outputs for a 9-bit wide data.
NUMBER OF WORDS IN FIFO
IDT72V201
IDT72V211
IDT72V221
FF
PAF
PAE
EF
00
0
H
H
L
L
1 to n(1)
1 to n(1)
1 to n
(1)
HH
L
H
(n+1)to(256-(m+1))
(n+1)to(512-(m+1))
(n+1)to(1,024-(m+1))
HHHH
(256-m)(2)to255
(512-m)(2)to511
(1,024-m)(2)to1,023
H
L
H
H
256
512
1,024
L
L
H
H
NUMBER OF WORDS IN FIFO
IDT72V231
IDT72V241
IDT72V251
FF
PAF
PAE
EF
000
H
H
L
L
1 to n
(1)
1 to n
(1)
1 to n
(1)
HH
L
H
(n+1)to(2,048-(m+1))
(n+1)to(4,096-(m+1))
(n+1)to(8,192-(m+1))
HHHH
(2,048-m)
(2) to2,047
(4,096-m)
(2) to4,095
(8,192-m)
(2) to8,191
H
L
H
H
2,048
4,096
8,192
L
L
H
H
NOTES:
1.
n = Empty Offset (n = 7 default value)
2.
m = Full Offset (m = 7 default value)
TABLE 1 — STATUS FLAGS


Similar Part No. - IDT72V201L10PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V201 IDT-IDT72V201 Datasheet
285Kb / 14P
   3.3 VOLT CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72V201 RENESAS-IDT72V201 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V201 IDT-IDT72V201_13 Datasheet
285Kb / 14P
   3.3 VOLT CMOS SyncFIFO
More results

Similar Description - IDT72V201L10PFI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V801 RENESAS-IDT72V801 Datasheet
327Kb / 17P
   3.3 VOLT DUAL CMOS SyncFIFO™ DUAL 256 X 9, DUAL 512 X 9, DUAL 1,024 X 9, DUAL 2,048 X 9, DUAL 4,096 X 9 , DUAL 8,192 X 9
MARCH 2018
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81_09 Datasheet
125Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
IDT7280 IDT-IDT7280 Datasheet
154Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
7203L25J IDT-7203L25J Datasheet
311Kb / 10P
   CMOS ASYNCHRONOUS FIFO 2,048 x 9, 4,096 x 9 8,192 x 9, 16,384 x 9
IDT72V81 IDT-IDT72V81 Datasheet
98Kb / 11P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7202 IDT-IDT7202 Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
7201LA20DB IDT-7201LA20DB Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com