Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP15-2415SFW Datasheet(PDF) 6 Page - Recom International Power

Part # RP15-2415SFW
Description  15 Watt Single & Dual Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP15-2415SFW Datasheet(HTML) 6 Page - Recom International Power

  RP15-2415SFW Datasheet HTML 1Page - Recom International Power RP15-2415SFW Datasheet HTML 2Page - Recom International Power RP15-2415SFW Datasheet HTML 3Page - Recom International Power RP15-2415SFW Datasheet HTML 4Page - Recom International Power RP15-2415SFW Datasheet HTML 5Page - Recom International Power RP15-2415SFW Datasheet HTML 6Page - Recom International Power RP15-2415SFW Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PD-6
REV.: 1/2016
www.recom-power.com
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP15-FW
Series
Dimension Drawing (mm)
Dimension Drawing (mm) with Heat-sink
6
2
1
5
4
3
Bottom View
50.8
20.30
15.20
25.40
5.10
2.50
ø1.0
50.8
20.30
56.80
15.20
25.4
5.10
2.50
ø1.0
Top View
Heat-sink
50.00
1.40
1.30
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
No Pin
Com
5
-Vout
-Vout
6*
CTRL*
CTRL*
* Optional. See Note 5
Pin Pitch Tolerance ±0.25 mm
Pin Dimension Tolerance ±0.1mm
Tolerance: X.X ±0.5mm
X.XX ±0.25mm


Similar Part No. - RP15-2415SFW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-2415SFW RECOM-RP15-2415SFW Datasheet
68Kb / 3P
   15 Watt 2??x 1??Single & Dual Output
RP15-2415SFWN RECOM-RP15-2415SFWN Datasheet
68Kb / 3P
   15 Watt 2??x 1??Single & Dual Output
RP15-2415SFWP RECOM-RP15-2415SFWP Datasheet
68Kb / 3P
   15 Watt 2??x 1??Single & Dual Output
More results

Similar Description - RP15-2415SFW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-A RECOM-RP15-A Datasheet
518Kb / 8P
   15 Watt Single & Dual Output
RP15-F RECOM-RP15-F Datasheet
514Kb / 7P
   15 Watt Single & Dual Output
RP15-2405SEW RECOM-RP15-2405SEW_06 Datasheet
85Kb / 4P
   15 Watt Single & Dual Output
RP15-AW RECOM-RP15-AW Datasheet
493Kb / 8P
   15 Watt Single & Dual Output
RP15-2415DA RECOM-RP15-2415DA Datasheet
92Kb / 4P
   15 Watt Single Dual Output
REC15-M RECOM-REC15-M Datasheet
116Kb / 2P
   15 Watt Single & Dual Output
RP15-2405SEW RECOM-RP15-2405SEW Datasheet
96Kb / 4P
   15 Watt Single & Dual Output
RAC15-A RECOM-RAC15-A Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
RAC15-S-D-TA RECOM-RAC15-S-D-TA Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
RAC15-05SA RECOM-RAC15-05SA Datasheet
97Kb / 3P
   15 Watt Single, Dual & Triple Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com