Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP15-1212SF Datasheet(PDF) 3 Page - Recom International Power

Part # RP15-1212SF
Description  15 Watt Single & Dual Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP15-1212SF Datasheet(HTML) 3 Page - Recom International Power

  RP15-1212SF Datasheet HTML 1Page - Recom International Power RP15-1212SF Datasheet HTML 2Page - Recom International Power RP15-1212SF Datasheet HTML 3Page - Recom International Power RP15-1212SF Datasheet HTML 4Page - Recom International Power RP15-1212SF Datasheet HTML 5Page - Recom International Power RP15-1212SF Datasheet HTML 6Page - Recom International Power RP15-1212SF Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DC/DC Converter
PROTECTIONS
Parameter
Condition
Value
Short Circuit Protection (SCP)
continuous, automatic recovery
Over Voltage Protection (OVP)
Zener Diode Clamp
3.3Vout
5Vout
12Vout
15Vout
3.9V
6.2V
15V
18V
Over Load Protection (OLP)
% of Iout rated
150% typ.
Isolation Voltage
I/P to O/P
I/P (O/P) to case
1.6kVDC/1 minute
1.6kVDC/1 minute
Isolation Resistance
500VDC
1G
Ω min.
Isolation Capacitance
300pF typ.
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
REGULATIONS
Parameter
Condition
Value
Output Voltage Accuracy
full load and nominal Vin
±1%
Line Voltage Regulation
low line to high line at full load
±0.5%
Load Voltage Regulation
10% to 100% load
Single
Dual
±0.5%
±0.1%
Cross Regulation
asymmetrical 25%<>100% load
±5%
Transient Response recovery time
25% load step change
250μs typ.
RP15-F
Series
PD-3
REV.: 1/2016
www.recom-power.com
Notes:
Note9: This power module is not internally fused. An input line fuse must always be used.
Efficiency vs. Output Current
Efficiency vs. Output Current
Efficiency vs. Input Voltage
Efficiency vs. Input Voltage
18Vin
24Vin
36Vin
Output Current [%]
10
60
55
50
45
40
65
70
75
80
90
95
20
40
60
80
100
30
50
70
90
85
36Vin
48Vin
75Vin
Output Current [%]
10
55
60
65
70
75
80
85
90
95
50
45
40
20
40
60
80
100
30
50
70
90
Total Input Voltage [%]
18
74
76
78
80
82
86
22
24
28
32
36
20
26
30
34
84
Input Voltage [VDC]
36
76
78
80
82
84
88
44
48
56
66
75
40
52
60
72
86
RP15-2405SF
RP15-4805SF


Similar Part No. - RP15-1212SF

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-1212SF RECOM-RP15-1212SF Datasheet
97Kb / 4P
   15 Watt 2inch x 1inch Package Single & Dual Output
RP15-1212SF RECOM-RP15-1212SF Datasheet
95Kb / 4P
   15 Watt 2??x 1??Package Single & Dual Output
RP15-1212SFN RECOM-RP15-1212SFN Datasheet
95Kb / 4P
   15 Watt 2??x 1??Package Single & Dual Output
RP15-1212SFP RECOM-RP15-1212SFP Datasheet
95Kb / 4P
   15 Watt 2??x 1??Package Single & Dual Output
More results

Similar Description - RP15-1212SF

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-FW RECOM-RP15-FW Datasheet
494Kb / 7P
   15 Watt Single & Dual Output
RP15-A RECOM-RP15-A Datasheet
518Kb / 8P
   15 Watt Single & Dual Output
RP15-2405SEW RECOM-RP15-2405SEW_06 Datasheet
85Kb / 4P
   15 Watt Single & Dual Output
RP15-AW RECOM-RP15-AW Datasheet
493Kb / 8P
   15 Watt Single & Dual Output
RP15-2415DA RECOM-RP15-2415DA Datasheet
92Kb / 4P
   15 Watt Single Dual Output
REC15-M RECOM-REC15-M Datasheet
116Kb / 2P
   15 Watt Single & Dual Output
RP15-2405SEW RECOM-RP15-2405SEW Datasheet
96Kb / 4P
   15 Watt Single & Dual Output
RAC15-A RECOM-RAC15-A Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
RAC15-S-D-TA RECOM-RAC15-S-D-TA Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
RAC15-05SA RECOM-RAC15-05SA Datasheet
97Kb / 3P
   15 Watt Single, Dual & Triple Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com