Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP10-4812SAW Datasheet(PDF) 1 Page - Recom International Power

Part # RP10-4812SAW
Description  10 Watt Single & Dual Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP10-4812SAW Datasheet(HTML) 1 Page - Recom International Power

  RP10-4812SAW Datasheet HTML 1Page - Recom International Power RP10-4812SAW Datasheet HTML 2Page - Recom International Power RP10-4812SAW Datasheet HTML 3Page - Recom International Power RP10-4812SAW Datasheet HTML 4Page - Recom International Power RP10-4812SAW Datasheet HTML 5Page - Recom International Power RP10-4812SAW Datasheet HTML 6Page - Recom International Power RP10-4812SAW Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
10 Watt
1“x1“
Single & Dual
Output
Features
Regulated
Converters
• 4:1 Wide Input Voltage Range
• 1.6kVDC Isolation
• UL Certified
• Efficiency up to 91%
• Six-Sided Continuous Shield
• No Minimum Load Required
PD-1
REV.: 0/2016
www.recom-power.com
DC/DC Converter
3 YEAR
warranty
3
Description
The RP10-AW series are wide input voltage range 1”x1” power DC/DC converters. Despite their small
size, the RP10-AW converters are fully specified devices with built-in Class B EMC filters, no minimum
load, 1600VDC isolation, under-voltage lockout and low ripple/noise figures. The outputs are fully pro-
tected against short circuits, overcurrent and overvoltage and can be trimmed over a +/-10% range.
The RP10-AW series will find many uses in applications where board space is at a premium as no
external components are required.
E196683
RP10-AW
Selection Guide
Part Number
Input
Output
Output
Input(1) Efficiency(1) Max. Capacitive
Voltage Range
Voltage
Current
Current
typ.
Load
[VDC]
[VDC]
[mA]
[mA]
[%]
[µF]
RP10-243.3SAW(2,3)
9-36
3.3
3000
485
85
3500
RP10-2405SAW(2,3)
9-36
5
2000
479
87
2500
RP10-2412SAW(2,3)
9-36
12
830
461
90
430
RP10-2415SAW(2,3)
9-36
15
670
460
91
350
RP10-2424SAW(2,3)
9-36
24
416
462
90
125
RP10-483.3SAW(2,3)
18-75
3.3
3000
243
85
3500
RP10-4805SAW(2,3)
18-75
5
2000
239
87
2500
RP10-4812SAW(2,3)
18-75
12
830
231
90
430
RP10-4815SAW(2,3)
18-75
15
670
233
90
350
RP10-4824SAW(2,3)
18-75
24
416
231
90
125
RP10-2405DAW(2,3)
9-36
±5
±1000
479
87
±1440
RP10-2412DAW(2,3)
9-36
±12
±416
467
89
±250
RP10-2415DAW(2,3)
9-36
±15
±333
468
89
±180
RP10-4805DAW(2,3)
18-75
±5
±1000
239
87
±1440
RP10-4812DAW(2,3)
18-75
±12
±416
234
89
±250
RP10-4815DAW(2,3)
18-75
±15
±333
234
89
±180
UL60950-1 Certified
Ordering Examples
RP10-2405SAW/P = 24V Input, 5V Output, Positive Logic CTRL pin and Trim pin fitted
RP10-4805DAW/XC-HC = 48V Input, ±5V Output, without CTRL pin, with fitted Heat-sink
RP10-2415SAW/N = 24V Input, 5V Output, Negative Logic CTRL pin and Trim pin fitted
Model Numbering
Input Voltage
Output Voltage
Single or Dual
RP10-__ __ _AW/_ _
Notes:
Note1: at nominal input voltage and full load.
Notes:
Note2: standard part is with suffix “P” for positive logic (1=ON, 0=OFF) and trim pin
add suffix “N” instead for negative logic (0=ON, 1=OFF) and trim pin
or add suffix “XC” instead for no CTRL pin
Note3: add suffix “-HC” for premounted Heat-sink with clamps
Package(3)
CTRL Logic(2)


Similar Part No. - RP10-4812SAW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP10-4812SA RECOM-RP10-4812SA Datasheet
524Kb / 7P
   10 Watt Single & Dual Output
More results

Similar Description - RP10-4812SAW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP10-E RECOM-RP10-E Datasheet
593Kb / 7P
   10 Watt Single & Dual Output
REC10-M RECOM-REC10-M Datasheet
105Kb / 2P
   10 Watt Single & Dual Output
RAC10-S-DC-277 RECOM-RAC10-S-DC-277 Datasheet
106Kb / 4P
   10 Watt Single / Dual Output
RP10-A RECOM-RP10-A Datasheet
524Kb / 7P
   10 Watt Single & Dual Output
RP10-EW RECOM-RP10-EW Datasheet
495Kb / 7P
   10 Watt Single & Dual Output
RAC10-3.3SA RECOM-RAC10-3.3SA Datasheet
87Kb / 2P
   10 Watt Single & Dual Output
RAC10-S-DA RECOM-RAC10-S-DA Datasheet
87Kb / 2P
   10 Watt Single/Dual Output
RAC10-C-277 RECOM-RAC10-C-277 Datasheet
105Kb / 4P
   10 Watt Single / Dual Output
logo
RSG Electronic Componen...
RV1-S10-D10 RSG-RV1-S10-D10 Datasheet
142Kb / 4P
   10 Watt regulated single & dual output
logo
Recom International Pow...
RP10-RAW RECOM-RP10-RAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com