Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP12-AW Datasheet(PDF) 1 Page - Recom International Power

Part # RP12-AW
Description  12 Watt DIP24/SMD Single & Dual Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP12-AW Datasheet(HTML) 1 Page - Recom International Power

  RP12-AW Datasheet HTML 1Page - Recom International Power RP12-AW Datasheet HTML 2Page - Recom International Power RP12-AW Datasheet HTML 3Page - Recom International Power RP12-AW Datasheet HTML 4Page - Recom International Power RP12-AW Datasheet HTML 5Page - Recom International Power RP12-AW Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
Regulated
Converters
• 4:1 Wide Input Voltage Range
• 1.6kVDC Isolation
• UL Certified
• Efficiency up to 88%
• Over Current and Over Voltage Protection
• No Minimum Load Required
PD-1
REV.: 1/2016
www.recom-power.com
DC/DC Converter
3 YEAR
warranty
3
Description
The RP12-AW wide range input DC/DC converters are certified to UL 60950-1 and cUL 60950-1.
This makes them ideal for all telecom and industrial applications where approved safety standards
are required. The DIP24 package is available in both pinned and SMD case styles and meets military
standards for thermal shock and vibration tolerance.
E196683
12 Watt
DIP24/SMD
Single & Dual
Output
RP12-AW
Selection Guide
Part Number
Input
Output
Output
Input(1) Efficiency(1) Max. Capacitive
Voltage Range
Voltage
Current
Current
typ.
Load(2)
[VDC]
[VDC]
[mA]
[mA]
[%]
[µF]
RP12-243.3SAW(3)
9-36
3.3
3500
573
84
2000
RP12-2405SAW(3)
9-36
5.1
2400
575
87
2000
RP12-2412SAW(3)
9-36
12
1000
575
87
430
RP12-2415SAW(3)
9-36
15
800
575
87
300
RP12-483.3SAW(3)
18-75
3.3
3500
286
84
2000
RP12-4805SAW(3)
18-75
5.1
2400
293
87
2000
RP12-4812SAW(3)
18-75
12
1000
287
87
430
RP12-4815SAW(3)
18-75
15
800
284
88
300
RP12-2405DAW(3)
9-36
±5
±1200
595
84
±1250
RP12-2412DAW(3)
9-36
±12
±500
575
87
±200
RP12-2415DAW(3)
9-36
±15
±400
575
87
±120
RP12-4805DAW(3)
18-75
±5
±1200
294
85
±1250
RP12-4812DAW(3)
18-75
±12
±500
287
87
±200
RP12-4815DAW(3)
18-75
±15
±400
287
87
±120
UL60950-1 Certified
Input Voltage
Output Voltage
Single or Dual
RP12-__ __ _AW/_
Package(3)
Ordering Examples:
RP12-2412SAW/SMD = 24V Input, 12V Output, Single, SMD Package.
Model Numbering
Notes:
Note1: Maximum value at nominal input voltage and full load.
Note2: Test by minimum Vin and constant resistor load.
Notes:
Note3: no suffix for standard package (DIP24), add suffix „SMD“ for SMD package


Similar Part No. - RP12-AW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP12-A RECOM-RP12-A Datasheet
501Kb / 7P
   12 Watt DIP24/SMD Single & Dual Output
RP12-AR RECOM-RP12-AR Datasheet
816Kb / 8P
   12 Watt 1 x 1 Single and Dual Output
More results

Similar Description - RP12-AW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP12-A RECOM-RP12-A Datasheet
501Kb / 7P
   12 Watt DIP24/SMD Single & Dual Output
RP12-122.5SA RECOM-RP12-122.5SA_07 Datasheet
96Kb / 4P
   12 Watt DIP24 & SMD, Single & Dual Output
RP12-243.3SAW RECOM-RP12-243.3SAW Datasheet
91Kb / 3P
   12 Watt DIP24 & SMD, Single & Dual Output
RP12-122.5SA RECOM-RP12-122.5SA Datasheet
93Kb / 4P
   12 Watt DIP24 Single & Dual Output
RP1P5 RECOM-RP1P5 Datasheet
100Kb / 4P
   1.5 Watt DIP24 & SMD, Single & Dual Output
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC8 RECOM-REC8 Datasheet
125Kb / 3P
   8 Watt DIP24 & SMD Single & Dual Output
RP08-A RECOM-RP08-A Datasheet
499Kb / 7P
   8 Watt DIP24/SMD Single & Dual Output
REC3-053.3SR RECOM-REC3-053.3SR Datasheet
74Kb / 2P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-S_DRW RECOM-REC3-S_DRW Datasheet
135Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com