Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP10-1205SA Datasheet(PDF) 4 Page - Recom International Power

Part # RP10-1205SA
Description  10 Watt Single & Dual Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP10-1205SA Datasheet(HTML) 4 Page - Recom International Power

  RP10-1205SA Datasheet HTML 1Page - Recom International Power RP10-1205SA Datasheet HTML 2Page - Recom International Power RP10-1205SA Datasheet HTML 3Page - Recom International Power RP10-1205SA Datasheet HTML 4Page - Recom International Power RP10-1205SA Datasheet HTML 5Page - Recom International Power RP10-1205SA Datasheet HTML 6Page - Recom International Power RP10-1205SA Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PD-4
REV.: 0/2016
www.recom-power.com
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP10-A
Series
PROTECTION
Parameter
Condition
Value
Short Circuit Protection (SCP)
continuous, automatic recovery
Over Voltage Protection (OVP)
Zener Diode Clamp
3.3Vout
5Vout
12Vout
15Vout
24Vout
3.7 - 5.4V
6.3 - 7.4V
13.5 - 19.6V
18.3 - 22.0V
29.1 - 32.5V
Over Load Protection (OLP)
Hiccup mode
150% typ.
Isolation Voltage
I/P to O/P
I/P (O/P) to case
1.6kVDC/1 minute
1.0kVDC/1 minute
Isolation Resistance
tested with 500VDC
1G
Ω min.
Isolation Capacitance
1500pF max.
Notes:
Note5: This power module is not internally fused. An input line fuse must always be used.
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
12.12
12.24
12.36
12.48
12.60
12.72
12.84
12.96
13.08
13.20
Volts
R
U =
203.22
99.06
64.33
46.97
36.56
29.61
24.65
20.93
18.04
15.72
KOhms
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout =
11.88
11.76
11.64
11.52
11.40
11.28
11.16
11.04
10.92
10.8
Volts
R
D =
776.56
380.72
248.78
182.81
143.22
116.83
97.98
83.85
72.85
64.06
KOhms
RP10-xx12SA
RP10-xx15SA
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
24.24
24.48
24.72
24.96
25.20
25.44
25.68
25.92
26.16
26.40
Volts
R
U =
570.33
278.67
181.44
132.83
13.67
84.22
70.33
59.92
51.82
45.33
KOhms
Trim up
11
12
13
14
15
16
17
18
19
20
%
Vout =
26.64
26.88
27.12
27.36
27.60
27.84
28.08
28.32
28.56
28.80
Volts
R
U =
40.03
35.61
31.87
28.67
25.89
23.46
21.31
19.41
17.70
16.17
KOhms
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout =
23.76
23.52
23.28
23.04
22.80
22.56
22.32
22.08
21.84
21.60
Volts
R
D =
4947.67
2439.33
1603.22
1185.17
934.33
767.11
647.67
558.08
488.41
432.67
KOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
15.15
15.30
15.45
15.60
15.75
15.90
16.05
16.20
16.35
16.50
Volts
R
U =
161.56
78.22
50.45
36.56
28.22
22.67
18.70
15.72
13.41
11.56
KOhms
Trim up
11
12
13
14
15
16
17
18
19
20
%
Vout =
16.65
16.80
16.95
17.10
17.25
17.40
17.55
17.70
17.85
18.00
Volts
R
U =
10.04
8.78
7.71
6.80
6.00
5.31
4.69
4.15
3.66
3.22
KOhms
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout =
14.85
14.70
14.55
14.40
14.25
14.10
13.95
13.80
13.65
13.50
Volts
R
D =
818.22
401.56
262.67
193.22
151.56
123.78
103.94
89.06
77.48
68.22
KOhms
RP10-xx24SA


Similar Part No. - RP10-1205SA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP10-1205SE RECOM-RP10-1205SE Datasheet
101Kb / 5P
   10 Watt 2inch x 1inch Package Single & Dual Output
RP10-1205SE RECOM-RP10-1205SE Datasheet
101Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
RP10-1205SE RECOM-RP10-1205SE Datasheet
593Kb / 7P
   10 Watt Single & Dual Output
RP10-1205SEM2 RECOM-RP10-1205SEM2 Datasheet
101Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
RP10-1205SEN RECOM-RP10-1205SEN Datasheet
101Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
More results

Similar Description - RP10-1205SA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP10-AW RECOM-RP10-AW Datasheet
521Kb / 7P
   10 Watt Single & Dual Output
RP10-E RECOM-RP10-E Datasheet
593Kb / 7P
   10 Watt Single & Dual Output
REC10-M RECOM-REC10-M Datasheet
105Kb / 2P
   10 Watt Single & Dual Output
RAC10-S-DC-277 RECOM-RAC10-S-DC-277 Datasheet
106Kb / 4P
   10 Watt Single / Dual Output
RP10-EW RECOM-RP10-EW Datasheet
495Kb / 7P
   10 Watt Single & Dual Output
RAC10-3.3SA RECOM-RAC10-3.3SA Datasheet
87Kb / 2P
   10 Watt Single & Dual Output
RAC10-S-DA RECOM-RAC10-S-DA Datasheet
87Kb / 2P
   10 Watt Single/Dual Output
RAC10-C-277 RECOM-RAC10-C-277 Datasheet
105Kb / 4P
   10 Watt Single / Dual Output
logo
RSG Electronic Componen...
RV1-S10-D10 RSG-RV1-S10-D10 Datasheet
142Kb / 4P
   10 Watt regulated single & dual output
logo
Recom International Pow...
RP10-RAW RECOM-RP10-RAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com