Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP08-1215SA Datasheet(PDF) 3 Page - Recom International Power

Part # RP08-1215SA
Description  8 Watt DIP24/SMD Single & Dual Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP08-1215SA Datasheet(HTML) 3 Page - Recom International Power

  RP08-1215SA Datasheet HTML 1Page - Recom International Power RP08-1215SA Datasheet HTML 2Page - Recom International Power RP08-1215SA Datasheet HTML 3Page - Recom International Power RP08-1215SA Datasheet HTML 4Page - Recom International Power RP08-1215SA Datasheet HTML 5Page - Recom International Power RP08-1215SA Datasheet HTML 6Page - Recom International Power RP08-1215SA Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
REGULATIONS
Parameter
Condition
Value
Output Voltage Accuracy
±1.0% max.
Line Voltage Regulation
low line to high line
±0.2% max.
Load Voltage Regulation
Single (0% to 100% load)
DIP24
SMD
±0.5%
±1%
Dual (0% to 100% load) DIP24, SMD
±1%
Cross Regulation
asymmetrical 25%<>100% load
±5%
Transient Response recovery time
25% load step change
200μs typ.
RP08-A
Series
Efficiency vs. Output Current
Efficiency vs. Output Current
Efficiency vs. Input Voltage
Efficiency vs. Input Voltage
PD-3
REV.: 1/2016
www.recom-power.com
Input Voltage [VDC]
18
60
65
70
75
80
90
22
24
28
32
36
20
26
30
34
85
Input Voltage [VDC]
36
60
65
70
75
80
90
44
48
56
66
75
40
52
60
72
85
RP08-4805SA
RP08-2405SA
18Vin
24Vin
36Vin
Output Current [%]
10
60
55
50
45
40
65
70
75
80
90
95
20
40
60
80
100
30
50
70
90
85
36Vin
48Vin
75Vin
Output Current [%]
10
60
55
50
40
45
65
70
75
80
90
95
20
40
60
80
100
30
50
70
90
85


Similar Part No. - RP08-1215SA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP08-1215SA RECOM-RP08-1215SA Datasheet
93Kb / 2P
   POWERLINE - DC/DC - CONVERTER
RP08-1215SA RECOM-RP08-1215SA Datasheet
103Kb / 4P
   8 Watt DIP24 & SMD, Single & Dual Output
RP08-1215SA RECOM-RP08-1215SA Datasheet
94Kb / 4P
   8 Watt DIP24 & SMD, Single & Dual Output
RP08-1215SASMD RECOM-RP08-1215SASMD Datasheet
94Kb / 4P
   8 Watt DIP24 & SMD, Single & Dual Output
More results

Similar Description - RP08-1215SA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC8 RECOM-REC8 Datasheet
125Kb / 3P
   8 Watt DIP24 & SMD Single & Dual Output
RP08-123.3SA RECOM-RP08-123.3SA Datasheet
103Kb / 4P
   8 Watt DIP24 & SMD, Single & Dual Output
RP08-AW RECOM-RP08-AW Datasheet
515Kb / 7P
   8 Watt DIP24/SMD Single & Dual Output
RP08-123.3SA RECOM-RP08-123.3SA_07 Datasheet
94Kb / 4P
   8 Watt DIP24 & SMD, Single & Dual Output
RP08-243.3SAW RECOM-RP08-243.3SAW Datasheet
94Kb / 3P
   8 Watt DIP24 & SMD, Single & Dual Output
RP1P5 RECOM-RP1P5 Datasheet
100Kb / 4P
   1.5 Watt DIP24 & SMD, Single & Dual Output
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC3-053.3SR RECOM-REC3-053.3SR Datasheet
74Kb / 2P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-S_DRW RECOM-REC3-S_DRW Datasheet
135Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
RP03-0533SG RECOM-RP03-0533SG Datasheet
99Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com