Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP08-1212SA Datasheet(PDF) 4 Page - Recom International Power

Part # RP08-1212SA
Description  8 Watt DIP24/SMD Single & Dual Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP08-1212SA Datasheet(HTML) 4 Page - Recom International Power

  RP08-1212SA Datasheet HTML 1Page - Recom International Power RP08-1212SA Datasheet HTML 2Page - Recom International Power RP08-1212SA Datasheet HTML 3Page - Recom International Power RP08-1212SA Datasheet HTML 4Page - Recom International Power RP08-1212SA Datasheet HTML 5Page - Recom International Power RP08-1212SA Datasheet HTML 6Page - Recom International Power RP08-1212SA Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP08-A
Series
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
without derating
with derating
-40°C to +80°C
-40°C to +100°C
Maximum Case Temperature
+100°C
Temperature Coefficient
±0.02%/°C max.
Thermal Impedance
Natural convection (20LFM)
20°C/Watt typ.
Operating Humidity
non-condensing
5% - 95% RH
Shock
MIL-STD-810F
Vibration
MIL-STD-810F
MTBF
MIL-HDBK-217F
BELLCORE TR-NWT-000332(7)
3543 x 103 hours
3165 x 10³ hours
Notes:
Note7: BELLCORE TR-NWT-000332. Case l: 50% Stress, Temperature at 40°C (Ground fixed and controlled environment).
Note8: Derating graphs are valid only for the shown part numbers. If you need detailed derating-information about a part-number not shown here
please contact our technical support service at techsupportAT@recom-power.com.
-40
60
80 100
40
20
0
-20
0
20
40
60
80
100
Ambient Temperature [°C]
Derating Graph(8)
RP08-1212SA
PROTECTIONS
Parameter
Condition
Value
Short Circuit Protection (SCP)
continuous, automatic recovery
Over Load Protection (OLP)
% of Iout rated
150% typ.
Isolation Voltage
DIP24
I/P to O/P
I/P (O/P) to case
1.6kVDC/1 minute
1.6kVDC/1 minute
SMD
I/P to O/P
I/P (O/P) to case
1.6kVDC/1 minute
1.0kVDC/1 minute
Isolation Resistance
500VDC
1G
Ω min.
Isolation Capacitance
300pF max.
Notes:
Note6: This power module is not internally fused. An input line fuse must always be used.
PD-4
REV.: 1/2016
www.recom-power.com


Similar Part No. - RP08-1212SA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP08-1212SA RECOM-RP08-1212SA Datasheet
93Kb / 2P
   POWERLINE - DC/DC - CONVERTER
RP08-1212SA RECOM-RP08-1212SA Datasheet
103Kb / 4P
   8 Watt DIP24 & SMD, Single & Dual Output
RP08-1212SA RECOM-RP08-1212SA Datasheet
94Kb / 4P
   8 Watt DIP24 & SMD, Single & Dual Output
RP08-1212SASMD RECOM-RP08-1212SASMD Datasheet
94Kb / 4P
   8 Watt DIP24 & SMD, Single & Dual Output
More results

Similar Description - RP08-1212SA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC8 RECOM-REC8 Datasheet
125Kb / 3P
   8 Watt DIP24 & SMD Single & Dual Output
RP08-123.3SA RECOM-RP08-123.3SA Datasheet
103Kb / 4P
   8 Watt DIP24 & SMD, Single & Dual Output
RP08-AW RECOM-RP08-AW Datasheet
515Kb / 7P
   8 Watt DIP24/SMD Single & Dual Output
RP08-123.3SA RECOM-RP08-123.3SA_07 Datasheet
94Kb / 4P
   8 Watt DIP24 & SMD, Single & Dual Output
RP08-243.3SAW RECOM-RP08-243.3SAW Datasheet
94Kb / 3P
   8 Watt DIP24 & SMD, Single & Dual Output
RP1P5 RECOM-RP1P5 Datasheet
100Kb / 4P
   1.5 Watt DIP24 & SMD, Single & Dual Output
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC3-053.3SR RECOM-REC3-053.3SR Datasheet
74Kb / 2P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-S_DRW RECOM-REC3-S_DRW Datasheet
135Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
RP03-0533SG RECOM-RP03-0533SG Datasheet
99Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com